Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download 27DP-LP-08DW-CR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 27DP Series
SMB Type Connectors
27DP series are connectors produced based on
SMB type (Sub-Miniature type B) specified in MIL-C-39012. 27DP is super small size coaxial cable connectors for 50 group corresponding to minimization of communication equipment. Connection method is push-on type, and fixing method cable is by crimping or soldering.
CONFORMING STANDARD
JIS-C-5415 MIL-C-39012 DSP-C-6205
SPECIFICATION
Characteristic Impedance Dielectric withstanding voltage Insulation resistance Contact resistance VSWR 50 1000V AC (rms) for 1 minute 1000Mmin. at 500V DC 6m max. 1.2max. at DC2GHz
Specifications depends on each connector although these are basic specifications.
MATERIAL/FINISH
Shell (Body) Contact (male) Contact (female) Insulators Copper alloy/Gold or Nickel plating Copper alloy/Gold plating Copper alloy/Gold plating PTFE
Please ask us for the cable assemblies to assure its performance.
1
27DP Series
Unit : mm
Plug Crimp Type
A 6
P/N 27DP-P-1.5QEV-AA
Applicable Cable 1.5DS-QEHV 1.5D-QEV 1.5D-2W 1.5D-QEW 1.5D-2W 1.5D-QEW 1.5D-HQ SUPER 2.5D-HQ SUPER 2.5D-2VS
A 4.8 4.8 4.8 4.8 5.9 5.9
L 17.5 17.5 17.5 18.1 18.2 18.3
Finish Shell Ni Ni Au Ni Ni Ni Contact Au Au Au Au Au Au
Hand Crimp Tool P/N CR-H-1160 CR-H-1160 CR-H-1160 CR-H-1156 CR-H-1163 CR-H-1163
L
27DP-P-1.5QEW-AA 27DP-P-1.5QEW-AA-D1 27DP-SP-1.5DHQS-CR1 27DP-SP-2.5DHQS-CR1 27DP-SP-2.5DVS-CR1
Semi-Flexible Cable Type
4 6
P/N 27DP-SP-FCCAV1-SO
Applicable Cable FCCAVG1
Finish Shell Ni Contact Au
12.1
Right Angle Plug Crimp Type
P/N
L2
Applicable Cable 0.8D-QEW 1.5DS-QEHV 1.5D-QEV 1.5D-QEW 1.5D-QEW
A 3.4 4.8 4.8 4.8
L1 13.2
L2 14.4
Finish Shell Ni Ni Ni Au Contact Au Au Au Au
Hand Crimp Tool P/N CR-H-K0012-04 CR-H-1160 CR-H-1160 CR-H-1160
27DP-LP-0.8DW-CR1 27DP-LP-1.5QEV-AA
13.2 14.0 13.2 14.0 13.2 14.0
A L1
27DP-LP-1.5QEW-AA 27DP-LP-1.5QEW-AA-D1
6
P/N 27DP-LP-1.5DW-CR1
L2
Applicable Cable 1.5D-QEW 1.5D-HQ SUPER 1.5D-QEV 2.5D-HQ SUPER 2.6D-XFV-A
A
L1
L2
Finish Shell Ni Ni Ni Contact Au Au Au
Hand Crimp Tool P/N CR-H-1156 CR-H-1156 CR-H-1163
4.8 10.0 14.0 4.8 10.0 14.0 5.9 11.0 14.0
27DP-LP-1.5DHQS-CR1 27DP-LP-2.5DHQS-CR1
A L1
2
27DP Series
Unit : mm
Right Angle Plug Semi-Flexible Cable Type
P/N
9.3
Applicable Cable FCCAVG1
Finish Shell Ni Contact Au
27DP-LP-FCCAV1-SO-1
9.7
3
27DP Series
Unit : mm
Jack Semi-Flexible Cable Type
Finish Shell Ni Contact Au
P/N
6.0
Applicable Cable FCCAVG1
27DP-SJ-FCCAV1-SO
11.8
P/N
6.0
Applicable Cable FCCAVG2
Finish Shell Ni Contact Au
27DP-SJ-FCCAV2-SO
12.5
4
27DP Series
Unit : mm
Bulkhead Jack Crimp Type
Applicable Cable 1.5D-QEW Finish Shell Ni Contact Au Hand Crimp Tool P/N CR-H-1156
7.9
6
P/N 27DP-BJ-1.5DW-CR1
2.5MAX 19.4
8
Mounting Hole
1.2 -0
+01
5.2 +01 -0
Semi-Flexible Cable Type
Finish Shell Ni Contact Au
3.2 -0
+0.1
6.0
7.9
P/N 27DP-BJ-FCCAV1-SO
Applicable Cable FCCAVG1
2.5MAX 14.3
3.43
Mounting Hole
1.2 -0
+01
5.2 +01 -0
3.2 -0
+0.1
5
27DP Series
Unit : mm
Receptacle
Finish Shell Ni Contact Au
P/N 27DP-SR-PC-1
4- 0.7 5.7 9.8 7.3
PCB Mounting Dimensions
5-1.2
+0.1 -0
2.54 0.05 2.54 0.05 5.08 0.1
5.08 0.1
P/N 27DP-SR-PC-5
4- 0.7 5.7 9.85 12.3
Finish Shell Ni Contact Au
PCB Mounting Dimensions
5-1.2
+0.1 -0
2.54 0.05 2.54 0.05 5.08 0.1
5.08 0.1
5.9
P/N
3.06 1 1.7 9.5 16.5 4 3
Finish Shell Ni Contact Au
5.9 9.5
4-2.4
27DP-SR-1
6
27DP Series
Unit : mm
Receptacle
3.08 1
5.9
P/N
1.7 9.5 1. 7 12.7
Finish Shell Ni Contact Au
5.9 9.5
4-2.4
27DP-SR-2
1.5
2-2.75
12.2 16.8
P/N
3.08 1
Finish Shell Ni Contact Au
27DP-SR2-3
24 1.65 9.8 15.5
5.8
2-2.2
4.5
0.3
13 3.1
P/N 27DP-SR2-14
Finish Shell Ni Contact Au
9
5.8
1.2 2 4.5 9.1 13.6
2-2.2 0.3 9 4.5
13 3.1
P/N
1.2
Finish Shell Ni Contact Au
27DP-SR2-16
5.8
10 12.5 23.6
11.1
2-2.75
P/N
16.8 3.08 12.2
Finish Shell Ni Contact Au
27DP-SR2-17
1.65 5 1 9.5 15.5
5.8
7
27DP Series
Unit : mm
Right Angle Receptacle
Finish Shell Ni Au Contact Au Au
P/N
4.55 9.9
27DP-LR-PC-1 27DP-LR-PC-1-D1
12
2.5
P/N
4.55 8.9
Finish Shell Ni Contact Au
27DP-LR-PC-5
12
1.5
4.55
9.9
P/N 27DP-LR-PC-10
Finish Shell Ni Contact Au
7.5 14.2
2.5
5.05
10.4
P/N 27DP-LR-PC-11
Finish Shell Ni Contact Au
7.5 14.2
PCB Mounting Dimensions
5-1.2
+0.1 -0
2.54 0.05
2.54 0.05 5.08 0.1
5.08 0.1
2.5
8
27DP Series
Unit : mm
Bulkhead Receptacle
Finish Shell Ni Ni Contact Au Au
B
A
P/N 27DP-BR-9 27DP-BR-11
D
A 7.0 6.2
B 0.5 0.8
C 2.2 3.0
D 6.0 5.4
L 12.9 13.7
1 2.3 L
C
Plug Receptacle
4-2.4 3.08 1
P/N
8.64
Finish Shell Ni Contact Au
27DP-PR-1
1.65 3 4 9.7 16.7 8.64 12.7
2-2.7 3.08 1
P/N
6 17 12.2
Finish Shell Ni Contact Au
27DP-PR2-2
2
4
1.65 9.7 15.7
5.8
Right Angle Plug Receptacle
Finish Shell Ni Contact Au
P/N
10.1 9.9
27DP-LPR-PC
12.2
PCB Mounting Dimensions
5-1.2
+0.1 -0
2.54 0.05 2.54 0.05 5.08 0.1
5.08 0.1
9


▲Up To Search▲   

 
Price & Availability of 27DP-LP-08DW-CR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X