Part Number Hot Search : 
1660CT NE9000XX IP125 C18F67 CONDUCTO SMLJ16 TMH2415D EU13003
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148W
Elektronische Bauelemente Surface Mount Fast Switching Diode
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
DESCRIPTION
Fast switching speed Ultra-Small surface mount package For general purpose switching applications High conductance Also available in lead-free version
D
SOD-123
1
Cathode Band
H G
2
MECHANICAL DATA
Case: SOD-123, Plastic Epoxy: UL 94V-0 rate flame retardant Metallurgically bonded construction Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.0094 grams
C
F
B
A
E
J
REF. A B C D E
MARKING
T4
Millimeter Min. Max. 1.05 1.25 0.10 REF. 1.05 1.15 0.45 0.65 0.08 0.15
REF. F G H J
Millimeter Min. Max. 1.50 1.70 2.60 2.80 3.55 3.85 0.50 REF.
ABSOLUTE MAXIMUM RATINGS
(at Ta = 25C unless otherwise specified, single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.)
Parameter
Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating Temperature, Storage Temperature @ t = 1.0s @ t = 1.0s
Symbol
VRM VRRM VRWM VR VR(RMS) IFM IO IFSM PD RJA TJ, TSTG
Value
100 75
Unit
V V
53 300 150 2.0 1.0 400 318 -65 ~ 150
V mA mA A mW /W
ELECTRICAL CHARACTERISTICS (at Ta = 25C unless otherwise specified)
Parameters
Reverse Breakdown Voltage
Symbol
VRM
Min.
75
Max.
0.715 0.855 1.0 1.25 2.5 50 30 25 2.0 4.0
Unit
V
Test Conditions
IR = 1.0A IF = 1.0 mA IF = 10 mA IF = 50 mA IF = 150 mA VR = 75V VR = 75V, TJ = 150 C VR = 25V, TJ = 150 C VR = 20V VR = 0, f = 1.0 MHz IF = IR = 10mA, Irr = 0.1x IR, RL = 100
Forward Voltage (Note 2)
VFM
-
V
Peak Reverse Current (Note 2)
IRM
-
A A A nA pF nS
Total Capacitance Reverse Recovery Time NOTES:
CT tRR
-
1. Part mounted on FR-4 PC board with recommended pad layout 2. Short duration test pulse used to minimize self-heating effect.
01-Jun-2004 Rev. B
Page 1 of 2
1N4148W
Elektronische Bauelemente Surface Mount Fast Switching Diode
RATINGS AND CHARACTERISTIC CURVES (1N4148W)
300
1000
IF, INSTANTANEOUS FORWAR DCURRENT (mA)
PD, POWER DISSIPATION (mW)
100
200
10
1.0
100
0.1
0 0 25 50 75 100 125 150
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Forward Characteristics
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
10,000
IR, LEAKAGE CURRENT (nA)
1000
100
10
V R = 20V
1 0 100 200 Tj , JUNCTION TEMPERATURE (C) Fig. 3 Leakage Current vs Junction T emperature
01-Jun-2004 Rev. B
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X