Part Number Hot Search : 
C4020 PR1001 FT639 KBPC5 ATS02 TMP8255A 2N5442 AHA3431
Product Description
Full Text Search
 

To Download 190-01918-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5015 Type Connectors
Shell Size
190-015 Composite Plug, 190-016 Composite Jam Nut Receptacle & 190-019 Composite Box Mount Receptacle
190-015-14S-5 P N M Basic Part Number 190-015 = Plug Assy 190-016 = Jam Nut Receptacle Assy 190-019 = Box Mount Receptacle Assy M = Molding Adapter, (190-015 and 190-016 Only) Omit for None Alternate Insert Position (See Page 27) N for Normal Contact Style - P = Pins, S = Sockets Insert Arrangement Dash No.
40% Glass Filled Ryton Engineering Composite Thermoplastic
190-015 Plug Assembly
D Thread Master Keyway 3.00 (76.2) Max Gland Seal Internal Mechanical Strain Relief
A Dia (Typ)
Cable Range
2.10 (53.3) Max .125 (3.2) Typ.
Castellation Style Mfr. Option (Typ.)
Sym M Molding Adapter Option
C Thread
Cable Range
For Environmental Dust Covers Ref. Glenair P/N 667-009 (plug) and 667-010 (receptacle)
190-016 Jam Nut Receptacle Assembly
G Dia
O-Ring Panel .156 (4.0) Max .030 (.8) Min B Thread D Thread
190-019 Box Mount Receptacle Assembly
C
Polarizing Key
B
.540 (13.7) 1.620 (41.1) Max
E Hole Thru
See Note 1 G.M.P.T
Polarizing Key
D Thread L J Recommended Panel Cutout A
K H Insert arrangement with solder pot contacts, see face views and part number development or Note 1
NOTE: 1. Insert arrangement with solder pot contacts, see face views and part number development
H F
Metric dimensions (mm) are indicated in parentheses
(c) 2003 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 26
190-015 Composite Plug, 190-016 Composite Jam Nut Receptacle & 190-019 Composite Box Mount Receptacle
Insert Arrangements
Shell Size - Insert Arrangement Dash No. Contact Size & Quantity MS Service Rating Available Alternate Insert Positions (Degrees rotation clockwise looking into the front of the pin insert) 10SL-4 2 - #16 A n/a 10SL-3 3 - #16 A n/a 14S-2 4 - #16 INST. X=120, Y= 240 14S-5 5 - #16 INST. n/a 14S-6 6 - #16 INST. n/a 14S-10 10 - #20 INST. n/a 16-2 18-1 3 - #12, 6 - #20 10 - #16 INST. 4 A, 6 Inst. n/a W=70, X=145, Y=215, Z=290
DIMENSIONAL DETAILS (190-019)
Shell A B Sq E F G H C D Thread +.031 (0.8) +.010 (0.3) -.005 (0.1) Max M.P.T. +.031 (0.8) -.000 Size Max +.005 (0.1) Class 2A .120 (3.0) 1.000 (25.4) .375 (9.5) .562 (14.3) 10SL .609 (15.5) 1.000 (25.4) .719 (19.3) .625 - .1P-.1L .120 (3.0) 1.000 (25.4) .375 (9.5) .562 (14.3) 14S .733 (18.6) 1.188 (30.2) .906 (25.7) .875 - .1P-.1L 1.120 (28.4) .625 (15.9) .724 (18.4) .120 (3.0) 18 .975 (24.8) 1.375 (34.9) 1.062 (32.0) 1.125 - .1P-.1L
DIMENSIONAL DETAILS (190-015)
Shell D Thread Size Class 2B 10SL .625 - .1P-1L 14S .875 - .1P-1L 18 1.125 - .1P-1L Standard Cable Range Length Min Max Max .203 (5.2) .375 (9.5) 3.000 (76.2) .203 (5.2) .375 (9.5) 3.000 (76.2) .328 (8.3) .500 (12.7) 3.000 (76.2)
DIMENSIONAL DETAILS (190-016)
Shell B Thread D Thread D Dia E Dia F G H Cable C Thread Size Class 2A Class 2A Max +.010 (0.3) -.000 +.010 (0.3) -.000 Dia (Flats) Max Min Class 2A 10SL 3/4 - 20 UNEF 5/8 - 24 UNEF .625 - .1P-.1L 1.100 (27.9) .760 (19.3) .710 (18.0) .938 (23.8) 1.090 (27.7) .210 (5.3) 14S .875 - .1P-.1L 1.450 (36.8) 1.010 (25.7) .960 (24.4) 1.250 (31.8) 1.440 (36.6) .210 (5.3) 1 - 20 UNEF 7/8 - 20 UNEF 18 1 1/4 - 18 UNEF 1 1/8 - 16 UN 1.125 - .1P-.1L 1.750 (44.5) 1.260 (32.0) 1.210 (30.7) 1.500 (38.1) 1.730 (43.9) .310 (7.9)
* Cable Range Min. Not Applicable with Molding Adapter Option
Range* Max .312 (7.9) .312 (7.9) .438 (11.1)
PERFORMANCE RATINGS Products are manufactured from a 40% glass filled Ryton engineering plastic--a high temperature, injection molded material with good mechanical properties and excellent chemical resistance at elevated temperatures, up to 500o F.
Shell, Barrel, Coupling Nut and Rear Accy Hdwr. Insulator, O-Ring, Grommet Grommet Follower (Plug Assy) Contacts Contact Current Rating Rated Operating Voltage Dielectric Withstanding Voltage (Hi-Pot) Insulation Resistance Temperature Range High Grade Engineering Thermoplastic Nitrile/Neoprene Nylon Gold Plated Copper Alloy With Solder Pots #12: 12.5 Amps; #16: 10 Amps; #20: 7.5 Amps Service Rating INST - 250 VDC Service Rating A - 700 VDC Service Rating INST - 1000 VRMS Service Rating A - 2000 VRMS 5000 Megohms minimum at 500 VDC and +25C -55C to +125C
(c) 2003 Glenair, Inc.
1. Metric dimensions (mm) are indicated in parentheses. 2. Electrical safety limits must be established by the user. Peak voltages, switching surges, etc., should be used to determine the safety of application. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com 27
5015 Type Connectors


▲Up To Search▲   

 
Price & Availability of 190-01918-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X