Part Number Hot Search : 
2SA841 13005 087381 TC406 AN3594K AD9957 90ECB 20F6TR
Product Description
Full Text Search
 

To Download 180-091NGS7-11-8PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors
Product Series Basic Number Finish Symbol (Table II) Wall Mount Receptacle with Slotted Holes See Notes 3 and 4
B SQ 4X F
180-091 (S7 - Square Flange Wall Mount) Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style with Slotted Holes
180-091 XW S7-17-8 P N
Alternate Key Position per MIL-DTL-38999 A, B, C, D, or E (N = Normal) Insert Designator P = Pin S = Socket Insert Arrangement (See page B-10) Shell Size (Table I)
2X C BSC 2X D BSC See Note 7
Master Keyway A Thread
1.240 (31.5) Max H G
See Note 2
4X E .005 (0.1) M
.520 (13.2) Max Fully Mated Red Indicator Band
J Thread Yellow Color band Blue Color Band See Note 5
S7 - WALL MOUNT RECEPTACLE WITH SQUARE FLANGE AND SLOTTED HOLES
APPLICATION NOTES
1. Material/ Finishes: Shell - See Table II Insulators- High Grade Rigid Dielectric/ N.A Seals- Fluorosilicone/ N.A. 2. Assembly to be identified with Glenair's name, part number and date code space permitting. 3. Insert arrangement in accordance with MIL-STD-1560, See Page B-10. 4. Insert arrangement shown is for reference only. 5. Blue Color Band indicates rear release retention system. 6. For appropriate Glenair Terminus part numbers see Glenair Drawing 181-001 and 181-002. 7. Front Panel Mount Only. 8. Metric dimensions (mm) are in parentheses.
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-20
180-091 (S7 - Square Flange Wall Mount) Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style with Slotted Holes
TABLE I: SHELL SIZE
Shell Size Code B C D E F G H J Shell Size 11 13 15 17 19 21 23 25 A Thread .7500-.1P-.3L-TS-2A .8750-.1P-.3L-TS-2A 1.0000-.1P-.3L-TS-2A 1.1875-.1P-.3L-TS-2A 1.2500-.1P-.3L-TS-2A 1.3750-.1P-.3L-TS-2A 1.5000-.1P-.3L-TS-2A 1.6250-.1P-.3L-TS-2A B SQ
1.043 (26.5) 1.019 (25.9) 1.138 (28.9) 1.114 (28.3) 1.232 (31.3) 1.208 (30.7) 1.323 (33.6) 1.299 (33.0) 1.449 (36.8) 1.425 (36.2) 1.575 (40.0) 1.551 (39.4) 1.701 (43.2) 1.677 (42.6) 1.823 (46.3) 1.799 (45.7)
C BSC .812 (20.6) .906 (23.0) .969 (24.6) 1.062 (27.0) 1.156 (29.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1)
D BSC* .719 (18.3) .812 (20.6) .906 (23.0) .969 (24.6) 1.062 (27.0) 1.156 (29.4) 1.250 (31.8) 1.375 (34.9)
E
.136 (3.5) .120 (3.0) .136 (3.5) .120 (3.0) .136 (3.5) .120 (3.0) .136 (3.5) .120 (3.0) .136 (3.5) .120 (3.0) .136 (3.5) .120 (3.0) .162 (4.1) .146 (3.7) .162 (4.1) .146 (3.7)
F
.202 (5.1) .186 (4.7) .202 (5.1) .186 (4.7) .202 (5.1) .186 (4.7) .202 (5.1) .186 (4.7) .202 (5.1) .186 (4.7) .202 (5.1) .186 (4.7) .250 (6.4) .234 (5.9) .250 (6.4) .234 (5.9)
G
.144 (3.7) .083 (2.1) .144 (3.7) .083 (2.1) .144 (3.7) .083 (2.1) .144 (3.7) .083 (2.1) .144 (3.7) .083 (2.1) .171 (65.2) .083 (39.8) .171 (65.2) .083 (39.8) .171 (65.2) .083 (39.8)
H
.823 (20.9) .768 (19.5) .823 (20.9) .768 (19.5) .823 (20.9) .768 (19.5) .823 (20.9) .768 (19.5) .823 (20.9) .768 (19.5) .791 (20.0) .736 (18.7) .791 (20.0) .736 (18.7) .791 (20.0) .736 (18.7)
J Thread M15 x 1.0-6g 0.100R M18 x 1.0-6g 0.100R M22 x 1.0-6g 0.100R M25 x 1.0-6g 0.100R M28 x 1.0-6g 0.100R M31 x 1.0-6g 0.100R M34 x 1.0-6g 0.100R M37 x 1.0-6g 0.100R
*Front Panel Mount Only
TABLE II: FINISH
SYM M NF Aluminum ZNU MATERIAL FINISH Electroless Nickel Cadmium O.D. Over Electroless Nickel Black Chromate overZinc-Nickel over Electroless Nickel Electroless Copper Composite Electroless Nickel Cadmium O.D. Over Electroless Nickel Electroless Nickel Stainless Steel Passivate Electro-Deposited Nickel
XMS XM XW MS Z1 ZL
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-21
MIL-DTL-38999 Connectors


▲Up To Search▲   

 
Price & Availability of 180-091NGS7-11-8PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X