|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
134 RLP 5 Vishay BCcomponents Aluminum Capacitors Radial Low Profile, 5 mm FEATURES 038 RSU 097 RLP 7 * Polarized aluminum non-solid electrolyte electrolytic capacitors, case, higher CV-values 134 RLP 5 5 mm Longer life SMD * Radial leads, cylindrical aluminum insulated with a blue vinyl sleeve * Charge and discharge proof * Very low profile, 5 mm height * Extremely miniaturized RoHS COMPLIANT * Lead (Pb)-free versions are RoHS compliant Fig.1 Component outline 153 CRV APPLICATIONS General purpose, industrial, automotive and audio-video * Coupling, decoupling, smoothing, filtering and timing * High mounting density QUICK REFERENCE DATA DESCRIPTION Nominal case sizes ( O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C Useful life at 85 C Useful life at 40 C, 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068 VALUE 4 x 5 to 6.3 x 5 1.0 to 100 F 20 % 6.3 to 50 V - 40 to + 85 C 1000 hours 1500 hours 40 000 hours 500 hours IEC 60384-4/EN130300 40/085/56 * Portable and mobile equipment (very small size and very low mass), low profile equipment MARKING The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Rated voltage (in V) * Negative terminal identification * Code indicating factory of origin * Name of manufacturer * Date code, in accordance with IEC 60062 * Series number (134) SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm) CR (F) 1.0 2.2 3.3 4.7 10 22 33 47 100 UR (V) 6.3 4x5 5x5 6.3 x 5 10 5x5 16 4x5 5x5 6.3 x 5 25 6.3 x 5 35 4x5 5x5 6.3 x 5 50 4x5 4x5 4x5 5x5 6.3 x 5 - Document Number: 28307 Revision: 15-Oct-08 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com 81 134 RLP 5 Vishay BCcomponents Aluminum Capacitors Radial Low Profile, 5 mm DIMENSIONS in millimeters AND AVAILABLE FORMS OD L + F 0.5 15 min 5 min Od Case O D = 4 to 6.3 mm; pitch F = 5 mm Fig.2 Form CA: Long leads Fig.3 Form TFA: Taped in box (ammopack) pitch F = 2.5 mm Case D = 4 to 6.3 mm Fig.4 Form TNA: Taped in box (ammopack) Table 1 DIMENSIONS in millimeters AND PACKAGING QUANTITIES NOMINAL CASE SIZE ODxL 4x5 5x5 6.3 x 5 CASE CODE 53 54 55 PACKAGING QUANTITIES Od 0.45 0.45 0.45 O Dmax. 4.5 5.5 6.8 Lmax. 6.0 6.0 6.0 F 1.5 0.5 2.0 0.5 2.5 0.5 FORM CA 2000 2000 2000 FORM TFA 2000 2000 2000 FORM TNA 2000 2000 2000 Note Detailed tape dimensions see section `PACKAGING'. www.vishay.com 82 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28307 Revision: 15-Oct-08 134 RLP 5 Aluminum Capacitors Radial Low Profile, 5 mm ELECTRICAL DATA SYMBOL CR IR IL2 tan Z Note Unless otherwise specified, all electrical values in table apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % DESCRIPTION rated capacitance at 120 Hz, tolerance 20 % rated RMS ripple current at 120 Hz, 85 C max. leakage current after 2 minutes at UR max. dissipation factor at 120 Hz max. impedance at 100 kHz Vishay BCcomponents ORDERING EXAMPLE Electrolytic capacitor 134 series 22 F/16 V; 20 % Nominal case size: O 5 x 5 mm; Form TFA Ordering Code: MAL213435229E3 Former 12NC: 2222 134 35229 ELECTRICAL DATA AND ORDERING INFORMATION CR 120 Hz (F) NOMINAL CASE SIZE ODxL (mm) 4x5 5x5 6.3 x 5 5x5 4x5 5x5 6.3 x 5 6.3 x 5 4x5 5x5 6.3 x 5 4x5 4x5 4x5 5x5 6.3 x 5 IR 120 Hz 85 C (mA) 23 38 60 35 20 32 50 45 15 25 40 7.5 12 14 19 29 ORDERING CODE MAL2134....... IL2 2 min (A) tan 120 Hz Z 100 kHz () BULK LONG LEADS FORM CA 3 3 7 4 3 4 8 9 3 4 8 3 3 3 3 5 0.24 0.24 0.24 0.20 0.16 0.16 0.16 0.14 0.12 0.12 0.12 0.10 0.10 0.10 0.10 0.10 11 5.2 3.4 6.0 12 6.4 4.2 4.6 27 17 11 28 26 25 22 14 53229E3 53479E3 53101E3 54339E3 95105E3 55229E3 55479E3 56339E3 50478E3 50109E3 50229E3 91105E3 91225E3 51338E3 51478E3 51109E3 F (mm) 1.5 2.0 2.5 2.0 1.5 2.0 2.5 2.5 1.5 2.0 2.5 1.5 1.5 1.5 2.0 2.5 FORM TFA 33229E3 33479E3 33101E3 34339E3 95103E3 35229E3 35479E3 36339E3 30478E3 30109E3 30229E3 91103E3 91223E3 31338E3 31478E3 31109E3 TAPED AMMOPACK F (mm) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 FORM TNA 73229E3 73479E3 73101E3 74339E3 95107E3 75229E3 75479E3 76339E3 70478E3 70109E3 70229E3 91107E3 91227E3 71338E3 71478E3 71109E3 F (mm) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 UR (V) 22 6.3 47 100 10 33 10 16 22 47 25 33 4.7 35 10 22 1.0 2.2 50 3.3 4.7 10 ADDITIONAL ELECTRICAL DATA PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Resistance Equivalent series resistance (ESR) Calculated from tan max. and CR (see Table 3) ESR = tan /2 f CR After 2 minutes at UR IL2 0.01 CR x UR or 3 A (whichever is greater) Us 1.15 x UR Urev 1 V CONDITIONS VALUE Document Number: 28307 Revision: 15-Oct-08 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com 83 134 RLP 5 Vishay BCcomponents Aluminum Capacitors Radial Low Profile, 5 mm RIPPLE CURRENT AND USEFUL LIFE 3.3 IA IR 3.2 3.1 3.0 CCC205 2.8 2.6 2.4 2.2 0 1. lifetime multiplier 2.0 2. 1. 5 0 1.8 4. 3. 0 1.6 1.4 1.2 1.0 0.8 0.5 0.0 20 30 10 15 0 6 .0 (1) IA = actual ripple current at 120 Hz IR = rated ripple current at 120 Hz, 85 C (1) Useful life at 85 C and I applied: 1500 hours R 50 40 Fig.5 Multiplier of useful life as a function of ambient temperature and ripple current load Table 2 MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY FREQUENCY (Hz) 50 120 400 800 2000 Table 3 IR MULTIPLIER 0.60 1.00 1.20 1.30 1.40 70 50 60 70 80 90 100 Tamb (C) TEST PROCEDURES AND REQUIREMENTS TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300, subclause 4.13 CECC 30301, subclause 1.8.1 PROCEDURE (quick reference) Tamb = 85 C; UR applied; 1000 hours Tamb = 85 C; UR and IR applied; 1500 hours REQUIREMENTS C/C: 20 % tan 2 x spec. limit IL2 spec. limit C/C: 50 % tan 3 x spec. limit Z 3 x spec. limit IL2 spec. limit no short or open circuit total failure percentage: 3 % C/C, tan , Z: for requirements see `Endurance test' above IL2 spec. limit Useful life Shelf life (storage at high temperature) IEC 60384-4/ EN130300, subclause 4.17 Tamb = 85 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement www.vishay.com 84 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28307 Revision: 15-Oct-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of 134RLP508 |