Part Number Hot Search : 
AM447 KBPC101 440FS 65RSWD EVALZ 20437 EVALZ SLC0100
Product Description
Full Text Search
 

To Download 11101BE24P00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 11
PC mount switching solenoid valve
FEATURES * 2-way or 3-way, 2 position valve (NO, NC & Distributor) * Offer a discrete valve design with a 200 million life cycle rating * Available in manifold mounting * Provide a range of electrical coil options, including PC mountable, spade lugs, or wire leads * Powerful enough for a range of uses that require high flow
MEDIA COMPATIBILITY
Gases and selected liquids
PHYSICAL PROPERTIES
Operating environment Storage temperature Length 0 to 70 C -40 to 70 C 43.9 mm (1.73 in) 15.9 mm (0.625 in) 17 mm (0.67 in) 10-32 tapped ports, 1/16, 5/64 or 1/8 in stem barbs 60 g (2.1 oz) 0.026 in3 (without fittings) 40 m None required
WETTED MATERIALS
Body: 360 HO2 brass; 302 series stainless steel (passivated) Stem base: 385 HO2 brass; 303 series stainless steel (passivated) All others: FKM; EPDM; 430 FR series stainless steel (passivated); 302 series stainless steel
Width Height Porting
Weight Internal volume
ELECTRICAL
Power Voltage 0.5, 1.0 or 2.0 W 5, 12, 24 VDC 10%
Filtration (recommended) Lubrication
June 2007 / 259
1/5
www.sensortechnics.com
Series 11
PC mount switching solenoid valve
PERFORMANCE CHARACTERISTICS
Part no.
1110... 1113... 1116... 1112... 1115... 1118...
Pressure
0...100 psig 0...50 psig 0...25 psig 0...70 psig 0...25 psig 0...10 psig
Vacuum
Orifice siz es/ Equivalent CV1
Leak rate2
R esp o n se
<30 msec cycling (2 Watt)
0.030" (0.762 mm)/ 0.017 CV 0...27 "Hg (0...13 psi) 0.050" (1.270 mm)/ 0.035 CV 0.016 sccm (bubble tight)
<30 msec cycling (2 Watt)
FLOW CURVE (typical air flow)3
Notes: 1 The CV value is the volume flow in US gallons/min under specific flow conditions and describes the relative flow capacity of a valve. If several valves with the same nominal diameter are compared, the valve with the highest CV value has the best flow dynamics design. The equivalent european measure is the kV value expressed in m3/h (kV = 0.86 CV). 2 sccm denotes Standard Cubic Centimeters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure. 1000 sccm = 1 slpm. 3 slpm denotes Standard Liters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure. 1 slpm = 1000 sccm.
June 2007 / 259
2/5
www.sensortechnics.com
Series 11
PC mount switching solenoid valve
OUTLINE DRAWING
Basic dimensions
Port and mounting hole diagram
PC mounting diagram
June 2007 / 259
3/5
www.sensortechnics.com
Series 11
PC mount switching solenoid valve
VALVE TYPE
Type 1
Type 2
Type 3
Type 4
June 2007 / 259
4/5
www.sensortechnics.com
Series 11
PC mount switching solenoid valve
COIL STYLES
11...F... (Wire leads, no terminals)
11...P... (PC mount, 4 PC pins)
11...S... (PC mount, 2 solder pads)
BODY STYLES
11...0... (No barbs, face seal to manifold)
11...6... (0.062" barbs, 1/16" I.D. tubing)
11...7... (0.078" barbs, 5/64" I.D. tubing)
11...8... (0.125" barbs, 1/8" I.D. tubing, 1/4" O.D. max.)
STEM STYLES
11...0 (Type 1 top seat, plugged)
11...6 (0.062" top seat, 1/16" I.D. tubing)
11...7 (0.078" top seat, 5/64" I.D. tubing)
11...8 (0.125" top seat, 1/8" I.D. tubing, 1/4" O.D. max.)
ORDERING INFORMATION
Model no. Series Options 11 Max. pressure 10: 0...100 psi 12: 13: 15: 16: 18: 0...70 psi 0...50 psi 0...25 psi 0...25 psi 0...10 psi C oi l Orifice size wattage 0.030" (0.762 mm) 0.050" (1.27 mm) 0.030" (0.762 mm) 0.050" (1.27 mm) 0.030" (0.762 mm) 0.050" (1.27 mm) 2W 2W 1W 1W 0.5 W 0.5 W
*Stainless steel *1/16" barbs not available for 0.050" orifice
Material Type 1: 2-way NC 2: 2-way NO Plunger B ody & se a l BV: brass SV: SS* FK M FK M Voltage 5: 5 V DC Coil type P: 4 PC pins S: 2 solder taps
Pneumatic Pneumatic connection connection body stem 0: no barbs 6: 1/16" barbs 7: 5/64" barbs 8: 1/8" barbs 0: type 1/ none 6: 1/16" barbs* 7: 5/64" barbs 8: 1/8" barbs
12: 12 V D C
3: 3-way NC or BE: brass EPDM distributor 4: 3-way NO
24: 24 VDC Q: Quick connect F: Wire leads, 18", no terminals
Example:
11
10
3
BV
12
P
7
7
Note: Not all combinations might be available. Please contact your nearest Sensortechnics sales representative for further information.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. June 2007 / 259 5/5
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of 11101BE24P00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X