Part Number Hot Search : 
UZ11BSA MX98748 1J682 DTC144T SCM52LPT LH5168H 30344 MAX3241E
Product Description
Full Text Search
 

To Download 110C3-433A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM / FM RADIO TRANSMITTER KEYFOBS
* * * * * * * * *
Highly Secure Protocol 1 - 3 Switch Options Led Indication Of Transmission Directly Compatible With Keeloq Decoder Power Saving Auto Shut Off Feature Automatically Transmits Battery Low Condition. User Customisable Housing Board Level Programming Of Id Range: AM-315MHz upto 50m AM-433MHz upto 100m FM-433MHz upto 150m * EMC & FCC Compliant
DESCRIPTION The RF Solutions KEELOQ range of miniature pocket Keyfob encoders are available as Radio of Infra Red transmitters. When paired with one of the KEELOQ Rx decoder boards, a complete remote control system may be achieved, with comprehensive interfacing capabilities. This may also be high security "code hopping" The keyfobs are housed in a tough ABS enclosure and supplied with Battery ready to operate. An membrane overlay sticker is used to indicate the switch positions which may be customised to incorporate a specific logo or mark.
BLOCK DIAGRAM
9 - 12V
ANTENNA
SW3
SW2
SW1
RF TX 315MHz KEELOQ MCU LED
DS110-5 Sept `06
(c)2006 Reg. No. 227 4001, ENGLAND
Page 1
AM / FM RADIO TRANSMITTER KEYFOBS
`120' Series FM Keyfob Encoders Part Number 120T1-433F 120T2-433F 120T3-433F Description FM Keyfob 1 Sw FM Keyfob 2 Sw FM Keyfob 3 Sw Freq (MHz) 433.92 433.92 433.92 Range** (Metres) 150 150 150 Compatible Decoders RF600D HiRK-433F 008-433F 118-433F 119-433F 105-433F
`110' Series Keyfob Encoders These products use the HCS360 Keeloq Encoder Device Part Number 110C1-315A 110C2-315A 110C3-315A 110C1-315A Description AM Keyfob 1 Sw AM Keyfob 2 Sw AM Keyfob 3 Sw AM Keyfob 1 Sw Freq (MHz) 315 315 315 433.92 Range** (Metres) 50 50 50 100 Compatible Decoders RF600D HiRK-315A 008-315A 118-315A 105-315A
RF600D HiRK-433A 008-433A 110C2-433A AM Keyfob 2 Sw 433.92 100 118-433A 119-433A 110C3-433A AM Keyfob 3 Sw 433.92 100 105-433A ** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by upto 50%
Mechanical Details
66mm
36mm
17mm
Operation
The Tx encoder transmits the KEELOQ code for as long as any push-button switch is depressed. Operation of the Tx encoder buttons will cause either a momentary or a latching action at the Rx decoder, depending on the configuration of the Rx decoder.
Battery Supply
The keyfob is supplied with a standard cigarette lighter 12V battery type GP23A or equivalent.
Low Battery
When the unit measures a low battery voltage level, the data transmitted includes a `Low battery' status flag to the receiver decoder.
DS110-5 Sept `06
(c)2006 Reg. No. 227 4001, ENGLAND
Page 2
AM / FM RADIO TRANSMITTER KEYFOBS
Auto Shutoff Feature
After ~26seconds of continuous transmission the Keyfobs are programmed shut down. This is to prevent the battery being drained through accidental operation (i.e. if it is in the users pocket!). This feature can be removed by re-flash programming of the unit.
License Exemption
The transmitter encoders use EMC compliant radio transmitter modules and complies with ETSI330-220 and ETSI300-683. USA : This device complies with part15 of the FCC rules. Operation is subject to the following two conditions: 1. The device may not cause harmful interference, and 2. This device must accept any interference received including interference that may cause undesired operation.
Technical Specification
Max Storage Temperature -10C to +85C, Max Operating Temperature 0C to +55C
Electrical Characteristics Supply Current (Transmitting) Frequency Frequency Output Power (ERP) @ 433.92 MHz
Min 9 432.90
Typical 12 315.00 433.920
Max 16 434.100 10
Dimension mA MHz MHz mW
Building a Receiver Decoder
Any of the keyfob Tx Encoders may be decoded with one of the complete RF Solutions receiver decoders or by using the appropriate receiver and RF600 decoder I/C. Schematic design is given in the datasheet for RF600 (DS600)
Further Information: Developing a Keeloq Based Decoder System
The RFEVAL3 is an Evaluation Board consisting a receiver decoder board. The board can accept several RF Receivers and RF6000 decoding I/C providing a hardware development platform to enable the integration of remote Control.
* * * * *
Range Testing Encoding / Decoding Testing AM / FM Selection Remote Switching Antenna Evaluation
This enables the engineer to select the optimum radio modules, antenna type and get a radio application working with the minimum time. R. F. Solutions Ltd., Unit 21, Cliffe Industrial Estate, Lewes, E Sussex, BN8 6JL, England Tel +44 (0)1273 898 000 Fax +44 (0)1273 480 661 Email sales@rfsolutions.co.uk http://www.rfsolutions.co.uk
All Trademarks acknowledged and remain the property of the respected owners.
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
DS110-5 Sept `06
(c)2006 Reg. No. 227 4001, ENGLAND
Page 3


▲Up To Search▲   

 
Price & Availability of 110C3-433A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X