Part Number Hot Search : 
STS5PF30 100124AA 24FBXX PST9014 74LCX32 53201 TP12N MT917
Product Description
Full Text Search
 

To Download UTMSE1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Unidirectional Single Channel Integrated Tap Monitors
UTMS Series
Product Description
Oplink's Single Channel Unidirectional Integrated Tap Monitor (UTMS) is a hybrid component that integrates a flat spectral response of a thin-film tap with a high sensitivity PIN photodiode for power monitoring applications. The Unidirectional feature allows power monitoring from input port only. UTMS minimizes component assembly costs and module footprint while increasing module design efficiency by facilitating fiber management. The UTMS integrates the functionality of an optical coupler and a photodiode while delivering low insertion loss and low dark current with high temperature stability over a wide wavelength range. It is compact and easy to mount on a PCB board for module and network system use. Applications include DWDM channel power monitoring, optical network switching/protection monitoring, reconfigurable optical add/drop multiplexers, and gain/attenuation monitoring in amplifier systems. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Functional Diagram
Input
Output
PD
Performance Specificationns
Parameters Specification Unit
Features
1260~1360 2% 5% 10% 1510~1610 mm dB dB dB 14~25 35~65 70~120 0.15 25 33 5 1 20 5 2% 5% 10% 21 16 12 0 to +70 -40 to +85 SMF-28 mA/W dB dB dB nA GHz V mA dBm C C
Operating Wavelength Range Insertion Loss (@ Op, TOp, All SOP, exclude connector) Polarization Dependent Loss Return loss (exclude connector) Responsivity (relative to nominal power at input port) Tapped Monitoring Responsivity Polarization Dependence Directivity
[1]
Through
0.5 0.7 1.0 0.1 45
2-/3-pin Package Easily Mounted on a PCB Flat and Broad Operating Wavelength Range Low Insertion Loss and PDL Low Dark Current Various Tap Ratios Available High Temperature Stability with Hermetically Sealed Photodiode Monitor Optical Signal from One Direction Only
2% 5% 10%
10~23 26~59 52~110
P1 Package P2 Package
PD Dark Current (@ 70C, -5V bias) PD Bandwidth (50 ohm, 5V, -3dB) Reverse Voltage Forward Current Input Optical Power Conditions
Applications
EDFAs and Raman Amplifiers Add/Drop and Optical Protection Monitoring DWDM/CWDM Systems
Operating Temperature Range (<85%RH, Non-condensing) Storage Temperature Range (<85%RH, Non-condensing) Fiber Type
Notes:1.Directivity is defined as -10 log(OutPD / InPD) where stands for responsivity.
R03.20080826
Unidirectional Single Channel Integrated Tap Monitors
UTMS Series
Mechanical Drawing / Package Dimensions (dimension in mm)
Standard Package (P1, Bare Fiber or Loose Tube) Miniature Package (P2, Bare Fiber)
o2.5mm Standard Package Pin Assignment Pin 1: Pin 2: Pin 3: Anode Cathode Case Ground
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
UTMS
2
0
0
0
Tap Ratio
2/98 = 02 5/95 = 05 10/90 = 10
Bandwidth
2.0G= 20
Fiber Length
0.5meter= H 1.0meter= 1 1.5meter= 5 2.0meter= 2
Connector Type
None = 1 FC/PC=2 FC/SPC=3 FC/APC=4 SC/PC=5 SC/SPC=6 SC/APC=7 ST=8 LC=9 MU=A
Wavelength
1310/1550nm= D 1310nm= 3 C+L band= E
Package & Fiber Type
P1+250m bare fiber =11 P1+900m loose tube =12 P2+250m bare fiber = 21
RoHS: 1) UTMS in P1 package is RoHS 5 compliant (RoHS permitted Lead in solder exemption is applied). 2) UTMS in P2 package is RoHS 6 compliant. Add "G" to the end of the above PN for RoHS 6.
R03.20080826
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of UTMSE1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X