Part Number Hot Search : 
36150 KAL25 39000 TSH22I 90110 D6025 2SC397 PSUH95
Product Description
Full Text Search
 

To Download USB6B1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USB6B1
Data line protection
Applications
Where transient overvoltage protection in sensitive equipment is required, such as:

Universal Serial Bus ports RS-423 interfaces RS-485 interfaces ISDN equipment T1/E1 line cards HDSL / ASDL interfaces SO-8
Order Codes
Part Numbers USB6B1 USB6B1RL Marking USB62 USB62
Features

Full diode bridge with integrated clamping protection Breakdown voltage: VBR = 6 V min. Peak pulse power dissipation: PPP = 500 W (8/20 s) Very low capacitance, compatible with high debit data or signal rates.
Functional diagram
VCC I/O1 I/O2 GND
VCC I/O1 I/O2 GND
Description
In order to prevent fast transients from leading to severe damages in a high speed data system, a specific protection has been developed by STMicroelectronics. The USB6B1 protects the two input lines against overvoltage. Besides, this device also keeps the power rails in a safe limit thanks to the integrated Transil diode.
Complies with the following standards:
MIL STD 883C - Method 3015-6 class 3 C = 100 pF R = 1500
Benefits

Provides protection for each line and between the supply voltage and GND: 25 A, 8/20 s. High ESD protection level: up to level 3 per MIL STD 883C-Method 3015-6 Separated inputs and outputs (so-called 4-point structure) to improve ESD susceptibility. Comprehensive package pin-out for immediate implementation.
3 positive strikes and 3 negative strikes (F = 1 Hz) IEC 61000-4-2 level 4 15 kV (air discharge) 8 kV (contact discharge)
August 2006
Rev 10
1/9
www.st.com 9
Characteristics
USB6B1
1
Characteristics
Table 1.
Symbol
Absolute maximum ratings
Parameter IEC61000-4-2 contact discharge IEC61000-4-2 air discharge MIL STD883C-Method 30 15-6 8/20 s 8/20 s Value 8 15 4 500 25 A 2/10 s Storage temperature range Operating temperature range Lead solder temperature (10 s duration) 40 - 55 to + 150 - 40 to + 85 260 C C C Unit
VPP PPP IPP Tstg Top TL
Peak pulse voltage Peak pulse power Peak pulse current
kV W
Table 2.
Symbol VBR IRM
Electrical characteristics (Tamb = 25 C)
Value Parameter Min Typ Max Breakdown voltage between VBUS and GND Leakage current Capacitance between pins D+ and DVOSC = 30 mV, F = 1 MHz, VR = 0 V IR = 1 mA VRM = 5.25 V VCC not connected 15 25 6 10 V A pF pF Unit
C
Capacitance between pins D+(or D-) and GND VCC = 5 V VOSC = 30 mV, F = 1 MHz, VR = 5 V
2/9
USB6B1
Characteristics
Figure 1.
Peak power dissipation versus initial junction temperature
Figure 2.
Relative variation of leakage current versus junction temperature (typical values)
Ppp[Tj initial]/Ppp[Tj initial=25C]
1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -40 -20 0 20 40 60 80 100 120 140 160
1.0 10.0
IR[Tj] / IR[Tj=25C]
Tj initial(C)
0.1 -40 -20 0 20
Tj(C)
40 60 80 100 120 140
Figure 3.
Relative variation of breakdown voltage versus junction temperature (typical values)
1.10
VBR[Tj] / VBR[Tj=25C]
1.05
1.00
0.95
Tj(C)
0.90 -40 -20 0 20 40 60 80 100 120 140
3/9
Technical information
USB6B1
2
2.1
Technical information
Surge protection
The USB6B1 is optimized to perform surge protection based on the rail to rail topology. The clamping voltage VCL can be estimated as follow: VCL+ = VCC + VF for positive surges VCL - = - VF for negative surges with: VF =Vt + rd.Ip VF = forward drop voltage, Vt = forward drop threshold voltage
Note:
The estimations do not take into account phenomena due to parasitic inductances. Figure 4. Surge behavior Figure 5. ESD behavior: optimized layout and addition of a 100 nF capacitor
Lw
REF2=+Vcc
C=100nF
ESD SURGE Vf I/O
Lw +Vcc Lw di dt
ESD SURGE
I/O
di Vcl+ = Vcc+Vf+Lw dt surge >0 di surge <0 Vcl- = -Vf- Lw dt
Vcl+ = Vcc+Vf VI/O Vcl- = -Vf
surge >0 surge <0
VI/O Lw di dt
REF1=GND
GND
tr=1ns
Vcl+
t
Vcl+
t
-Vf Lw di dt Vcc+Vf
t
POSITIVE SURGE
-Lw
di dt
NEGATIVE SURGE
POSITIVE SURGE
NEGATIVE SURGE
Vcltr=1ns
t
Vcl-
2.2
How to ensure good ESD protection
While the USB6B1 provides a high immunity to ESD surge, an efficient protection depends on the layout of the board. In the same way, with the rail to rail topology, the track from the VCC pin to the power supply and from the GND pin to GND voltage must be as short as possible to avoid overvoltages due to parasitic phenomena (see Figure 4.) It's often harder to connect the power supply near to the USB6B1 unlike the ground thanks to the ground plane that allows a short connection. To ensure the same efficiency for positive surges when the connections can't be short enough, we recommend to putting a 100 nF c apacitor close to the USB6B1 between VCC and ground to prevvent these kinds of overvoltage disturbances (see Figure 5.) The addition of this capacitor offers better protection by providing a constant voltage during the surge. Figure 6. shows the improvement of the ESD protection according to the recommendations described above.
Important: An imortant precaution to take is to put the protection device closer to the disturbance source (generally the connection).
4/9
USB6B1
Technical information
2.3
Universal Serial Bus
The data transmission standard, Universal Serial Bus (USB) is being driven by market leaders in the world of Computer and Telecommunications, including Compaq, DEC, IBM, Intel, Microsoft, NEC and Nortel, and has become a leading transmission protocol. This standard mainly provides simplified interconnectivity. Specialized ports on the back of the present PC will largely be replaced by USB ports. Many peripherals such as printers, key-boards, monitors and joysticks use USB ports. The USB offers high speed communication rates up to 480 Mbit/s. Only two wires (D+, D-) are required for data transfer. Additionally, limited amount of power for USB devices located on the downstream can also be transmitted on two separate conductors within the same cable.
2.4
Protection to support USB
Designers dealing with the USB chips are concerned about electrostatic discharge sensitivity (ESD) of their USB controller ICs. The USB controller is more than just a driver / receiver; it acts as a microcontroller which manages power and direct signal traffic. This complexity increases its cost over conventional devices. Therefore, a failure of a USB port could result in costly computer failure. In order to prevent these fast transients from leading to severe damages in a system, a specific protection has been developed by STMicroelectronics. The USB6Bx protects not only the two wires of data transmission, but also keep the power rails in a safe limit. Figure 6. Recommended configuration for USB port protection
VBUS D+ DGND USB output connector
1 USB IC
The capacitance between the I/O transmission wires provides no significant signal distortion at the 12 Mbit/s data rate, thus allowing compatibility with USB standard. Available in a compact SO-8 this protective element requires minimal board space and eases the PCB layout thanks to its direct compatibility with the USB connector pin-out.
5/9
Telecom and datacom applications
USB6B1
3
Telecom and datacom applications
Figure 7. ISDN U interface protection
USB6Bx
3* SMP100
+Vcc
LT
DC Power Source
Figure 8.
T1 / E1 Line Card Protection.
RTIP USB6B1 SMP75-8 or SMP100-8
+Vcc
RRING
TTIP
+Vcc
TRING USB6B1 SMP75-8 or SMP100-8
Figure 9.
High Speed Line Driver / Receiver Protection
+5V SM6T6V8A
+5V SM6T6V8A
+Vcc
+Vcc
INPUT
DRIVER
RECEIVER
OUTPUT
USB6B1
USB6B1
6/9
USB6B1
Ordering information scheme
4
Ordering information scheme
USB
USB Protection Breakdown voltage 6 = 6V min. Package B1 = SO-8 Packaging RL = Tape & reel Blank = Tube
6
B1
RL
5
Package information
Epoxy meets UL94, V0 Table 3. SO-8 dimensions
Dimensions Ref. Millimeters Min. A
ccc C
A2 A C (Seating Plane)
C
Inches Min. Typ. Max. 0.069 0.004 0.049 0.011 0.007 0.010 0.019 0.009
Typ.
Max. 1.75
h x 45 0.25mm (Gage Plane)
A1 A2 b C D
0.1 1.25 0.28 0.17 4.80 5.80 3.80 0.25 0.40 1.04 0 4.90 6.00 3.90 1.27
0.25 0.48 0.23 5.00 6.20 4.00 0.50 1.27 8 0.10
b
e
A1
L k L1
D
0.189 0.193 0.197 0.228 0.236 0.244 0.150 0.154 0.157 0.050 0.010 0.016 0.041 0 8 0.004 0.020 0.050
8
5
E
E1 E
E1 e h L L1 k ccc
1
4
7/9
Ordering information Figure 10. SO-8 footprint (dimensions in mm)
USB6B1
6.8 0.6 4.2
1.27
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
6
Ordering information
Ordering code USB6B1 USB6B1RL Marking USB62 SO-8 USB62 0.077 g 2500 Tape and reel Package Weight Base qty 100 Delivery mode Tube
7
Revision history
Date Oct-2003 03-May-2005 22-Feb-2006 16-Aug-2006 Revision 6A 7 8 9 Previous issue. Figure 1 on page 1: dots connection corrected. Marking typing error corrected on page 1 and 7. Reformated to current standard. ECOPACK statement added. SO-8 package dimensions corrected. Description of Changes
8/9
USB6B1
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of USB6B1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X