Part Number Hot Search : 
10012 1N3701B GM195 1060C XXXGP 74HCT251 NCE3407 BLU0201
Product Description
Full Text Search
 

To Download TWD2216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPST RF SWITCH MODEL TWD2216
Features
! ! ! ! ! 5 - 3000 MHz RF2 Terminated in `OFF' State Integral CMOS Driver OperatingTemp. -55 C to + 85 C Environmental Screening Available
Package: 14 Pin DIP (DP3) Also Available In: Connectorized Housings Maximum Ratings
Ambient Operating Temperature ......................... -55C to +100 C Storage Temperature .......................................... -65C to +125 C Case Temperature ........................................................... +125 C DC Voltage .................................................................. +6.0 Volts Continuous RF Input Power ........................................... +30 dBm
Specifications
CHARACTERISTIC
Frequency Insertion Loss (dB) 5 - 1000 MHz 5 - 2000 MHz 5 - 3000 MHz Isolation (dB) 5 - 1000 MHz 5 - 2000 MHz 5 - 3000 MHz VSWR "ON"/"OFF" 5 - 1000 MHz 5 - 2000 MHz 5 - 3000 MHz
1dB Compression (dBm)
TYPICAL Ta = 25 C
5 - 3000 MHz 0.8 1.2 1.8 50 36 31 1.25:1 1.5:1 1.5:1 +18.5 +24.0 60 0.025
MIN/MAX Ta = -55 C to +85 C
5 - 3000 MHz 1.2 Max. 1.5 Max. 2.2 Max. 46 Min. 34 Min. 29 Min. 1.4:1 Max. 1.6:1 Max. 1.7:1 Max. +18.0 Min. +22.0 Min. 70 Max. 1.0 Max.
50 MHz 500 - 3000 MHz Switching Speed (ns)
(50% TTL to 90% RF)
DC Bias (mA)
(4.5 to 5.5 VDC)
Note: Care should always be taken to effectively ground the case of each
Typical Performance Data
4.0
Insertion Loss (dB)
2.0
"ON" VSWR
2.0
1.5
0
Start 5 MHz
Stop 3.0 GHz
1.0
Start 5 MHz
Stop 3.0 GHz
100 80 60 40 20
Start 5 MHz
Isolation (dB)
2.0
"OFF" VSWR
1.5
Stop 3.0 GHz
1.0
Start 5 MHz
Stop 3.0 GHz
Legend
+ 25 C
+85 C
-55 C
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
Rev. 3/28/08
www.SpectrumMicrowave.com Spectrum Microwave * 2707 Black Lake Place * Philadelphia, Pennsylvania 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TWD2216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X