Part Number Hot Search : 
2SS05Q NTE18 AOC3860A 2SS05Q 00M000 LT1006MH BA98008 AV3842B
Product Description
Full Text Search
 

To Download TRC25-103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
RESISTORS CAPACITORS COILS DELAY LINES
TR SERIES
Epoxy resin dipped, UL94V-0 Flame Retardant Low leakage current and impedance Excellent humidity and heat resistance Laser marked capacitor body Several lead-wire forms available
RoHS
Term.W is RoHS compliant & 260C compatible
DIMENSIONS
Case Siz e A B C D E F D(Max) .177 [4.5] .196 [5.0] .217 [5.5] .256 [6.5] .335 [8.5] .375 [9.5] H (Max) 0.28 [7.1] .315 [8.0] .375 [9.5] .433 [11.0] .512 [13.0] .650 [16.5] d .002 [.05] .020 [0.50] .020 [0.50] .020 [0.50] .020 [0.50] .020 [0.50] .020 [0.50]
STANDARD LEAD STYLES
Style 10 (.100" lead spacing) Style 20 (.200" lead spacing)
D
H
D
H + .10 [2.5]
RATED VOLTAGE, NOMINAL CAPACITANCE AND CASE SIZES
Rated DC Voltage(85C) Rated DC Voltage(125C) Short-time Overload Voltage (30Sec) Capacitance (F) Code 0.047 0.068 0.1 473 683 104 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687 A A A A B B C D D D E E F F A A A A B B C D D E E F A A A B B C C D D E E E F A A A B B C C D D D E E F A A A A B B B C C D D E E F A A A B B C C D D E E F F A A A B B C C D D E E F F 3 2 4 4 2.5 5.2 6.3 4 8 10 6.3 13 16 10 20 C a se C o d e A A A A A A A A A A B B C D D E E F F A A A A A A A A B C C D D D E F F 20 13 26 25 16 33 35 20 46 50 32 65
+
d d
+
.08 [2] min
.63 .16 [164]
.150 [3.8] min
.100.02
[2.54.5]
.200.02 [5.08.5]
OPTIONAL LEAD STYLES (additional styles available)
Style 25 (.250" lead spacing) Style 10K (.100" LS with kink)
0.15 0.22 0.33 0.47 0.68 1.0
D
H
D
1.5
+
.10 [2.5] max
+
H + .157 [4.0]
2.2 3.3 4.7 6.8
d
.150 [3.8] min
d
.100.02 [2.54.5]
.150 [3.8] min
10 15
[6.35.5]
.250.02
22 33 47 68
P/N DESIGNATION:
RCD Type Case Code: A, B, C, D, E, F Lead Style: 10, 20, 25, 10K, etc.
TR A 10
- 105 - K 020 A W
100 150 220 330 470 680
Option Code(s): Leave blank if standard Capacitance Code (pF): 2 significant digits & multiplier 103=10,000pF or 0.01uF, 104=100,000pF or 0.1uF, 105 = 1uF, 106= 10uF, 107=100uF Tolerance: Standard=K (10%). J (5%) & M (20%) also avail. Voltage: 3 digit code (003=3V, 004=4V, 006=6.3V, 010=10V, 016=16V, 020=20V, 025=25V, 035=35V, 050=50V) Packaging: B=Bulk, A = Ammo (tape & box) Termination: W= Lead-free (std), Q= Tin/Lead (leave blank if either is acceptable)
SPECIFICATIONS
CAPACITANCE (F) <1.0 1.5 to 68 100 to 680 10% 15% 25% C FROM INITIAL LIMIT -55C +85C +125C -55C 6% 10% 12% DISSIPATION FACTOR (25C,120Hz ) +25C 4% 6% 8% +85C 6% 10% 12% +125C 6% 10% 12%
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA059B Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
92


▲Up To Search▲   

 
Price & Availability of TRC25-103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X