Part Number Hot Search : 
TR100 ACTF4016 STUK051 B2912BS1 MX7530KD 2KBP01 MBRB1035 CPDFR12V
Product Description
Full Text Search
 

To Download TLP624 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP624X, TLP624-2X, TLP624-4X TLP624, TLP624-2, TLP624-4
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
APPROVALS l UL recognised, File No. E91231 'X' SPECIFICATION APPROVALS VDE 0884 in 3 available lead form : -STD - G form - SMD approved to CECC 00802
TLP624X TLP624
2.54 7.0 6.0 1 2
Dimensions in mm
4 3
l
1.2 5.08 4.08 7.62 4.0 3.0 0.5 3.0 13 Max 0.26
DESCRIPTION The TLP624, TLP624-2, TLP624-4 series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages.
TLP624-2X 0.5 TLP624-2
2.54
3.35
FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. 1.2 l High Current Transfer Ratio ( 50% min) 10.16 l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) 9.16 l High BVCEO ( 55Vmin ) l All electrical parameters 100% tested l Low Input Current 0.5mA IF APPLICATIONS 3.0 l Computer terminals l Industrial systems controllers 0.5 l Measuring instruments l Signal transmission between systems of TLP624-4X different potentials and impedances TLP624-4
2.54
1 7.0 6.0 2 3 4 7.62 4.0 3.0 0.5 3.35 0.26 1 2 3 4 5 7.0 6.0 6 7 8 7.62
8 7 6 5
13 Max
16 15 14 13 12 11 10 9
OPTION SM SURFACE MOUNT
OPTION G 7.62
1.2 20.32 19.32 4.0 3.0 0.5 3.0 0.5 3.35
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
13 Max 0.26
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB92188m-AAS/A1
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 125C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage Power Dissipation 50mA 5V 70mW
OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION Total Power Dissipation
(derate linearly 2.67mW/C above 25C)
55V 6V 150mW
200mW
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Voltage (VR) Reverse Current (IR) MIN TYP MAX UNITS 1.0 5 1.15 1.3 10 V V A V V nA TEST CONDITION IF = 10mA IR = 10A VR = 5V IC = 0.5mA IE = 100A VCE = 24V 1mA IF , 0.5V VCE 0.5mA IF , 1.5V VCE 1mA IF , 0.5mA IC 1mA IF , 1mA IC See note 1 See note 1 VIO = 500V (note 1) VCC = 10V , IC = 2mA, RL = 100
Output
Collector-emitter Breakdown (BVCEO) 55 ( Note 2 ) Emitter-collector Breakdown (BVECO) 6 Collector-emitter Dark Current (ICEO) Current Transfer Ratio (CTR) (Note 2) TLP624,TLP624-2,TLP624-4 100 50
100
Coupled
1200 % %
Collector-emitter Saturation VoltageVCE (SAT) 0.2 Input to Output Isolation Voltage VISO 5300 7500 Input-output Isolation Resistance RISO 5x1010 Rise Time tr Fall Time tf Turn-on Time ton Turn-off Time toff
0.4
V V VRMS VPK s s s s
8 8 10 8
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
7/12/00
DB92188m-AAS/A1
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation P C (mW) 2.0 150 Collector current I C (mA) 1.6
Collector Current vs. Low Collector-emitter Voltage TA = 25C
IF = 1mA 1.2 0.8 IF = 0.5mA 0.4 0
100
50
0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 60 Relative current transfer ratio 50 Forward current I F (mA) 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 IF = 1mA IC = 0.5mA Current transfer ratio CTR (%) 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 Ambient temperature TA ( C ) 100
0
0.2
0.4
0.6
0.8
1.0
Collector-emitter voltage VCE ( V ) Relative Current Transfer Ratio vs. Ambient Temperature
1.5
IF = 1mA VCE = 0.4V
1.0
0.5
0 -30
0
25
50
75
100
Ambient temperature TA ( C ) Current Transfer Ratio vs. Forward Current 120 100 80 60 40 20 0 0.1 0.2 0.5 1 2 Forward current IF (mA) 5 VCE = 0.4V TA = 25C
Collector-emitter saturation voltage V
CE(SAT)
(V)
7/12/00
DB92188m-AAS/A1


▲Up To Search▲   

 
Price & Availability of TLP624

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X