Part Number Hot Search : 
1212E LTC4401 1212E UC3846 FDZ4670 NTE2510 FDY300NZ PQ600
Product Description
Full Text Search
 

To Download T350D105M035A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TANTALUM DIPPED / RADIAL -- POLAR
PERFORMANCE CHARACTERISTICS
* CAPACITANCE/VOLTAGE RANGE: T35X/T39X: 0.1-680F, 3-50 Volts. T36X: 0.1-330F, 6-50 Volts. * CAPACITANCE TOLERANCE: Available in standard EIA nominal values with 20% and 10% standard. * DISSIPATION FACTOR: Maximum DF limits are shown in corresponding series part number listings. See Application Notes Section, page 76 for additional information. * DC LEAKAGE CURRENT: Maximum leakage values at 25 are shown in part number listings, pages 63-65, 67, 68 and 70. See Application Notes Section, pages 76 & 77 for additional information. * RATED VOLTAGE; WORKING VOLTAGE; SURGE VOLTAGE; REVERSE VOLTAGE: See Application Notes Section, pages 76 & 77 for description. * IMPEDANCE and ESR: See Application Notes Section, page 77 & 78 for description. Reference ESR values are shown in table below. * AC RIPPLE VOLTAGE: Permissible AC ripple voltage is related to equivalent series resistance (ESR) and power dissipation capability. Maximum power dissipation for each case size is listed in Table below. For additional description see page 78.
Case Size T35X, A T39X B C D E F G H J K L M T36X A B C D Power Dissipation (max.) @ 25C (watts) .040 .050 .060 .065 .070 .080 .090 .100 .110 .120 .130 .140 .050 .075 .090 .135
Maximum Power Dissipation Capability @ 25C
Commercial T35X/T36X/T39X ESR (OHMS) at 100 kHz @ +25C
(The ESR values provided below are for reference only. No warranty, as stated on page 3 and reincorporated here, is made as to the accuracy of these values for any particular T35X, T36X, T39X Series product.)
Cap. F 0.10 0.15 0.22 0.33 0.47 0.68 1.00 1.50 2.20 3.30 4.70 6.80 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0
6 Volt
10 Volt
16 Volt
20 Volt
25 Volt
35 Volt 26.0 21.0 17.0 15.0 13.0 10.0 8.0 6.0 5.0 4.0 3.0 2.5 2.0 1.6 1.3 1.0 0.8
50 Volt 26.0 21.0 17.0 15.0 13.0 10.0 8.0 5.0 3.5 3.0 2.5 2.0 1.6 1.2 1.0
* ENVIRONMENTAL CONSIDERATIONS: A. Shock Test: MIL-STD-202, Method 213. B. Thermal Shock, MIL-STD-202, Method 107, Condition A. C. Moisture Resistance: MIL-STD-202, Method 106. D. Solderability: MIL-STD-202, Method 208. For additional Environmental Test Information see pages 80, 81 and 82. * LEAD MATERIAL: Solder coated steel core with copper ply per MIL-STD-127. * LEAD TAPE and REEL: Reeling per specification RS-468. See pages 72 - 74 for additional information.
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
61
Tantalum Dipped / Radial -- Polar
13.0 10.0 8.0 6.0 5.0 3.7 3.0 2.0 1.8 1.6 0.9 0.9 0.7
13.0 10.0 8.0 6.0 5.0 3.7 2.7 2.1 1.7 1.3 1.0 0.8 0.6
10.0 8.0 6.0 5.0 4.0 3.2 2.5 2.0 1.6 1.3 1.0 0.8 0.6
10.0 9.0 7.0 5.5 4.5 3.6 2.9 2.3 1.8 1.4 1.2 0.9 0.6
10.0 8.0 6.0 5.0 4.0 3.1 2.5 2.0 1.5 1.2 1.0 0.8
TANTALUM DIPPED / RADIAL - POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES "ULTRADIP II"
The KEMET `UltraDip II' Capacitors offer the designer of quality instruments and entertainment systems the widely recognized advantages inherent in solid tantalum capacitors at competitive prices. The `UltraDip II' Series, miniature dipped solid tantalum capacitors, provide the designer with the advantage of compactness plus low leakage and low DF performance characteristics for filtering, bypassing, coupling, blocking and RC timing circuits. This series features a capacitance range from 0.1 to 680 microfarads at voltages from 3 to 50 VDC. `UltraDip II' capacitors utilize the same sophisticated materials and processes which have advanced KEMET Electronics Corporation to the leadership position in solid tantalum capacitors.
The plastic case provides a tough barrier coating and maintains precision of lead wire spacing within 0.015 inch. The gold color epoxy utilized permits Laser marking with outstanding permanency and legibility. All case sizes are printed with capacitance, voltage, polarity and vendor identification. Solid tantalum devices exhibit no degradation failure mode during shelf storage and show a constantly decreasing failure rate (i.e., absence of wearout mechanism) during life tests. The `UltraDip II' Series provides self-insulating cases which are resistant to shock and vibration. These capacitors exhibit low DCL, ESR and Impedance and have excellent temperature stability.
CAPACITOR OUTLINE DRAWINGS
T350
D Max. H Max. D Max. H Max.
T351
D Max.
T352
T353
D Max. H Max. H Max.
T354
D Max. H Max.
T355
.250.025 (6.35.64) D Max. H Max.
T356
D Max. H Max.
.50.05 **.02 (0.5) Lead Spacing See Note 2
.02 (0.5) .10 (2.54)
.187.032 (4.75.81) .20 (5.08)
.02 .187.032 (0.5) (4.75.81) .20 (5.08)
.187.032 (4.75.81) .250 (6.35)
.187.032 (4.75.81)
.187.032 (4.75.81) .125 (3.18)
.187.032 (4.75.81) .20 (5.08)
*Lead Tolerance = .015 ( .38 mm)
** All Lead Diameters = .02 .002 (0.5 .05 mm)
DIMENSIONS -- INCHES (MILLIMETERS)
All Case Size A B C D E F G H J(2) K(2) L(2) M(2) D Max Diameter .175 (4.5) .175 (4.5) .196 (5.0) .196 (5.0) .216 (5.5) .236 (6.0) .250 (6.3) .300 (7.6) .330 (8.4) .350 (8.9) .350 (8.9) .400 (10.2) T350 H(1) Max Height .280 (7.1) .300 (7.6) .330 (8.4) .340 (8.6) .350 (8.9) .390 (9.9) .400 (10.2) .400 (10.2) .500 (12.7) .530 (13.5) .630 (16.0) .670 (17.0) Note 3 Note 3 T351 H(1) Max Height .380 (9.6) .390 (9.9) .420 (10.7) .430 (10.9) .440 (11.2) .480 (12.2) .490 (12.4) .500 (12.7) T352 H(1) Max Height .400 (10.2) .410 (10.4) .440 (11.2) .450 (11.4) .460 (11.7) .500 (12.7) .510 (13.0) .520 (13.2) T353 H(1) Max Height .400 (10.2) .410 (10.4) .440 (11.2) .450 (11.4) .460 (11.7) .500 (12.7) .510 (13.0) .520 (13.2) .580 (14.7) .630 (16.0) .730 (18.5) .760 (19.3) T354 H(1) Max Height .340 (8.6) .350 (8.9) .380 (9.6) .390 (9.9) .400 (10.2) .440 (11.2) .450 (11.4) .470 (11.9) .550 (14.0) .610 (15.5) .710 (18.1) .740 (18.8) Note 3 T355 H(1) Max Height .340 (8.6) .350 (8.9) .380 (9.6) .390 (9.9) .400 (10.2) .440 (11.2) .450 (11.4) .470 (11.9) T356 H(1) Max Height .340 (8.6) .350 (8.9) .380 (9.6) .390 (9.9) .400 (10.2) .440 (11.2) .450 (11.4) .470 (11.9) .550 (14.0) .610 (15.5) .710 (18.1) .740 (18.8)
NOTES: (1) All "H" Dimensions are from Capacitor seating plane to top of Capacitor. (2) On T350 Series, case sizes A-H are supplied with .100"(2.54) lead spacing--case sizes J-M are supplied with .200"(5.08) lead spacing. (3) These case sizes are not available for T351, T352 & T355 capacitors.
LEAD CONFIGURATION & SPACING CHART
LEAD CASE CONFIGURATION .100 .125 .200 .250 A-H STRAIGHT LEAD STAND OFF SNAP-IN .100 "NOT AVAILABLE" .125 .200 .250 J-M STRAIGHT LEAD STAND OFF SNAP-IN X X "NOT AVAILABLE" X X X X "NOT AVAILABLE" X X X X X X X X X X X T350 X T351 X X X T352 SERIES T353 T354 T355 T356
X
T350
T351
T352
T353
T354
T355
T356
62
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
TANTALUM DIPPED / RADIAL - POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES "ULTRADIP II"
T35X & T36X ORDERING INFORMATION
T
TANTALUM SERIES
Insert appropriate number to replace letter "X" -- 350, 351, 352, 353, 354, 355, 356, 363, 368, or 369.
3XX
A
105
M
035
A
S*
LEAD MATERIAL
S -- Standard
FAILURE RATE LEVEL
A -- Not Applicable
CASE SIZE
A, B, C, D, E, F, G, H, J, K, L & M
VOLTAGE RATING
For 6.3 Volts use 006
CAPACITANCE TOLERANCE PICOFARAD CODE
First two digits are significant figures. Third figure is the number of zeros following. M -- 20% K -- 10% J -- 5% Available on special order. * T363 & T369 capacitors available only with M & K tolerances
*Part Number Example: T350A105M035AS (14 digits - no spaces)
T35X & T368 MARKING INFORMATION
KEMET Trademark Capacitance (pF code) Voltage Rating Polarity Stripe (+)
335 35K 418
Polarity
+
Date Code
T35X RATINGS AND PART NUMBER REFERENCE
MAX. DISSIPATION FACTOR %@25C, 120Hz MAX. DISSIPATION FACTOR %@25C, 120Hz
CAPACITANCE F
CASE SIZE
KEMET PART NUMBER
D.C. LEAKAGE A@25C
CAPACITANCE F
CASE SIZE
KEMET PART NUMBER
D.C. LEAKAGE A@25C
3 VOLT RATING AT 85C -- 2 VOLT RATING AT 125C 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 A A A A A B B C C D D E E F F G G H H J J K K L L M M T35(1)A475(3)003AS T35(1)A565(3)003AS T35(1)A685(3)003AS T35(1)A825(3)003AS T35(1)A106(3)003AS T35(1)B126(3)003AS T35(1)B156(3)003AS T35(1)C186(3)003AS T35(1)C226(3)003AS T35(1)D276(3)003AS T35(1)D336(3)003AS T35(1)E396(3)003AS T35(1)E476(3)003AS T35(1)F566(3)003AS T35(1)F686(3)003AS T35(1)G826(3)003AS T35(1)G107(3)003AS T35(1)H127(3)003AS T35(1)H157(3)003AS T35(2)J187(3)003AS T35(2)J227(3)003AS T35(2)K277(3)003AS T35(2)K337(3)003AS T35(2)L397(3)003AS T35(2)L477(3)003AS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.8 0.9 1.1 1.3 1.6 2.0 2.4 2.9 3.6 4.3 5.3 6.5 7.9 9.4 10.0 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 8 8 8 8 8 9 9 9 9 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0
6.3 VOLT RATING AT 85C -- 4 VOLT RATING AT 125C A A A A A B B C C D D E E F F G G H H J J K K L L T35(1)A335(3)006AS T35(1)A395(3)006AS T35(1)A475(3)006AS T35(1)A565(3)006AS T35(1)A685(3)006AS T35(1)B825(3)006AS T35(1)B106(3)006AS T35(1)C126(3)006AS T35(1)C156(3)006AS T35(1)D186(3)006AS T35(1)D226(3)006AS T35(1)E276(3)006AS T35(1)E336(3)006AS T35(1)F396(3)006AS T35(1)F476(3)006AS T35(1)G566(3)006AS T35(1)G686(3)006AS T35(1)H826(3)006AS T35(1)H107(3)006AS T35(2)J127(3)006AS T35(2)J157(3)006AS T35(2)K187(3)006AS T35(2)K227(3)006AS T35(2)L277(3)006AS T35(2)L337(3)006AS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.7 0.9 1.1 1.3 1.6 1.9 2.3 2.7 3.3 3.9 4.8 5.8 7.2 8.6 10.0 10.0 10.0 5 5 5 5 5 6 6 6 6 6 6 6 6
6 6 8 8 8 8 8 8 8 8
T35(2)M567(3)003AS 10.0 T35(2)M687(3)003AS 10.0
(1) To complete KEMET Part Number, insert Series Designation as follows: "0" = T350, "1" = T351, "2" = T352, "3" = T353, "4" = T354, "5" = T355, "6" = T356. (2) To complete KEMET Part Number, insert only Series Designation as follows: "0" = T350, "3" = T353, "4" = T354, "6" = T356. (3) To complete KEMET Part Number, insert Capacitance Tolerance Symbol: "M" = 20%, "K" = 10%. Bold Face print indicates popular values. NOTE: Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET's option.
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
63
T35X Series Tantalum Dipped / Radial
6 6
TANTALUM DIPPED / RADIAL -- POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES "ULTRADIP II"
T35X RATINGS AND PART NUMBER REFERENCE
CAPACITANCE F D.C. LEAKAGE A@25C MAX. DISSIPATION FACTOR %@25C, 120Hz CAPACITANCE F D.C. LEAKAGE A@25C MAX. DISSIPATION FACTOR %@25C, 120Hz
CASE SIZE
KEMET PART NUMBER
CASE SIZE
KEMET PART NUMBER
10 VOLT RATING AT 85C -- 7 VOLT RATING AT 125C 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 A A A A A B B C C E E E E F F G H H H J J K K T35(1)A225(3)010AS T35(1)A275(3)010AS T35(1)A335(3)010AS T35(1)A395(3)010AS T35(1)A475(3)010AS T35(1)B565(3)010AS T35(1)B685(3)010AS T35(1)C825(3)010AS T35(1)C106(3)010AS T35(1)E126(3)010AS T35(1)E156(3)010AS T35(1)E186(3)010AS T35(1)E226(3)010AS T35(1)F276(3)010AS T35(1)F336(3)010AS T35(1)G396(3)010AS T35(1)H476(3)010AS T35(1)H566(3)010AS T35(1)H686(3)010AS T35(2)J826(3)010AS T35(2)J107(3)010AS T35(2)K127(3)010AS T35(2)K157(3)010AS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.8 1.0 1.2 1.4 1.8 2.2 2.6 3.1 3.8 4.5 5.4 6.6 8.0 9.6 10.0 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 8 8 8 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0
20 VOLT RATING AT 85C -- 13 VOLT RATING AT 125C A A A A A B B C C D D E E F F G G J J K K L L T35(1)A105(3)020AS T35(1)A125(3)020AS T35(1)A155(3)020AS T35(1)A185(3)020AS T35(1)A225(3)020AS T35(1)B275(3)020AS T35(1)B335(3)020AS T35(1)C395(3)020AS T35(1)C475(3)020AS T35(1)D565(3)020AS T35(1)D685(3)020AS T35(1)E825(3)020AS T35(1)E106(3)020AS T35(1)F126(3)020AS T35(1)F156(3)020AS T35(1)G186(3)020AS T35(1)G226(3)020AS T35(2)J276(3)020AS T35(2)J336(3)020AS T35(2)K396(3)020AS T35(2)K476(3)020AS T35(2)L566(3)020AS T35(2)L686(3)020AS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.8 0.9 1.1 1.3 1.6 1.9 2.4 2.9 3.5 4.3 5.3 6.2 7.5 9.0 10.0 3 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 8 8
L T35(2)L187(3)010AS 10.0 L T35(2)L227(3)010AS 10.0 16 VOLT RATING AT 85C -- 10 VOLT RATING AT 125C A A A A A B B C C E E E E F F H H J J K K L L M M T35(1)A155(3)016AS T35(1)A185(3)016AS T35(1)A225(3)016AS T35(1)A275(3)016AS T35(1)A335(3)016AS T35(1)B395(3)016AS T35(1)B475(3)016AS T35(1)C565(3)016AS T35(1)C685(3)016AS T35(1)E825(3)016AS T35(1)E106(3)016AS T35(1)E126(3)016AS T35(1)E156(3)016AS T35(1)F186(3)016AS T35(1)F226(3)016AS T35(1)H276(3)016AS T35(1)H336(3)016AS T35(2)J396(3)016AS T35(2)J476(3)016AS T35(2)K566(3)016AS T35(2)K686(3)016AS T35(2)L826(3)016AS T35(2)L107(3)016AS 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.7 0.9 1.0 1.3 1.5 1.8 2.2 2.6 3.2 4.0 4.7 5.6 6.8 8.2 9.8 10.0
M T35(2)M826(3)020AS 10.0 M T35(2)M107(3)020AS 10.0 25 VOLT RATING AT 85C -- 16.5 VOLT RATING AT 125C A A A A B B B C C E E E E G G H H J J K K L L T35(1)A105(3)025AS T35(1)A125(3)025AS T35(1)A155(3)025AS T35(1)A185(3)025AS T35(1)B225(3)025AS T35(1)B275(3)025AS T35(1)B335(3)025AS T35(1)C395(3)025AS T35(1)C475(3)025AS T35(1)E565(3)025AS T35(1)E685(3)025AS T35(1)E825(3)025AS T35(1)E106(3)025AS T35(1)G126(3)025AS T35(1)G156(3)025AS T35(1)H186(3)025AS T35(1)H226(3)025AS T35(2)J276(3)025AS T35(2)J336(3)025AS T35(2)K396(3)025AS T35(2)K476(3)025AS T35(2)L566(3)025AS T35(2)L686(3)025AS 0.5 0.5 0.5 0.5 0.5 0.5 0.7 0.8 0.9 1.1 1.4 1.6 2.0 2.4 3.0 3.6 4.4 5.4 6.6 7.8 9.4 10.0 10.0
1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0
5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 8 8 8 8
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0
3 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6
T35(2)M127(3)016AS 10.0 T35(2)M157(3)016AS 10.0
(1) To complete KEMET Part Number, insert Series Designation as follows: "0" = T350, "1" = T351, "2" = T352, "3" = T353, "4" = T354, "5" = T355, "6" = T356. (2) To complete KEMET Part Number, insert only Series Designation as follows: "0" = T350, "3" = T353, "4" = T354, "6" = T356. (3) To complete KEMET Part Number, insert Capacitance Tolerance Symbol: "M" = 20%, "K" = 10%. Bold Face print indicates popular values. NOTE: Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET's option.
64
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
TANTALUM DIPPED / RADIAL - POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES "ULTRADIP II"
T35X RATINGS AND PART NUMBER REFERENCE
CAPACITANCE F D.C. LEAKAGE A@25C MAX. DISSIPATION FACTOR %@25C, 120Hz CAPACITANCE F D.C. LEAKAGE A@25C MAX. DISSIPATION FACTOR %@25C, 120Hz
CASE SIZE
KEMET PART NUMBER
CASE SIZE
KEMET PART NUMBER
35 VOLT RATING AT 85C -- 23 VOLT RATING AT 125C 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 A A A A A A A A A A A A A B B C C D D E E F F G G J J K K L L M M T35(1)A104(3)035AS T35(1)A124(3)035AS T35(1)A154(3)035AS T35(1)A184(3)035AS T35(1)A224(3)035AS T35(1)A274(3)035AS T35(1)A334(3)035AS T35(1)A394(3)035AS T35(1)A474(3)035AS T35(1)A564(3)035AS T35(1)A684(3)035AS T35(1)A824(3)035AS T35(1)A105(3)035AS T35(1)B125(3)035AS T35(1)B155(3)035AS T35(1)C185(3)035AS T35(1)C225(3)035AS T35(1)D275(3)035AS T35(1)D335(3)035AS T35(1)E395(3)035AS T35(1)E475(3)035AS T35(1)F565(3)035AS T35(1)F685(3)035AS T35(1)G825(3)035AS T35(1)G106(3)035AS T35(2)J126(3)035AS T35(2)J156(3)035AS T35(2)K186(3)035AS T35(2)K226(3)035AS T35(2)L276(3)035AS T35(2)L336(3)035AS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.7 0.9 1.0 1.3 1.6 1.9 2.3 2.8 3.4 4.2 5.0 6.2 7.6 9.2 3 3 3 3 3 3 3 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0
50 VOLT RATING AT 85C -- 33 VOLT RATING AT 125C A A A A A A A B B B B B B D E E E F F G G H J J K K L L M T35(1)A104(3)050AS T35(1)A124(3)050AS T35(1)A154(3)050AS T35(1)A184(3)050AS T35(1)A224(3)050AS T35(1)A274(3)050AS T35(1)A334(3)050AS T35(1)B394(3)050AS T35(1)B474(3)050AS T35(1)B564(3)050AS T35(1)B684(3)050AS T35(1)B824(3)050AS T35(1)B105(3)050AS T35(1)D125(3)050AS T35(1)E155(3)050AS T35(1)E185(3)050AS T35(1)E225(3)050AS T35(1)F275(3)050AS T35(1)F335(3)050AS T35(1)G395(3)050AS T35(1)G475(3)050AS T35(1)H565(3)050AS T35(2)J685(3)050AS T35(2)J825(3)050AS T35(2)K106(3)050AS T35(2)K126(3)050AS T35(2)L156(3)050AS T35(2)L186(3)050AS T35(2)M226(3)050AS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.7 0.9 1.1 1.3 1.6 1.9 2.2 2.7 3.3 4.0 4.8 6.0 7.2 8.8 3 3 3 3 3 3 3 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6
T35(2)M396(3)035AS 10.0 T35(2)M476(3)035AS 10.0
(1) To complete KEMET Part Number, insert Series Designation as follows: "0" = T350, "1" = T351, "2" = T352, "3" = T353, "4" = T354, "5" = T355, "6" = T356. (2) To complete KEMET Part Number, insert only Series Designation as follows: "0" = T350, "3" = T353, "4" = T354, "6" = T356. (3) To complete KEMET Part Number, insert Capacitance Tolerance Symbol: "M" = 20%, "K" = 10%. Bold Face print indicates popular values. NOTE: Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET's option.
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
65
T35X Series Tantalum Dipped / Radial
TANTALUM DIPPED / RADIAL -- MIL-PRF-49137/2
T363 (CX02), T369 (CX12) SERIES
Product manufactured to the requirements of MIL-PRF-49137 satisfy all the performance characteristics of the UltraDip II. The performance characteristics meet or exceed the requirements of MIL-PRF-49137. In addition to the standard process testing done on the UltraDip II, all product supplied to MIL-PRF-49137 is sampled on a lot by lot
basis for Group A and Group B inspection to insure compliance. Product supplied per MIL-PRF-49137 also receives an additional post process burn-in for at least two (2) hours under accelerated voltage stress in excess of 125% of DC rated voltage. This post process burn-in is equivalent to 200 hours under rated conditions.
CAPACITOR OUTLINE DRAWINGS
T363 (CX02)
A, B, C & D CASES
D
MAX.
DIMENSIONS -- INCHES & (MILLIMETERS)
T363 A-D CASE T369 A&B CASE ONLY
T369 (CX12)
A & B CASES
D
MAX.
.250 .025 (6.35 .64)
CASE SIZE A B
D MAX 0.175 (4.45) 0.250 (6.35) 0.350 (8.89) 0.400 (10.16)
H MAX 0.350 (8.89) 0.450 (11.43) 0.610 (15.49) 0.740 (18.80)
A&B .020 .002 (.51 .05) C&D .025 .002 (.64 .05)
H
MAX.
.020 .002 (.51 .05) .187 .032 (4.75 .81)
H
MAX.
.187 .032 (4.75 .81)
C D
.250 .015 (6.35 .38)
.125 .015 (3.18 .38)
MIL-PRF-49137 MARKING INFORMATION Capacitance Tolerance Capacitance (in Picofarad Code) Polarity 685K +35K 407
D 225
Mfg. - KEMET Voltage Date Code
MIL-PRF-49137/2 ORDERING INFORMATION
CX
TYPE
Capacitors, Fixed, Solid Tantalum Conformal Coated, Non-hermetically Sealed.
02
K
CAPACITANCE TOLERANCE
Symbol K M Capacitance Tolerance Percent () 10 20
STYLE
02 (T363) A, B, C & D Cases 12 (T369) A & B Cases Only
VOLTAGE
Symbol D F H J K M N Rated (857C) Volts, dc 6 10 15 20 25 35 50 Surge (857C) Volts, dc 8 13 20 26 32 46 65
CAPACITANCE IN PICORARAD CODE
The nominal capacitance value, expressed in picofarads (pF), is identified by a three-digit number; the first two digits represent significant figures and the last digit specifies the number of zeros to follow.
*For KEMET Ordering Information, see page 63.
66
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
TANTALUM DIPPED / RADIAL -- MIL-PRF-49137/2
T363 (CX02), T369 (CX12) SERIES
CAPACITANCE F
CASE SIZE
CAPACITANCE TOLERANCE %
T363, T369 KEMET PART NUMBER
D.C. LEAKAGE A@25C
MAX. DISSIPATION FACTOR %@25C, 120Hz
CXO2 (T363) MILITARY PART NUMBER
CX12 (T369) MILITARY PART NUMBER
6 VOLT RATING AT 85C
6.8 47.0 68.0 150.0 330.0 4.7 33.0 100.0 220.0 3.3 22.0 68.0 150.0 2.2 15.0 47.0 100.0 1.5 10.0 33.0 68.0 6.8 22.0 33.0 47.0 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 A B B C D A B C D A B C D A B C D A B C D B C D D A A A A A A A B B B B C C C D 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 20 10, 10, 10, 10, 10, 10, 10, 10, 10, 10, 10, 20 20 20 20 20 20 20 20 20 20 20 T36(1)A685(2)006AS T36(1)B476(2)006AS T36(1)B686(2)006AS T363C157(2)006AS T363D337(2)006AS T36(1)A475(2)010AS T36(1)B336(2)010AS T363C107(2)010AS T363D227(2)010AS T36(1)A335(2)015AS T36(1)B226(2)015AS T363C686(2)015AS T363D157(2)015AS T36(1)A225(2)020AS T36(1)B156(2)020AS T363C476(2)020AS T363D107(2)020AS T36(1)A155(2)025AS T36(1)B106(2)025AS T363C336(2)025AS T363D686(2)025AS T36(1)B685(2)035AS T363C226(2)035AS T363D336(2)035AS T363D476(2)035AS T36(1)A104(2)050AS T36(1)A154(2)050AS T36(1)A224(2)050AS T36(1)A334(2)050AS T36(1)A474(2)050AS T36(1)A684(2)050AS T36(1)A105(2)050AS T36(1)B155(2)050AS T36(1)B225(2)050AS T36(1)B335(2)050AS T36(1)B475(2)050AS T363C685(2)050AS T363C106(2)050AS T363C156(2)050AS T363D226(2)050AS 0.5 2.3 3.3 7.2 10.0 0.5 2.6 8.0 10.0 0.5 2.6 8.2 10.0 0.5 2.4 7.5 10.0 0.5 2.0 6.6 10.0 1.9 6.2 9.2 10.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.9 1.3 1.9 2.7 4.0 6.0 8.8 6 6 6 8 8 5 6 8 8 5 6 6 8 5 6 6 8 5 6 6 6 5 6 6 6 3 3 3 3 3 3 3 5 5 5 5 5 6 6 6 CX02D685(2) CX02D476(2) CX02D686(2) CX02D157(2) CX02D337(2) CX02F475(2) CX02F336(2) CX02F107(2) CX02F227(2) CX02H335(2) CX02H226(2) CX02H686(2) CX02H157(2) CX02J225(2) CX02J156(2) CX02J476(2) CX02J107(2) CX02K155(2) CX02K106(2) CX02K336(2) CX02K686(2) CX02M685(2) CX02M226(2) CX02M336(2) CX02M476(2) CX02N104(2) CX02N154(2) CX02N224(2) CX02N334(2) CX02N474(2) CX02N684(2) CX02N105(2) CX02N155(2) CX02N225(2) CX02N335(2) CX02N475(2) CX02N685(2) CX02N106(2) CX02N156(2) CX02N226(2) CX12N104(2) CX12N154(2) CX12N224(2) CX12N334(2) CX12N474(2) CX12N684(2) CX12N105(2) CX12N155(2) CX12N225(2) CX12N335(2) CX12N475(2) CX12M685(2) CX12K155(2) CX12K106(2) CX12J225(2) CX12J156(2) CX12H335(2) CX12H226(2) CX12F475(2) CX12F336(2) CX12D685(2) CX12D476(2) CX12D686(2)
10 VOLT RATING AT 85C
15 VOLT RATING AT 85C
20 VOLT RATING AT 85C
25 VOLT RATING AT 85C
35 VOLT RATING AT 85C
50 VOLT RATING AT 85C
10, 20 10, 20 10, 20 10, 20
(1) To complete KEMET part number, insert Series Designation as follows: 3 - T363 (CX02); 9 - T369 (CX12) (2) To complete KEMET or military part number, insert Capacitance Tolerance Symbol as follows: M - 20%, K - 10%
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
67
T363/T369 & T368 Series Tantalum Dipped / Radial
RATINGS & PART NUMBER REFERENCE
TANTALUM DIPPED / RADIAL
T368 SERIES "ULTRADIP II"
T368 CAPACITOR OUTLINE DRAWING
C & D CASES
MAX.
W
MAX.
T
T368 DIMENSIONS -- INCHES + (MILLIMETERS)
CASE SIZE C D TMAX 0.250 (6.35) 0.250 (6.35) WMAX 0.40 (10.16) 0.460 (11.68) HMAX 0.42 (10.67) 0.52 (13.20)
H
.100 MAX. (2.54)
.025.002 (.64.05) .250.015 (6.35.38)
.187.032 (4.75.81)
T368 RATINGS AND PART NUMBER REFERENCE
CAPACITANCE F D.C. LEAKAGE A@25C MAX. DISSIPATION FACTOR %@25C, 120Hz CAPACITANCE F D.C. LEAKAGE A@25C MAX. DISSIPATION FACTOR %@25C, 120Hz
CASE SIZE
KEMET PART NUMBER
CASE SIZE
KEMET PART NUMBER
6 VOLT RATING AT 85C 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 C C C C D D D D C C C C C D D D D C C C C C C D D D D C C C C C C D D D D T368C826(1)006AS T368C107(1)006AS T368C127(1)006AS T368C157(1)006AS 3.9 4.8 5.8 7.2 8 8 8 8 8 8 8 8 6 6 6 8 8 8 8 8 8 6 6 6 6 6 6 8 8 8 8 6 6 6 6 6 6 6 6 8 8 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 C C C C C C D D D D C C C C C C D D D D C C C C C C D D
25 VOLT RATING AT 85C T368C126(1)025AS T368C156(1)025AS T368C186(1)025AS T368C226(1)025AS T368C276(1)025AS T368C336(1)025AS 2.4 3.0 3.6 4.4 5.4 6.6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 5 5 6 6 6 6 6 6
T368D187(1)006AS 8.6 T368D227(1)006AS 10.0 T368D277(1)006AS 10.0 T368D337(1)006AS 10.0 10 VOLT RATING AT 85C T368C476(1)010AS T368C566(1)010AS T368C686(1)010AS T368C826(1)010AS T368C107(1)010AS 3.8 4.4 5.4 6.5 8.0
T368D396(1)025AS 7.8 T368D476(1)025AS 9.4 T368D566(1)025AS 10.0 T368D686(1)025AS 10.0 35 VOLT RATING AT 85C T368C825(1)035AS T368C106(1)035AS T368C126(1)035AS T368C156(1)035AS T368C186(1)035AS T368C226(1)035AS 2.3 2.8 3.3 4.2 5.0 6.2
9.6 T368D127(1)010AS T368D157(1)010AS 10.0 T368D187(1)010AS 10.0 T368D227(1)010AS 10.0 15 VOLT RATING AT 85C T368C276(1)015AS T368C336(1)015AS T368C396(1)015AS T368C476(1)015AS T368C566(1)015AS T368C686(1)015AS 3.2 4.0 4.7 5.6 6.8 8.2
T368D276(1)035AS 7.5 T368D336(1)035AS 9.2 T368D396(1)035AS 10.0 T368D476(1)035AS 10.0 50 VOLT RATING AT 85C T368C565(1)050AS T368C685(1)050AS T368C825(1)050AS T368C106(1)050AS T368C126(1)050AS T368C156(1)050AS T368D186(1)050AS T368D226(1)050AS 2.2 2.7 3.2 4.0 4.8 6.0 7.2 8.8
T368D826(1)015AS 9.8 T368D107(1)015AS 10.0 T368D127(1)015AS 10.0 T368D157(1)015AS 10.0 20 VOLT RATING AT 85C T368C186(1)020AS T368C226(1)020AS T368C276(1)020AS T368C336(1)020AS T368C396(1)020AS T368C476(1)020AS T368D566(1)020AS T368D686(1)020AS T368D826(1)020AS T368D107(1)020AS 2.8 3.5 4.3 5.3 6.2 7.5 8.9 10.0 10.0 10.0
(1) To complete KEMET part number, insert capacitance tolerance K- 10%, M- 20%, or J- 5% (Available on special order).
* For Marking Information refer to page 63. * For Ordering Information refer to page 63.
68
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
TANTALUM DIPPED / 3 LEADED
T396 & T398 SERIES "ULTRADIP III"
KEMET UltraDip III Capacitors offer the advantages of solid tantalum construction and a "fail-safe" insertion mechanism. The threeleaded design (the anode is in the center) enables operators to insert the capacitors into printed circuit boards correctly without having to visually determine polarity. This timesaving device also eliminates board damage that may result from incorrect insertion. The UltraDip III Series features a capacitance range of 0.1 to 680 F at 3 to 50 VDC. These miniature dipped solid tantalum capacitors are encased in a tough plastic barrier coating that maintains the pre-
cise lead wire spacing within 0.015 inch. The gold color epoxy permits laser markings with outstanding permanency and legibility. All case sizes are printed with capacitance, voltage and vendor I.D. The UltraDip III Series from KEMET Capacitors exhibit low DCL, ESR and Impedance and have excellent temperature stability. These capacitors may be ordered with precut leads (see drawing for lengths) or in KEMET Capacitor ARIS packaging (leads taped and on reels) for high speed automatic insertion equipment.
CAPACITOR OUTLINE DRAWING
T396
MAX. MAX. MAX.
W
MAX.
W
MAX.
H
MAX.
H
.187.05 (4.751.27)
.02.002 (.5.05) .10.008 (2.54.20) .20.015 (5.08.38)
-
+
-
.187.032 (4.75.81)
.02.002 (.5.05) .10.008 (2.54.20) .20.015 (5.08.38)
DIMENSIONS--INCHES & (MILLIMETERS)
Both Series T396/T398 T396/T398 T396/T398 T396/T398 T396/T398 T396/T398 T396/T398 T396/T398 T396/T398 T396/T398 T396/T398 T396/T398 Case Size A B C D E F G H J K L M W Width .280 (7.1) .280 (7.1) .280 (7.1) .280 (7.1) .280 (7.1) .280 (7.1) .280 (7.1) .280 (7.1) .300 (7.6) .340 (8.6) .340 (8.6) .360 (9.1) T Thickness .190 (4.8) .190 (4.8) .200 (5.1) .200 (5.1) .230 (5.8) .240 (6.1) .250 (6.3) .270 (6.9) .300 (7.6) .340 (8.6) .340 (8.6) .360 (9.1) T396 H* Height .310 (7.9) .320 (8.1) .360 (9.1) .370 (9.4) .380 (9.7) .410 (10.4) .420 (10.7) .420 (10.7) .460 (11.7) .500 (12.7) .560 (14.2) .620 (15.7) T398 H* Height .355 (9.0) .365 (9.3) .390 (9.9) .390 (9.9) .415 (10.5) .430 (10.9) .440 (11.2) .440 (11.2) .480 (12.2) .500 (12.7) .580 (14.7) .620 (15.7)
CAPACITOR MARKING
Capacitance (pF code)
106 16K 407
KEMET Trademark Date Code Voltage Rating
*NOTE: "H" dimensions are from seating plane to top of capacitor.
ORDERING INFORMATION
T
TANTALUM SERIES
T396 Straight leads T398 Standoff leads
39X
A
105
M
035
A
S
LEAD MATERIAL
S -- Standard
FAILURE RATE LEVEL
A -- Not Applicable
CASE SIZE
A, B, C, D, E, F, G, H, J, K, L & M
VOLTAGE RATING
For 6.3 Volts use 006
PICOFARAD CODE
First two digits are significant figures. Third figure is the number of zeros following.
CAPACITANCE TOLERANCE
M -- 20% (K -- 10% Special Order Only)
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
69
T396/T398 Series Tantalum Dipped / 3 Leaded
T
T398
T
TANTALUM DIPPED / 3 LEADED --POLAR
T396 & T398 SERIES "ULTRADIP III"
RATINGS & PART NUMBER REFERENCE
CAPACITANCE F D.C. LEAKAGE A@25C MAX. DISSIPATION FACTOR %@25C, 120Hz CAPACITANCE F D.C. LEAKAGE A@25C MAX. DISSIPATION FACTOR %@25C, 120Hz
CASE SIZE
KEMET PART NUMBER
CASE SIZE
KEMET PART NUMBER
3 VOLT RATING AT 85C -- 2 VOLT RATING AT 125C 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0 470.0 680.0 A A A B C D E F G H T39(1)A475(2)003AS T39(1)A685(2)003AS T39(1)A106(2)003AS T39(1)B156(2)003AS T39(1)C226(2)003AS T39(1)D336(2)003AS T39(1)E476(2)003AS T39(1)F686(2)003AS T39(1)G107(2)003AS T39(1)H157(2)003AS 0.5 0.5 0.5 0.5 0.5 0.8 1.1 1.6 2.4 3.6 5 5 6 6 6 6 6 6 8 8 8 8 9 9 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 330.0
6.3 VOLT RATING AT 85C -- 4 VOLT RATING AT 125C A A A B C D E F G H J K L T39(1)A335(2)006AS T39(1)A475(2)006AS T39(1)A685(2)006AS T39(1)B106(2)006AS T39(1)C156(2)006AS T39(1)D226(2)006AS T39(1)E336(2)006AS T39(1)F476(2)006AS T39(1)G686(2)006AS T39(1)H107(2)006AS T39(1)J157(2)006AS T39(1)K227(2)006AS T39(1)L337(2)006AS 0.5 0.5 0.5 0.5 0.7 1.1 1.6 2.3 3.3 4.8 7.2 10.0 10.0 5 5 5 6 6 6 6 6 6 8 8 8 8
J T39(1)J227(2)003AS 5.3 7.9 K T39(1)K337(2)003AS L T39(1)L477(2)003AS 10.0 M T39(1)M687(2)003AS 10.0 10 VOLT RATING AT 85C -- 7 VOLT RATING AT 125C A A A B C E E F H H T39(1)A225(2)010AS T39(1)A335(2)010AS T39(1)A475(2)010AS T39(1)B685(2)010AS T39(1)C106(2)010AS T39(1)E156(2)010AS T39(1)E226(2)010AS T39(1)F336(2)010AS T39(1)H476(2)010AS T39(1)H686(2)010AS 0.5 0.5 0.5 0.5 0.8 1.2 1.8 2.6 3.8 5.4
16 VOLT RATING AT 85C -- 10 VOLT RATING AT 125C 5 5 5 5 6 6 6 6 6 6 8 8 8 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 A A A B C E E F H T39(1)A155(2)016AS T39(1)A225(2)016AS T39(1)A335(2)016AS T39(1)B475(2)016AS T39(1)C685(2)016AS T39(1)E106(2)016AS T39(1)E156(2)016AS T39(1)F226(2)016AS T39(1)H336(2)016AS 0.5 0.5 0.5 0.6 0.9 1.3 1.8 2.6 4.0 5 5 5 5 5 6 6 6 6 6 6 8 8
2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0
J T39(1)J107(2)010AS 8.0 10.0 K T39(1)K157(2)010AS 10.0 l T39(1)L227(2)010AS 20 VOLT RATING AT 85C -- 13 VOLT RATING AT 125C A A A B C D E F G J T39(1)A105(2)020AS T39(1)A155(2)020AS T39(1)A225(2)020AS T39(1)B335(2)020AS T39(1)C475(2)020AS T39(1)D685(2)020AS T39(1)E106(2)020AS T39(1)F156(2)020AS T39(1)G226(2)020AS T39(1)J336(2)020AS 0.5 0.5 0.5 0.5 0.8 1.1 1.6 2.4 3.5 5.3
5.6 J T39(1)J476(2)016AS K T39(1)K686(2)016AS 8.2 10.0 L T39(1)L107(2)016AS M T39(1)M157(2)016AS 10.0 25 VOLT RATING AT 85C -- 16.5 VOLT RATING AT 125C A A B B C E E G H J K L T39(1)A105(2)025AS T39(1)A155(2)025AS T39(1)B225(2)025AS T39(1)B335(2)025AS T39(1)C475(2)025AS T39(1)E685(2)025AS T39(1)E106(2)025AS T39(1)G156(2)025AS T39(1)H226(2)025AS T39(1)J336(2)025AS T39(1)K476(2)025AS T39(1)L686(2)025AS 0.5 0.5 0.5 0.7 0.9 1.4 2.0 3.0 4.4 6.6 9.4 10.0
1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0
3 5 5 5 5 5 6 6 6 6 6 6 8
1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0
3 5 5 5 5 5 6 6 6 6 6 6
K T39(1)K476(2)020AS 7.5 10.0 L T39(1)L686(2)020AS M T39(1)M107(2)020AS 10.0 35 VOLT RATING AT 85C -- 23 VOLT RATING AT 125C A A A A A A A B C D E F G J K L M T39(1)A104(2)035AS T39(1)A154(2)035AS T39(1)A224(2)035AS T39(1)A334(2)035AS T39(1)A474(2)035AS T39(1)A684(2)035AS T39(1)A105(2)035AS T39(1)B155(2)035AS T39(1)C225(2)035AS T39(1)D335(2)035AS T39(1)E475(2)035AS T39(1)F685(2)035AS T39(1)G106(2)035AS T39(1)J156(2)035AS T39(1)K226(2)035AS T39(1)L336(2)035AS T39(1)M476(2)035AS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.9 1.3 1.9 2.8 4.2 6.2 9.2 10.0
50 VOLT RATING AT 85C -- 33 VOLT RATING AT 125C 3 3 3 3 3 3 3 5 5 5 5 5 6 6 6 6 6 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 A A A A B B B E E F G J K L M T39(1)A104(2)050AS T39(1)A154(2)050AS T39(1)A224(2)050AS T39(1)A334(2)050AS T39(1)B474(2)050AS T39(1)B684(2)050AS T39(1)B105(2)050AS T39(1)E155(2)050AS T39(1)E225(2)050AS T39(1)F335(2)050AS T39(1)G475(2)050AS T39(1)J685(2)050AS T39(1)K106(2)050AS T39(1)L156(2)050AS T39(1)M226(2)050AS 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.6 0.9 1.3 1.9 2.7 4.0 6.0 8.8 3 3 3 3 3 3 3 5 5 5 5 5 6 6 6
0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0 15.0 22.0 33.0 47.0
(1) To complete KEMET Part Number, insert Series Designation as follows: "6" = T396, "8" = T398. (2) To complete KEMET Part Number, insert Capacitance Tolerance Symbol as follows: "M" = 20%, "K" = 10%. NOTE: Higher voltage/tigher tolerance products may be shipped, at KEMET's option, within the same case size.
70
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300


▲Up To Search▲   

 
Price & Availability of T350D105M035A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X