Part Number Hot Search : 
VSH31012 02100 25FU106B B250014 F2010 RF6330J APT60 ISL5585
Product Description
Full Text Search
 

To Download SWDM591SP0026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fused Single-Mode WDM (980/1550nm)
SWDM59 Series
Product Description
Oplink's 980/1550nm fused single-mode wavelength division multiplexers are manufactured using the proven fused biconical taper technology and Oplink's stringent quality procedures. With low insertion loss and flat passband, this device is ideal for combining pump (980nm) and signal light at 1550nm in optical fiber amplifiers. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Port 1 In
L
Port 2 Signal
Port 4 (terminated for 1x2 configuration)
O
Port 3 Pump
Features Performance Specificationns
SWDM59 Series Premium Grade A Grade B Unit
Ultra Low Insertion Loss Ultra High Isolation Low Polarization Sensitivity High Directivity
dB dB dB dB mW C C (o)3.0 x (L)54 (o)3.0 x (L)60 Applications
Operating Wavelength Insertion Loss Isolation Polarization Dependent Loss Directivity Maximum Power Handling Operating Temperature Storage Temperature Fiber Type Package Dimensions
**
970 - 990nm / 1535 - 1565nm < 0.1 < 0.2 > 20 < 0.1 > 55 500 - 10 to + 70 - 40 to + 85 HI1060 FLEX & HI980 P1: 250m bare fiber P2: 900m loose tube mm < 0.3
High Stable & Reliable Bidirectional
(970 - 990nm / 1535 - 1565nm)
Telecommunications CATV Subscriber Loop Local Area Networks Fiberoptic Sensors
Note: * Values are referenced without connector loss. ** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
R01.20080624
Fused Single-Mode WDM (980/1550nm)
SWDM59 Series
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
SWDM
5
9
S
0
0
Wavelength
1550/980nm= 59
Type
Standard= S
Premium Grade = P A Grade = A B Grade = B
Grade
Fiber Length
0.5 Meter = H 1.0 Meter = 1 * 1.5 Meters = 5 2.0 Meters = 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Configuration
1x2 = 1 2x2 = 2
Package & Fiber Type
P1+ HI1060 = 16 P1+ HI980 = 19 P2+ HI1060 = 26 P2+ HI980 = 29
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Notes : * 1 meter is standard. The lead time for special fiber length will be longer.
R01.20080624
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of SWDM591SP0026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X