Part Number Hot Search : 
N4100 ISP1507C 231549P CY7C680 FSQ0765R TLC601 BU508DX C908GT
Product Description
Full Text Search
 

To Download ST2SC3202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SC3202
NPN Silicon Epitaxial Planar Transistor for switching and general purpose applications. The transistor is subdivided into two groups, O and Y according to its DC current gain. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25oC) Symbol Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Emitter Current Power Dissipation Junction Temperature Storage Temperature Range VCBO VCEO VEBO IC IE Ptot Tj TS Value 35 30 5 500 -500 625 150 -55 to +150 Unit V V V mA mA mW
O O
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC3202
Characteristics at Tamb=25 OC Symbol DC Current Gain at VCE=1V, IC=100mA Current Gain Group O Y at VCE=6V, IC=400mA Collector Cutoff Current at VCB=35V Emitter Cutoff Current at VEB=5V Collector Emitter Saturation Voltage at IC=100mA, IB=10mA Base Emitter Voltage at VCE=1V, IC=100mA Transition Frequency at VCE=6V, IC=20mA Collector Output Capacitance at VCB=6V, f=1MHz COB 7.0 pF fT 300 MHz VBE 0.8 1 V VCE(sat) 0.1 0.25 V IEBO 0.1 A ICBO 0.1 A O Y hFE hFE hFE hFE 70 120 25 40 140 240 --Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002


▲Up To Search▲   

 
Price & Availability of ST2SC3202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X