Part Number Hot Search : 
74ACT1 R5S72611 MAX293 TST1284 QEN05GAB 20M16 33812 360SE
Product Description
Full Text Search
 

To Download ST2SC1383 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST 2SC1383 / 2SC1384
NPN Silicon Epitaxial Planar Transistor For low-frequency power amplification and driver Amplification. Complementary to 2SA683 to and 2SA684. On special request, these transistors can be manufactured in different pin configurations.
TO-92 Plastic Package Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25 oC) Symbol Collector Base Voltage 2SC1383 2SC1384 Collector Emitter Voltage 2SC1383 2SC1384 Emitter Base Voltage Peak Collector Current Collector Current Power Dissipation Junction Temperature Storage Temperature Range VCBO VCBO VCEO VCEO VEBO ICP IC Ptot Tj TS Value 30 60 25 50 5 1.5 1 1 150 -55 to +150 Unit V V V V V A A W
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC1383 / 2SC1384
Characteristics at Tamb=25 OC Symbol DC Current Gain at IC=500mA, VCE=10V Q R S at IC=1A, VCE=5V Collector Cutoff Current at VCB=20V Collector Base Voltage at IC=10A Collector Emitter Voltage at IC=2mA IC=2mA Emitter Base Voltage at IE=10A Collector Saturation Voltage at IC=500mA, IB=50mA Base Saturation Voltage at IC=500mA, IB=50mA Gain Bandwidth Product at VCB=10V,IE=-50mA,f=200MHz Output Capacitance at VCB=10V,f=1MHz COB 11 20 pF fT 200 MHz VBE (sat) 0.85 1.2 V VCE(sat) 0.2 0.4 V VEBO 5 V 2SC1383 2SC1384 VCEO VCEO 25 50 V V 2SC1383 2SC1384 VCBO VCBO 30 60 V V hFE hFE hFE hFE ICBO 85 120 170 50 100 170 240 340 0.1 A Min. Typ. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC1383 / 2SC1384
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002
ST 2SC1383 / 2SC1384
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/12/2002


▲Up To Search▲   

 
Price & Availability of ST2SC1383

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X