Part Number Hot Search : 
TEF6624 PIC30F HI7106C MAX7491 EDZ33 752E052 C7WP08L8 SG117AK
Product Description
Full Text Search
 

To Download SSD01L60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSD01L60
Elektronische Bauelemente 1A, 600V,RDS(ON)12[ N-Channel Enhancement Mode Power Mos.FET
Description
TO-252
The SSD01L60 (TO-252) is universally preferred for all commercial-industrial surface mount applications and suited for AC/DC converters.
Features
* RoHs Compliant
* Simple Drive Requirement * Fast Switching Speed * Repetitive Avalanche Rated
D
REF. A B C D E F S
G
S
Millimeter Min. Max. 6.40 6.80 5.20 5.50 6.80 7.20 2.20 2.80 2.30 REF. 0.70 0.90 0.60 0.90
REF. G H J K L M R
Millimeter Min. Max. 0.50 0.70 2.20 2.40 0.45 0.55 0 0.15 0.90 1.50 5.40 5.80 0.80 1.20
Absolute Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current,VGS@10V Continuous Drain Current,VGS@10V Pulsed Drain Current
1
Symbol
V DS V GS ID@TC=25 C ID@TC=100C IDM PD@TC=25 C
o o o
Ratings
600
30 1 0.8 3 29 0.232
Unit
V V A A A W
W/ C
o
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Operating Junction and Storage Temperature Range
2
EAS IAR EAR Tj, Tstg
0.5 1 0.5 -55~+150
mJ A mJ
o
C
Thermal Data
Parameter
Thermal Resistance Junction-case Thermal Resistance Junction-ambient
http://www.SeCoSGmbH.com/
Symbol Max. Max.
Rthj-c Rthj-a
Ratings
4.3 110
o o
Unit
C /W C /W
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
SSD01L60
Elektronische Bauelemente 1A, 600V,RDS(ON)12[ N-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C ) Drain-Source Leakage Current(Tj=150C) Static Drain-Source On-Resistance
3
o o
o
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS RDS(ON) Gfs Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss
Min.
600
_
Typ.
_
Max.
_
Unit
V V/ C V nA uA uA
[
o
Test Condition
VGS=0V, ID=250uA Reference to 25 C, ID=1mA VDS=VGS, ID=250uA VGS= 30V VDS=60 0V,VGS=0 VDS=480 V,VGS=0 VGS=10V, ID=0.5A VDS=10V, ID=0.5A ID=1 A VDS=480V VGS= 10V
o
0.8
_ _ _ _ _
_
2.0
_ _ _ _
4.0
100
10 100 12
_
_ _ _
Forward Transconductance Total Gate Charge3 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time3 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
_
_ _ _ _ _ _ _ _ _ _
0.8 4 1 1.1 6.6 5 11.7 9.2 170 30.7 5.1
S
nC
_
_ _ _ _ _ _
VDD=300V ID=1 A nS VGS=10V RG=3.3[ RD=300 [
pF
VGS=0V VDS=25V f=1.0MHz
Source-Drain Diode
Parameter
Forward On Voltage 3 Continuous Source Current(Body Diode)
Pulsed Source Current(Body Diode)
1
Symbol
VSD IS
Min.
_ _
Typ.
_ _ _
Max.
1.2
Unit
V A A
Test Condition
IS=1A, VGS=0V.Tj=25C VD=VG=0V,VS=1.2 V
o
1
5
ISM
_
Notes: 1. Pulse width limited by safe operating area. 2. Staring Tj=25 : , VDD=50V, L=10mH, RG=25 L , IAS=1.0A. 3. Pulse width 300us, duty cycle 2%.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
SSD01L60
Elektronische Bauelemente 1A, 600V,RDS(ON)12[ N-Channel Enhancement Mode Power Mos.FET
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Normalized BVDSS v.s. Junction Temperature
Fig 4. Normalized On-Resistance v.s. Junction Temperature
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Fig 5. Forward Characteristics of Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
Page 3 of 4
SSD01L60
Elektronische Bauelemente 1A, 600V,RDS(ON)12[ N-Channel Enhancement Mode Power Mos.FET
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SSD01L60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X