Part Number Hot Search : 
E2SDA GRM188 M1001 45DB021 NB32F3 AK2124 5DXXX CMOZ24L
Product Description
Full Text Search
 

To Download SM640D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM620D THRU SM6100D
Elektronische Bauelemente
VOLTAGE 20V ~ 100V
6.0AMP Surface Mount Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
D-Pack FEATURES
6.6 5.3
0.2
. Low forward voltage drop . High current capability . High reliability . High surge current capability . Epitaxial construction
0.8
0.2 0.1
2.3 0.5
0.1
0.1
0.2
5.6 2.5
0.1
1.0
0.3
7.0
0.2
0.2
MECHANICAL DATA
1.2
0.3
. Case: Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Metallurgically bonded construction . Polarity: Color band denotes cathode end . Mounting position: Any . Weight: 0.70 grams
0.6 0.7
0.3 0.1
0.1
2.3
1.5Max
PIN 1 PIN 3 Positive CT Suffix "C" CASE PIN 2
Dimensions in millimeters
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, See Fig. 1 Peak Forward Surge Current, 8.3 mS single half Sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current Ta=25 J At Rated DC Blocking Voltage Ta=100 J Typical Junction Capacitance (Note 1) Typical Thermal Resistance RJA (Note 2) Typical Thermal Resistance RJL (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
SM620D
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SM640D
SM660D
SM6100D
20 20 20
40 40 40 6.0 80 0.55 0.2 30 170 120 10 -50 ~ +150 -65 ~ +175 A A
60 60 60
100 100 100
UNITS V V V
0.65 0.1 15
0.83 0.05 7.5
V mA pF J / W J J
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Lead & Ambient PC Board Mounting 0.5"(12.7mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
SM620D THRU SM6100D
Elektronische Bauelemente
VOLTAGE 20V ~ 100V
6.0AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SM620D THRU SM6100D)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
3.6 3.0
50
INSTANTANEOUS FORWARD CURRENT,(A)
2.4
0D 66 SM
1.8 1.2 0.6 0 0 20 40 60 80
10 3.0 1.0
SM 66 0
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
SM 61
00 D
SM 62 0D ~S M6 40 D D
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
100
~ 0D 62 SM
0D 10 M6 ~S
0D 64 SM
Tj=25 C Pulse Width 300us 1% Duty Cycle
0.1
PEAK FORWARD SURGE CURRENT,(A)
80
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
60
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
40
20
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE
700 600 500 400 300 200 100 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
T j=25 C
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE,(%)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SM640D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X