Part Number Hot Search : 
A101G FM106 1V330M LT1465CN R2100 IZ8018 KF4N20LI 74AHCT1
Product Description
Full Text Search
 

To Download SM2122-44L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM2122-44L
2100-2200MHz 25 Watt Linear Power Amplifier UMTS APPLICATIONS
The SM2122-44L is a solid state GaAs amplifier designed for the UMTS market. This unit operates from 2.1 to 2.2 GHz, provides 55 dB of gain with a 0.5 dB flatness, and has a P1dB of +44 dBm. Stealth Microwave's proprietary linearization technique provides an OIP3 of +63 dBm. The compact size and ultra high linearity make this amplifier ideally suited for systems using CDMA, TDMA, singlecarrier or multi-carrier applications. Features * * * * Single Power Supply Over Voltage Protection Thermal Protection with Auto Reset Temperature Compensation
Parameter Frequency Range Pout (P1dB) Third Order Intercept Point Linear Gain Gain Flatness over Full Band Gain Change over Temperature Input/Output Return Loss DC Input Voltage DC Input Current Mechanical Dimensions (Without Heatsink) RF Connectors Operating Temperature (Baseplate) Operating Humidity Specification 2.1 - 2.2 GHz + 44 dBm + 63 dBm 55 dB 1 dB .5 dB .5 dB -16 dB / -16 dB + 12 Volts 8.2 Amps. (operational) 7.5 x 4.0 x 0.8 Inches SMA Female 0C to +55C 95% Non-condensing
Options * * * * * * Forward/Reverse Power Detection RF Sampling Fan Pulse Control with switching speeds up to 100 kHz Logic On/Off Control Integral Heatsink
Configurations
* * * Module 19" Rack Bench-Top Lab Unit
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM2122-44L
2100-2200MHz 25 Watt Linear Power Amplifier UMTS APPLICATIONS DIMENSIONS IN INCHES
RF INPUT
CNTL GND ON/OFF +12VDC +12VDC
INCORPORATED
RF SMPL
REV
Made in USA
RF OUTPUT
HEATSINK OPTION
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
GND RF SMPL REV Made in USA RF OUTPUT
CNTL +12VDC ON/OFF +12VDC
Model SM2122-44L
2100-2200MHz 25 Watt Linear Power Amplifier UMTS APPLICATIONS
Pin RF INPUT RF OUTPUT RF SAMPLE GND FWD REV +12VDC ON/OFF CNTL
Description Input Connector ( SMA Female ) Output Connector (SMA Female) Sample RF Port ( SMA Female ) Ground Turret Forward Power Detector Reverse Power Detector DC Input Voltage TTL Logic On/Off TTL Pulse Control
Values -9 dBm typical +44dBm @P1dB 30 dBr --+ 44 dBm Output Power + 4.0 Volts VSWR @ + 44 dBm + 4.0 Volts + 12 Volts @ 8.2 Amps (operational) 0 Volts = Off, + 5 Volts = On Rates up to 100 kHz
Specifications subject to change without notice.
1007 Whitehead Road Ext., Trenton, NJ 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM2122-44L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X