Part Number Hot Search : 
681KD20 UCY7403N FR205 MAXQ3210 ES3207 MAXQ3210 TL431 2SK3161S
Product Description
Full Text Search
 

To Download S4AD120520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P Premier M Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
FEATURES
! " # $ 2 Watt Output Up to 80% Efficiency Momentary Short Circuit Protection 6-Pin SIP Package
2.00 WATT SIP DC/DC CONVERTERS 1000Vdc ISOLATION
INPUT SPECIFICATIONS
% Voltage ...................... ............ Per Table Vdc % Voltage Range .................... ................. 10% % Input Filter ................................................ Cap
GENERAL SPECIFICATIONS
% % % % Efficiency ........................................... 70% Typ. Switching Frequency ................. 50KHz min. Isolation Voltage ................... 1000Vdc min. Operating Temperature ........... 0 to +70OC
OUTPUT SPECIFICATIONS
% % % % % Voltage ........................................... Per Table Voltage Accuracy .................................. 5% Ripple & Noise 20MHz BW ........ 150mV p-p Line Regulation..................... 1.2%/1% of Vin Load Regulation ................................... 10%
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO 70OC PART NUMBER S4AD050520 S4AS050922 S4AD051208 S4AD051506 S4AD120520 S4AD121208 S4AD121506
INPUT VOLTAGE (Vdc) OUTPUT VOLTAGE (Vdc) OUTPUT CURRENT (mA max.)
PART NUMBER S4AD240520 S4AD241208 S4AD241506 S4AS241512
INPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc)
OUTPUT CURRENT (mA max.)
5 5 5 5 12 12 12
+5 9 + 12 + 15 +5 + 12 + 15
+ 200 220 + 85 + 65 + 200 + 85 + 65
24 24 24 24
+5 + 12 + 15 15 +
+ 200 + 85 + 65 130
"S4" PACKAGE PHYSICAL DIMENSIONS .... DIMENSIONS IN mm (inches)
.280 (7.11) MAX
SCHEMATIC SCHEMATIC DIAGRAM
.770 (19.56) MAX WHITE DOT DENOTES PIN #1 .015 (0.38) 1 .020 (.508) .500 (12.70)
DC/DC CONVERTER
P S4AXXXXXXX M YYWW
6 .100 (2.54)
.400 (10.16) MAX .120 (3.05) MIN
1 +IN
2 -IN
4
5
6
-OUT COM +OUT
6
.080 (2.0) .010 (.25)
PIN NUMBER 1 2 3 4 5 6
DUAL OUTPUT +INPUT -INPUT OMITTED -Vout 0 Vout +Vout
SINGLE OUTPUT +INPUT -INPUT OMITTED N.C. -Vout +Vout
s4ax 10/97
1
2
4
5
6
Specifications subject to change without notice.
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
1


▲Up To Search▲   

 
Price & Availability of S4AD120520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X