Part Number Hot Search : 
ER304 H1121NL 225006 215DH S3P9404 AN1149 DVSA2812 AY31015D
Product Description
Full Text Search
 

To Download PMTC1450A011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Polarization Maintaining Tap Coupler
PMTC Series
Product Description
Oplink's polarization maintaining tap couplers is based on athermal platform. The technology is a lead-free packaging platform and no epoxy in the optical path. These devices feature super high extinction ratio, very high power handling and low insertion loss. Oplink's patented packaging technology ensures the highest quality and reliability. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Performance Specificationns
PMTC Series
Specifications
Ultra P Grade P Grade A Grade
Unit
Features
1450 30 Wavelength Range 5% Insertion Loss Signal Port 10% 50% 5% Insertion Loss Tap Port Extinction Ratio @ 23 C Optical Return Loss Directivity Direction of Incident Polarization Operting Power Handling Operating Temperature Storage Temperature Fiber Type Physical Dimensions P1 bare fiber P2 900m loose tube 10% 50% 23 1480 30 1550 30 13.8 10.8 3.8 1.0 1.3 3.8 20 50 50 Slow Axis 500 0 to +70 -40 to +85 Fujikura Panda PM Fiber 5.50.1 () x 34.01 (L) 5.50.1 () x 40.01 (L) mm 18 dB dB dB dB mW C C dB dB nm
Super High Extinction Ratio Low Insertion Loss Highly Stable & Reliable Epoxy-Free Optical Path Compact Size High-Power Handling
Applications
EDFA Raman Amplifier 40-Gbps, 100-Gbps Transmission System Laboratory R&D
Note: 1) All the parameters are excluding connectors; ER is 3dB lower and after connector added
R00.20090612
Polarization Maintaining Tap Coupler
PMTC Series
Mechanical Drawing / Package Dimensions (dimension in mm)
Package 1
Package 2
34.0 mm
1
40.0 mm
1
PORT1 PORT2
O5.5 mm COMM SMF-28
PORT 1
O5.5 mm
2
3
2
PORT 2
3
COMM SMF-28
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
PMTC
0
Center Channel Wavelength
1450nm = 1450 1480nm = 1480 1550nm = 1550
Fiber Length* Grade
Ultra P Grade = U P Grade = P A Grade = A 0.5 meter = H 1.0 meter = 1 1.5 meters = 5 2.0 meters = 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Fiber Type
250m Panda fiber = 1 400m Panda fiber = 2
Package Type & Jacket
P1+ bare fiber = 11 P2 + 900um loose tube = 22
* 1 meter is standard. The lead-time for special fiber length will be longer.
R00.20090612
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of PMTC1450A011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X