Part Number Hot Search : 
XC2V250 MAX528 2SC1573A IFW320 IFW320 TA75358F A208024 60ZFDT
Product Description
Full Text Search
 

To Download PMIS3-20-5-20KHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMIS3 POSIMAG(R) Magnetic Scale Position Sensor
Very compact sensor for industrial applications Sensor head PMIS3 * * * * * * * * Non-contact, no wear High velocity Robust shielded metal enclosure Protection class IP67 Incremental encoder output A/B/Z Signal processing as usual with encoders Reference pulse and end position signal Indicator for velocity/position errors
A POSIMAG measuring system consists of the sensor head PMIS3 and the magnetic scale PMIB3 with the same magnetic period.
Output
Specifications
Excitation voltage Excitation current Magnetic period of the sensor Guided spacing between sensor and mag. scale (xz) Side tracking tolerance of the sensor Linearity (sensor with mag. scale PMIB3) Repeatability Resolution with ext. times 4 counting mode [m] Max. velocity with fp=50 kHz [m/s] (20 kHz: x 0.4; 10 kHz: x 0.2)
Incremental encoder output A/B with differential push-pull output, TTL/RS422 or HTL compatible 10 ... 30 VDC or 5 VDC 5 % 50 mA to 300 mA, depending on pulse frequency, cable length and load 2 mm 0.1 ... 0.8 mm 1 mm 15 m 40 m/m 1 digit 5 0.8 10 1.6 20 3.2 50 8 10 1.6 5 mm 0.1 ... 2 mm 1 mm 30 m 40 m/m 1 digit 25 4 50 8 125 20
Order code PMIS3
PMIS3
--
--
--
KHZ--
--
--
M--
Model name Magnetic period 20 = 2 mm / 50 = 5 mm Resolution (in m) with times 4 counting mode Mag. period 2 mm: 5 / 10 / 20 / 50 Mag. period 5 mm: 10 / 25 / 50 / 125 Max. pulse frequency (in kHz, standard 50 kHz) 50 / 20 / 10 Output HTL = HTL output with excitation 24 VDC, output 24 V TTL = TTL output with excitation 5 VDC, output TTL/RS422 TTL24V = TTL output with excitation 24 VDC, output TTL/10 mA Reference pulse/ end position signal/ status signal Z0 = A/B w/o reference pulse / Z1 = A/B with reference pulse Z Z2 = A/B with end position signal / *Z3 = A/B with reference pulse and status signal (Option Z3 only for non-diferential output, single ended) Cable length (in m, standard 2 m) Connection S = Cable output, open end P = Connector D-sub, 9 pin, at the cable end
Order example: PMIS3 - 50 - 25 - 50KHZ - HTL - Z1 - 2M - S
6 CAT-PM--E-04 Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com ASM GmbH
PMIS3 POSIMAG(R) Magnetic Scale Position Sensor
Max. pulse frequency fp 50 kHz, 20 kHz, 10 kHz (standard 50 kHz) A, A, B, B, reference pulse Z, Z, end position signal E, E, status signal ERR Zinc die casting Cable 8 wire, O 5 mm, open cable end, 9 pin D-sub connector as option 30 5 g IP67
Specifications (continued)
Outputs Material of enclosure Electrical connection Weight (w/o cable and connector) Protection class (EN 60529) Environmental EMC Temperature
DIN EN 61326 -20 ...+85C
A POSIMAG measuring system consists of the sensor head PMIS3 and the magnetic scale PMIB3 with the same magnetic period. The subsequent counting device must be able to process the specified maximum pulse frequency of the sensor. Saturation voltage
Output signals
Short circuit current Rise time Load/cable length
UH, UL = 0,2 V UH, UL = 0,4 V Clast < 10 nF ISL, ISH < 800 mA ISL, ISH < 90 mA tr, tf < 200 ns Load/pulse frequency fp HTL single ended UB = 24 V
Iout = 10 mA Iout = 30 mA (UH, UL = 0 V) (UH, UL = 1,5 V)
(UH = UB - Uout)
with cable length 1 m, 10 % ... 90 %
Pulse frequency in dependence on the cable length
TTL/RS422 differential UB = 5 V * 50 mA 100 10 nF -- 100 kHz 200 kHz 300 kHz
TTL/24 V UB = 24 V 10 mA 500 1 nF -- -- 50 kHz 100 kHz
Max. output current Rlast min. Clast max. 200 m 100 m 50 m 10 m
50 mA 500 10 nF 15 kHz 25 kHz 50 kHz 100 kHz
* = note the voltage loss of the connector; excitation voltage 5 V 5% of the sensor must be guaran teed
Outline drawing
Status signal (LED)
Active measurement range
Reference mark
Position tolerance of the active measurement range: dx = 1 mm
Dimensions informative only. For guaranteed dimensions consult factory. ASM GmbH Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com CAT-PM-E-04 7
PMIS3 POSIMAG(R) Magnetic Scale Position Sensor
Output signals Option Z1 (Reference pulse)
Option Z2 (End position signal)
1 mm, sw. position independent from A,B End position mark
Signal name
Signal wiring / connection
Open cable end Cable colour Z0 Z1 Z2 Z3*
Option Excitation + Excitation GND (0V)
Conn. D-sub, 9 pin pin no.
white brown B A B A - - B A B A Z Z B A B A E E B A ERR - Z - green yellow grey pink blue red black
1 5 2 3 7 6 4 8 9
Shield Z E ERR *
= reference pulse = end position signal = status signal, periodical approx. 16 Hz, for side tracking and velocity errors = status signal ERR available only with HTL (single ended) output
Cable output dimensions
Connector D-sub (Pin) View to connector pins
8
CAT-PM--E-04 Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com
ASM GmbH
PMIB3 POSIMAG(R) Magnetic Scale
Magnetic scale PMIB3 for Position Sensor PMIS3 * Easy splicing * Resistant to moisture and many fluids * Extensive ruggedness against dust etc.
The magnetic material is magnetised in defined and even distances and works as a solid measure. Reference marks can be user defined in 4 mm resp. 10 mm steps. The magnetic scale retains its firmness by means of a spring steel base (standard steel strip CK 85).
Solid measure
Plastic bonded flexible permanent magnet Spring steel CK 85 Stainless steel (non magnetic) e.g. 100 ... 2500 mm (up to 50 m on request) 10 mm +0.1 mm / -0.2 mm 1.7 mm 0.1 mm 2 mm up to 30 m up to 50 m 40 m/m 80 m/m max. every 4 mm must be divisible by 4 11 x 10-6 / K -10 ...+70C 5 mm 40 m/m 80 m/m max. every 10 mm must be divisible by 10
Specifications
Base material Masking tape Measurement ranges Width Thickness (with masking tape) Magnetic period Linearity at 25C
Reference mark (reference pulse) Measurement range Linear thermal expansion coefficient Operating temperature
An unmagnetic masking tape made of stainless steel is available (accessories). The magnetic scale is flexible and can be glued to the surface of a cylinder with a minimum radius of 100 mm and used for angular measurements.
Order code PMIB3
Model name Magnetic period 20 = 2 mm / 50 = 5 mm Mounting of the magnetic scale N = adhesive taping
PMIB3
--
--
--
--
--
Measurement range (total length = range + X mm, refer to the table on p g 12) g( g g page ) e.g. 100, 500, 1000 ... 2500 mm (up to 50 m on request) Measurement ranges must be divisible by 4 (resp. by 10) Reference marks/end position marks (optional) R1 = reference mark on the left / R2 = on the right E1 = end position mark on the left / E2 = on the right Additional reference marks every 4 mm (period 2 mm) resp. 10 mm (period 5 mm) from the left Options FP = magnetic scale in flat profile HP = magnetic scale in high profile AB = Masking tape (only with FP or HP)
Order example: PMIB3 - 50 - N - 1500 - R1
ASM GmbH Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com CAT-PM-E-04 9
PMIB3-ST POSIMAG(R) Magnetic Scale
Magnetic scale PMIB3-ST for Position Sensor PMIS3 * Easy splicing * Resistant to moisture and many fluids * Extensive ruggedness against dust, chipping etc. * Magnetic scale with stainless steel base
The magnetic material is magnetised in defined and even distances and works as a solid measure. Reference marks can be user defined in 4 mm resp. 10 mm steps. The magnetic scale retains its firmness by means of a spring steel base (stainless steel strip CrNi 17 7).
Solid measure
Plastic bounded flexible permanent magnet Stainless steel CrNi 17 7 / PE Stainless steel (non magnetic) e.g. 100 ... 2500 mm (up to 50 m on request) 10 mm +0.1 mm / -0.2 mm 1.7 mm 0.1 mm 2 mm up to 30 m up to 50 m 40 m/m 80 m/m max. every 4 mm must be divisible by 4 11 x 10-6 / K -10 ...+70C 5 mm 40 m/m 80 m/m max. every 10 mm must be divisible by 10
Specifications
Base material Masking tape Measurement ranges Width Thickness (with masking tape) Magnetic period Linearity at 25C
Reference mark (zero pulse) Measurement range Linear thermal expansion coefficient Operation temperature
An unmagnetic masking tape made of stainless steel is available (accessories). The magnetic scale is flexible and can be glued to the surface of a cylinder with a minimum radius of 100 mm and used for angular measurements. PMIB3-ST -- Model name Magnetic period 20 = 2 mm / 50 = 5 mm Mounting of the magnetic scale N = adhesive taping Measurement range (total length = range + X mm, refer to the table on page 12) e.g. 100, 500, 1000 ... 2500 mm (up to 50 m on request) Measurement ranges must be divisible by 4 (resp. by 10) Reference marks/end position marks (optional) R1 = reference mark on the left / R2 = on the right E1 = end position mark on the left / E2 = on the right Additional reference marks every 4 mm (period 2 mm) resp. 10 mm (period 5 mm) from the left Options FP = magnetic scale in flat profile HP = magnetic scale in high profile AB = masking tape (only with FP or HP) -- -- -- --
Order code PMIB3-ST
Order example: PMIB3-ST - 50 - N - 1500 - R1
10 CAT-PM--E-04 Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com ASM GmbH
PMIB3-HT POSIMAG(R) Magnetic Scale
Magnetic scale PMIB3-HT for Position Sensor PMIS3 * Easy splicing * Resistant to moisture and many fluids * Extensive ruggedness against dust etc. * High temperature durability * Magnetic scale with stainless steel base
The magnetic material is magnetised in defined and even distances and works as a solid measure. Reference marks can be user defined in 4 mm resp. 10 mm steps. The magnetic scale retains its firmness by means of a spring steel base (stainless steel strip CrNi 17 7).
Solid measure
Plastic bonded flexible permanent magnet Stainless steel CrNi 17 7 / elastomer Stainless steel (non magnetic) e.g. 100 ... 2500 mm (up to 50 m on request) 10 mm +0.1 mm / -0.2 mm 1.7 mm 0.1 mm 2 mm up to 30 m up to 50 m 40 m/m 80 m/m max. every 4 mm must be divisible by 4 11 x 10-6 / K -20 ...+120C 5 mm 40 m/m 80 m/m max. every 10 mm must be divisible by 10
Specifications
Base material Masking tape Measurement ranges Width Thickness (with masking tape) Magnetic period Linearity at 25C
Reference mark (reference pulse) Measurement range Linear thermal expansion coefficient Operating temperature
An unmagnetic masking tape made of stainless steel is available (accessories). The magnetic scale is flexible and can be glued to the surface of a cylinder with a minimum radius of 100 mm and used for angular measurements.
Order code PMIB3-HT
Model name Magnetic period 20 = 2 mm / 50 = 5 mm Mounting of the magnetic scale N = adhesive taping
PMIB3-HT --
--
--
--
--
Measurement range (total length = range + X mm, refer to the table on page 12) e.g. 100, 500, 1000 ... 2500 mm (up to 50 m on request) Measurement ranges must be divisible by 4 (resp. by 10) Reference marks/end position marks (optional) R1 = reference mark on the left / R2 = on the right E1 = end position mark on the left / E2 = on the right Additional reference marks every 4 mm (period 2 mm) resp. 10 mm (period 5 mm) from the left Options FP = magnetic scale in flat profile HP = magnetic scale in high profile AB = masking tape (only with FP + HP)
Order example: PMIB3-HT - 50 - N - 1500 - R1
ASM GmbH Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com CAT-PM-E-04 11
PMIS3/ PMIB3/-HT/-ST POSIMAG(R) Magnetic Scale
Position of the ERR standard reference Z marks
A
A
B
Magnetic period
Switching position A 20.0 1 mm
Total length B measurement range + 40 mm
Dimensions reference
2 mm 5 mm 2 mm with high profile 5 mm with high profile
60.0 1 mm
measurement range + 120 mm
Additional reference marks every 4 mm (period 2 mm) resp. 10 mm (period 5 mm) from the left h. s.
Position of the end position marks
E A A
B
Magnetic period
Switching position A 21.0 1 mm 22.5 1 mm 61.0 1 mm 62.5 1 mm
Total length B measurement range + 50 mm measurement range + 50 mm measurement range + 130 mm measurement range + 130 mm
Dimensions end positions
2 mm 5 mm 2 mm with high profile 5 mm with high profile
12
CAT-PM--E-04 Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com
ASM GmbH
PMIS3/ PMIB3/-HT/-ST POSIMAG(R) Magnetoresistive Position Sensor Accesories
Masking tape PMAB:
Masking tape made of stainless steel for POSIMAG magnetic scale PMIB3, width 10 mm, thickness 0.2 mm PMAB -- 10MM -- Order code: Length in mm
Outline drawing flat profile PMFP
Mounting element PMFP Magnetic scale (w/o masking tape)
Mounting element PMFP
Mounting set PMFP-BFS1
Outline drawing high profile PMHP
Mounting element P Magnetic scale (w/o masking tape)
Mounting element P
Mounting set PMHP-BFS1
Slider for high profile PMGW3
Dimensions informative only. For guaranteed dimensions consult factory.
ASM GmbH Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com
CAT-PM-E-04
13
PMIB3/-HT/-ST POSIMAG(R) Magnetic Scales - overview
Magnetic Scales - Technical Information Types of magnetic scales / Application recommendation
Type Standard scale PMIB3 CK 85 stainless steel PE magnetic scale normal normal normal normal Stainless steel scale PMIB3-ST CrNi 17 7 stainless steel PE magnetic scale difficult high normal normal Stainless steel elastomer scale PMIB3-HT CrNi 17 7 stainless steel Elastomer magnetic scale very difficult high high high
base strip magnetic scale environmental conditions corrosion resistance temperature resistance media resistance
Chemical durability - PE magnetic scales (PMIB3, PMIB3-ST)
no / little influence some mineral oils vegetable oils methyl / isopropanol weak organic acids formaldehyde weak / middle influence anhydrous ammonia acetylene benzin kerosene steam, vapour acetic acid 20% / 30% sea water olein acid strong influence benzene nitrobenzene paint solvents turpentine nitric acid 70% hydrochloric acid 37% toluene xylene tetrachloromethane trichloroethylene
Chemical durability - Elastomer magnetic scales (PMIB3-HT)
no / little influence motor oils gear oils ATF (automatic transmission fluid) hydraulic fluid kerosene antifreeze agent purifying agent turpentine water sea water/salt water weak / middle influence JP-4 fuel (Jet fuel) gasoline/petrol heptane alcohol strong influence aromatic hydrocarbon (benzene, toluene, xylene) ketone anorganic acids (HCl, H2SO4)
14
CAT-PM--E-04 Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com
ASM GmbH


▲Up To Search▲   

 
Price & Availability of PMIS3-20-5-20KHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X