Part Number Hot Search : 
CDBD1530 4ACT2 RTC4573 50KHZ MAJ110 0000MH FD400G4N SN8P2610
Product Description
Full Text Search
 

To Download P0410-101-KBQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOLDED INDUCTORS
RESISTORS CAPACITORS COILS DELAY LINES Term.W is RoHS compliant & 260C compatible
P SERIES
|
RoHS
Military-grade performance! Molded construction provides superior protection and uniformity Wide selection available from stock Available to 3% on special order Tape & Reel packaging available
Insulation Resistance Dielectric Strength Solderability Moisture Resistance TC of Induct., typ. Shock, Vibration
1000 M Min. 1000 VAC Min. MIL-STD-202, M208 MIL-STD-202, M106 +50 to +500 ppm/C MIL-PRF-15305
|
Temperature Range
-55C to +125C
RCD Type D.010[.25] L.020[.5] P 0206 P 0410 P0511 .095[2.42] .155[3.94] .250[6.35] .375[9.53]
d.002[.05] .020[.5] .025[.6] .025[.6]
.187[4.75] .440[11.18]
TYPE P0206
Induc. Std. (H) Toler.
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10%
TYPE P0410
Test SRF DCR Rated Type Q Freq. Min. Max. Current Desig. (Min.) (MHz ) (MHz ) (ohm) (mA)
40 40 38 35 33 33 30 30 30 30 28 28 25 25 28 30 30 37 45 45 45 50 50 55 55 45 40 50 50 50 45 45 45 45 50 50 50 30 30 30 30 30 30 30 30 30 30 30 30 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 680 640 600 550 510 430 410 365 330 300 275 250 230 150 140 125 115 100 90 80 75 65 60 55 50 40 35 30 25 20 24 22 20 18 15 14 13 12 11 10 9 8 7 6.5 6 5 4 3.8 3.4 .08 .09 .10 .12 .14 .16 .22 .30 .35 .50 .60 .85 1.00 .18 .22 .30 .40 .55 .85 1.00 1.20 1.80 2.00 2.70 3.70 2.70 2.80 3.10 3.30 3.50 3.4 3.6 4.5 5.7 6.7 7.3 8 13 15 17 21 25 28 35 42 46 60 65 72 1350 1270 1200 1105 1025 960 815 700 650 545 495 415 385 590 535 455 395 355 270 250 230 185 175 155 130 155 150 145 140 135 130 125 110 100 92 88 84 66 61 57 52 47 45 40 36 35 30 29 28
MIL Std.*
Induc. Std. ( H) Toler.
.15 .22 .33 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 1000 20% 20% 20% 20% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5%
MIL Std.*
MS18130 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 MS14046 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 MS90538 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20 -21 -
Test SRF DCR Rated Type Q Freq. Min. Max. Current Desig. (Min.) (MHz ) (MHz ) (ohm) (mA)
LT4K 074 075 076 077 078 079 080 081 082 083 084 085 086 087 088 089 LT10K 128 129 130 131 132 133 134 135 136 137 LT10K 001 002 003 004 005 006 007 008 009 010 011 012 013 014 015 016 017 018 019 020 021 50 50 45 45 50 50 50 50 33 33 33 33 33 33 33 33 45 50 50 55 65 65 75 75 60 65 60 60 60 55 55 55 55 55 55 50 50 50 60 65 65 65 65 65 65 65 65 65 65 65 65 65 65 60 60 60 60 55 55 55 50 50 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 .79 525 450 360 310 280 250 220 200 180 160 150 135 120 110 100 90 60 55 50 45 42 40 34 30 25 19 15.5 14.5 13.7 13.0 12.7 12.0 11.5 11.0 10.5 10.3 10.0 9.5 8.9 8.7 8.5 8.0 7.5 7.0 6.5 6.2 5.9 2.8 2.7 2.6 2.5 2.4 2.3 2.2 2.2 2.1 2.0 1.9 1.9 1.8 1.8 1.7 .03 .055 .09 .12 .135 .15 .22 .29 .42 .50 .65 .95 1.20 2.00 2.30 2.60 .32 .50 .60 .90 1.10 1.40 2.25 2.50 2.60 3.00 2.50 2.60 2.70 2.75 2.85 3.00 3.15 3.30 3.70 3.90 4.30 4.50 4.90 5.20 5.45 6.05 6.40 6.75 7.10 7.45 7.80 11.0 11.5 12.0 15.5 16.3 17.1 17.9 18.8 24.7 25.9 27.2 28.6 30.0 31.5 33.1 2450 1810 1400 1225 1150 1100 900 785 650 600 525 435 385 300 280 260 495 395 360 290 265 240 185 175 170 165 180 176 172 170 167 164 160 156 147 143 136 133 128 124 121 114 111 108 106 103 101 145 140 137 135 133 130 126 123 120 116 113 110 105 102 100
MS75083 LT4K 339 -01 340 -02 341 -03 342 -04 343 -05 344 -06 345 -07 346 -08 347 -09 348 -10 349 -11 350 -12 351 -13 MS75084 LT10K 061 -01 062 -02 063 -03 064 -04 065 -05 066 -06 067 -07 068 -08 069 -09 070 -10 071 -11 072 -12 073 -13 074 -14 075 -15 076 -16 077 -17 MS75085 LT10K 078 -01 079 -02 080 -03 081 -04 082 -05 083 -06 084 -07 085 -08 086 -09 087 -10 088 -11 089 -12 090 -13 091 -14 092 -15 093 -16 094 -17 095 -18 096 -19
*Mil part numbers are given for reference only and do not imply qualification.
P/N DESIGNATION:
P0410 - 101 - K
BW
TYPE P0511
Induc. (H) 18 22 27 33 39 47 56 Std. Tol. % 10 10 10 10 10 10 10 -
(Consult factory for non-standard values)
Type D e si g . Q (Min.) 55 55 55 55 45 45 45 Test Freq. (MHz) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 SRF Min. (MHz) 23.0 23.0 20.0 20.0 19.0 19.0 14.0 Rated DC Current (mA) 625 600 560 520 495 465 450
RCD Type Inductance (uH): 2 digits & multiplier, R10=0.1uH, 1R0=1uH, 100=10uH, 101=100uH,102=1000uH) Tolerance Code: M=20%, K=10%, J=5% Packaging: B = Bulk, T = Tape & Reel Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
MIL Std.*
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA074A Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
101
| 1.0"[25.4] min.| L |
D
d


▲Up To Search▲   

 
Price & Availability of P0410-101-KBQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X