Part Number Hot Search : 
MS830 74LS6 H16008 ADF411 MAX54 AO3414 HT809 MP8760GL
Product Description
Full Text Search
 

To Download NQ20T20ETC20NKS-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Specification
NQ20x20ETC20
9 - 20 V
Continuous Input
0 - 20 V
Outputs
20 A
Current
NonIsolated
Eighth-brick
DC-DC Converter
The NiQor(R) eighth-brick dc-dc converter is a non-isolated buck-boost regulator, which employs synchronous rectificationtoachieveextremelyhighconversionefficiency. TheHighInputVoltageNiQorBrickfamilyofconverterscan beusedintraditionalDPA(distributedpowerarchitecture) systems or provide a regulated output voltage from a batterysourceorothervariablevoltagesource.TheNiQor Brick family can be configured to Buck the input voltage downtoalowervoltageorBoosttheinputvoltageuptoa highervoltageusingasingleexternalresistor.Themodule isRoHS6/6compliant(seelastpage).
Operational Features
* Ultrahighefficiency,upto95% * Deliversupto20Aofoutputcurrent * InputVoltageRange:9-20V * Outputvoltagerange:0-20V(negativeoutputispossible) * Extensiveon-boardinputandoutputfiltering * Nominimumloadrequirementmeansnopreload resistorsrequired * Buckorbuck-boostmodeavailable * Adjustablecurrentlimitwithcurrentmonitor(Coption)
Non-Isolated
NiQor eighth-brick module
Protection Features
* Inputunder-voltagelockoutprotectstheconverteratlow inputvoltageconditions * Over-currentshutdownprotectsconverterfromexcessive loadcurrentorshortcircuits * Input/outputover-voltageprotectionprotectsload andregulatorfromdamagingvoltages * Thermalshutdownprotectsconverterfromabnormal environmentalconditions
Mechanical Features
* Industrystandardeighth-brickpin-outconfiguration * Size:0.99"x2.39"(25x60.6mm) * Totalheightonly0.50"(12.7mm) * Totalweight:1.7oz(48grams)
Safety Features
* UL/cUL60950-1recognized(US&Canada) * TUVcertifiedtoEN60950-1 * BoardandplasticcomponentsmeetUL94V-0 flammabilityrequirements
Control Features
* On/Offcontrol * Outputvoltagetrimpermitscustomvoltages * RemoteSense(Soption,standard) * Currentlimittrim(Coption)
Product # NQ20x20ETC20 Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS2020W Rev. C
03/06/09
Page 1
Technical Specification
MECHANICALDIAGRAM
0.99 (25) 0.600 (15.24) 0.450 (11.43) 0.300 (7.62) 0.150 (3.81)
Input: Outputs: Current: Package:
9 - 20 V 0 - 20 V 20 A Eighth-brick
0.500 0.025 (12 0.63)
Overall height
8 7654
2.39
(60.6)
2.00
(50.8)
Top View
Side View
0.18
(4.6)
0.145
1
2
3
(3.68)
0.19 (4.9) 0.300 (7.62) 0.600 (15.24)
0.020 0.010 (0.51 0.25)
Bottom side Clearance
NOTES
1) Pins 1-3, 5-7 are 0.040" (1.02 mm) diameter. with 0.080" (2.03mm) diameter standoff shoulders. 2) Pins 4 and 8 are 0.062" (1.57 mm) diameter with 0.100" (2.54 mm) diameter standoff shoulders. 3) Other pin extension lengths available. Recommended pin length is 0.03" (0.76 mm) greater than the PCB thickness. 4) All Pins: Material - Copper Alloy Finish - Matte Tin over Nickel plate 5) Undimensioned components are shown for visual reference only. 6) All dimensions in inches (mm) Tolerances: x.xx 0.02" (x.x 0.5 mm) x.xxx 0.010" (x.xx 0.25 mm) 7) Weight: 1.7 oz (48 g) typical 8) Workmanship: Meets or exceeds IPC-A-610C Class II
PIN DESIGNATIONS
Pin No. Name
1 2 3 4 5 6 7 8
Notes:
1. SENSE(-) should be connected to Vout(-) either remotely or at the converter. 2. SENSE(+) should be connected to Vout(+) either remotely or at the converter.
Function
Positive input voltage TTL input to turn converter on and off, referenced to Vin(-), with internal pull up Negative input voltage, internal short to Pin 4 Negative output voltage, internal short to Pin 3 Negative remote sense1 (S option) Current limit trim (C option) Output voltage trim Positive remote sense2 (S option) Current monitor output (C option) Positive output voltage
Vin(+) ON/OFF Vin(-) Vout(-) SENSE(-) ITRIM VTRIM SENSE(+) IMON Vout(+)
Product # NQ20x20ETC20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS2020W Rev. C
03/06/09
Page 2
Technical Specification
NQ20x20ETC20 ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS Input Voltage Non-Operating Operating
Storage Temperature Voltage at ON/OFF input pin
Input: Outputs: Current: Package:
9 - 20 V 0 - 20 V 20 A Eighth-brick
Ta = 25 C, airflow rate = 300 LFM, Vin = 12 V dc unless otherwise noted; full operating temperature range is -40 C to +105 C ambient temperature with appropriate power derating. Specifications subject to change without notice.
Parameter
Vout
All All All All All All All All All
Min.
0 -55 0 9
Typ.
Max. Units Notes & Conditions
30 20 125 5.5 20 25 20 20 20 V V C V V A A F V A Continuous Continuous
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range Input Fuse Rating Input Current External Input Capacitance Output Voltage Output Current
100 0 0
Turn on at 10V Fast blow external fuse recommended Input current max equals output rated current ESR < 1.5 Output voltage dependent
INPUT CHARACTERISTICS Input Under-Voltage Lockout Turn-On Voltage Threshold Turn-Off Voltage Threshold Lockout Hysteresis Input Current Limit No-Load Input Current " " Disabled Input Current Input Filter Components Value (C\L\C) OUTPUT CHARACTERISTICS Output Voltage Range Operating Output Current Range Output Voltage Regulation Total Output Voltage Range Output Voltage Ripple and Noise (pk-pk/36Vin) " " Output DC Over Current limit External Output Capacitance C Option: Isense voltage No load Full load Output resistance of Isense C Option: Itrim voltage Voltage at no load Voltage at maximum load Pull-Up Resistance of Itrim Pin Pull-Up Voltage C Option: Reverse Current TEMP LIMITS FOR POWER DERATING Semiconductor Junction Temperature Board Temperature Baseplate Temperature EFFICIENCY 100% Load; 12 Vin " ; 48 Vin " ; 24 Vin 50% Load; 12 Vin " ; 48 Vin " ; 24 Vin
Product # NQ20x20ETC20
All All All All 12 24 48 All All All All All 3.3 5 20 All All All All All All All All All All All All All 3.3 5 20 3.3 5 20
9.2 8.1
9.5 8.5 1.0 24 115 120 175 80 20\1.1\60
10 8.9
V V V A mA mA mA mA F\H\F V A Set output by Rtrim resistor
0 0
20 20
160 mV 4%*Vout 10 20 40 24 0 5000 1.25 1.83 10 0.12 2.12 10.2 2.5 2 125 125 100 83 88 94 88 91 95
www.synqor.com
mV mV mV A F V V k V V k V A C C C % % % % % %
Sense pin, over sample, line, load, temp. & life 10 Vin Full Load; 100uF; 20 MHz b.w. " Effective on input, output condition ESR > 1 m
20 A load
20 A load
Enabled or Disabled Package rated to 150 C ULrated max operating temp 130 C
W mode only
W mode only
03/06/09 Page 3
Phone 1-888-567-9596
Doc.# 005-NS2020W Rev. C
Technical Specification
Input: Outputs: Current: Package:
9 - 20 V 0 - 20 V 20 A Eighth-brick
NQ20x20ETC20 ELECTRICAL CHARACTERISTICS (Continued)
Ta = 25 C, airflow rate = 300 LFM, Vin = 12 V dc unless otherwise noted; full operating temperature range is -40 C to +105 C ambient temperature with appropriate power derating. Specifications subject to change without notice.
Parameter
DYNAMIC CHARACTERISTICS Output Voltage during Current Transient
For a Step Change in Output Current
Vout Min. Typ. Max.
All 1
Units Notes & Conditions
V
Settling Time Turn on Transient Startup delay Rise Rate Output Voltage Overshoot FEATURE CHARACTERISTICS Switching Frequency ON/OFF Control Negative Logic (N) ON/OFF Control Off-State Voltage On-State Voltage Pull-Up Voltage Pull-Up Resistance Output Voltage Trim Range Input/Output Over-Voltage Protection Over-Temperature Shutdown Over-Temperature Shutdown Restart Hysteresis RELIABILITY CHARACTERISTICS Calculated MTBF (TR-NWT-000332; Telcordia) Calculated MTBF (MIL-HDBK-217F; MIL-217) Field Demonstrated MTBF
All All All All All 240
5 2 0.2 0 250 260
ms ms V/ms V kHz
(0.1 A/s); 50%-75%-50% Iout max To within 1.5% Vout nom. Resistive load "
"
All All All All All All All All All All All
1.8 0 3.3 10 0 22 24 115 15 TBD TBD
3.3 0.8
20 25
V V V k V V C C
Measured Vout+ to common pins Over full temp range Average PCB Temperature
106 Hrs. 100% load, 200LFM, 40 C Ta 106 Hrs. 100% load, 200LFM, 40 C Ta 106 Hrs. See our website for details
STANDARDS COMPLIANCE
Parameter
Notes & Conditions
STANDARDS COMPLIANCE UL/cUL 60950-1 Pending UL Approval File # E194341 EN60950-1 Certified by TUV Needle Flame Test (IEC 695-2-2) Test on entire assembly; board & plastic components UL94V-0 compliant IEC 61000-4-2 ESD test, 8 kV - NP, 15 kV air - NP (Normal Performance) GR-1089-CORE Section 7 - electrical safety, Section 9 - bonding/grounding Telcordia (Bellcore) GR-513 Note: An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety certificates on new releases or download from the SynQor website.
QUALIFICATION TESTING
Parameter
# Units
Test Conditions
QUALIFICATION TESTING Life Test 32 95% rated Vin and load, units at derating point, 1000 hours Vibration 5 10-55 Hz sweep, 0.060" total excursion, 1 min./sweep, 120 sweeps for 3 axis Mechanical Shock 5 100g minimum, 2 drops in x and y axis, 1 drop in z axis Temperature Cycling 10 -40 C to 100 C, unit temp. ramp 15 C/min., 500 cycles Power/Thermal Cycling 5 Toperating = min to max, Vin = min to max, full load, 100 cycles Design Marginality 5 Tmin-10 C to Tmax+10 C, 5 C steps, Vin = min to max, 0-105% load Humidity 5 85 C, 85% RH, 1000 hours, continuous Vin applied except 5 min/day Solderability 15 pins MIL-STD-883, method 2003 Note: Extensive characterization testing of all SynQor products and manufacturing processes is performed to ensure that we supply robust, reliable product. Contact the factory for official product family qualification documents.
Product # NQ20x20ETC20 Phone 1-888-567-9596 www.synqor.com Doc.# 005-NS2020W Rev. C 03/06/09 Page 4
Technical Specification
100 95 90 Efficiency (%) 85 80 75 70 65 60 0 4 8 12 16 20 Load Current (A)
12Vin 20Vout 12Vin 5Vout 12Vin 3.3Vout 20Vin 12Vout 20Vin 5Vout 20Vin 3.3Vout
Input: Outputs: Current: Package:
20
12Vin 20Vout 12Vin 5Vout 12Vin 3.3Vout 20Vin 12Vout 20Vin 5Vout 20Vin 3.3Vout
9 - 20 V 0 - 20 V 20 A Eighth-brick
Power Dissipation (W)
15
10
5
0 0 4 8 12 16 20 Load Current (A)
Figure 1: Efficiency at different output voltage vs. load current for different input voltage at 25 C.
Figure 2: Power dissipation at different output voltage vs. load current for different input voltage at 25 C.
21 18 Derated Output Current (A) 15 12 9 6 3 0 8 10 12 14 16 Input Voltage (V) 18 20
source impedance
1H
See Fig. 5 See Fig. 6
iS
Tb=80 C; Vout=5 V Tb=100 C; Vout=5 V Tb=80 C; Vout=12 V Tb=100 C; Vout=12 V Tb=80 C; Vout=20 V Tb=100 C; Vout=20 V
iC
VIN
Dc-dc Converter
VOUT
100F 100mWESR
tantalum capacitor
VSOURCE
C*
*Seevaluesforrecommendedexternalinputcapacitance. Inductoroptionalasneeded.
Figure 3: Maximum output power derating curve with a controlled baseplate temperature of 80C and 100C.
Figure 4: Test set-up diagram showing measurement points for Input Terminal Ripple Current (Figure 5), and Output Voltage Ripple (Figure 6).
20 Vout
20 Vout 12 Vout
12 Vout 5.0 Vout
3.3 Vout
5.0 Vout 3.3 Vout
Figure 5: Input Terminal Ripple Current at 10 V input voltage and rated load current (500 mA/div). Bandwidth: 20 MHz. See Figure 4.
Figure 6: Output Voltage Ripple at 10 V input voltage and rated load current (20mV/div). Zero load capacitance. Bandwidth: 20 MHz. See Figure 4.
Doc.# 005-NS2020W Rev. C 03/06/09 Page 5
Product # NQ20x20ETC20
Phone 1-888-567-9596
www.synqor.com
Technical Specification
Input: Outputs: Current: Package:
9 - 20 V 0 - 20 V 20 A Eighth-brick
20 Vout
20 Vout
12 Vout
12 Vout
5.0 Vout 3.3 Vout
5.0 Vout 3.3 Vout
ON/OFF
ON/OFF
Figure 7: Turn-on transient at zero load (50 ms/div). ON/OFF input (5 V/div) Ch 1-4: Vout (5 V/div)
1.9 1.8
Figure 8: Turn-on transient at full load (50 ms/div). ON/OFF input (5 V/div) Ch 1-4: Vout (5 V/div)
2.5
2.0 1.7
IMON (V)
1.6 1.5 1.4
Itrim (V)
0 5 10 15 20
1.5
1.0
0.5 1.3 1.2 0.0 0 5 10 15 20 25
Load (A)
Current Limit (A)
Figure 9: Imon pin voltage vs. load current at 16 V input and 13.8 V output. Load capacitance: 100F electrolytic cap. C option only.
Figure 10: Current limit vs. Itrim pin voltage with 16 V input and 13.8 V output. Load capacitance: 100F electrolytic cap. C option only.
20 Vout
12 Vout
5.0 Vout
3.3 Vout
Figure 11: Output voltage response for 3.3 V, 5 V, 12 V, 20 V units to
step-change in load current (50-75-50% of Iout max; di/dt=0.1A/s). Load cap: 100F, 100mW ESR tant, Ch 1-4: Vout (1 V/div);(5ms/div).
Product # NQ20x20ETC20 Phone 1-888-567-9596 www.synqor.com Doc.# 005-NS2020W Rev. C 03/06/09 Page 6
Technical Specification
BASIC OPERATION AND FEATURES
These converters use a digital controller for the buck stage and boost stage (see Figure A). It automatically changes operating mode (buck mode or boost) when the line voltage or output set point changes. Both stages are accomplished with synchronous rectifiers. Very high efficiency is maintained over wide input and output ranges by shifting operational modes and use of synchronous rectifiers.
Vin+ Linput Cin1 GATE_Q1 Cin2 GATE_Q2 VinQ2 Q1 GATE_Q3 L GATE_Q4 Q4 VoutQ3 JUMPER Loutput Cout1 Vout+
Input: Outputs: Current: Package:
9 - 20 V 0 - 20 V 20 A Eighth-brick
Alternatively, the TRIM pin can be driven from an external voltage source: V(pin6) = 2.366 - 2.180 2.314
where:
()
Vout
Vmax
Vout = desired output voltage Vmax = maximum rated output voltage
To maintain the accuracy of the output voltage over load current, it is vital that any trim-up resistor be terminated directly to the converter's Sense(-) pin (S option) or Vout(-) pin (C option), not at the connection to the load. A separate Kelvin connection to the PCB pad for the Vout(-) is optimal.
Cout2
Figure A: Topology
PROTECTION FEATURES
Input Under-Voltage Lockout: The converter is designed to turn off when the input voltage is too low, helping avoid an input system instability problem, described in more detail in the application note titled "Input System Instability". The lockout circuitry is a comparator with DC hysteresis. When the input voltage is rising, it must exceed the typical Turn-On Voltage Threshold value (listed on the specification page) before the converter will turn on. Once the converter is on, the input voltage must fall below the typical Turn-Off Voltage Threshold value before the converter will turn off. Output Current Shutdown: To provide protection in an output short condition, the unit is equipped with internal short circuit protection. When the short protection is triggered, the unit shutdowns first. After approximately 16 ms inhibit time, the units turn on again. If the short condition remains, the current limit circuit will limit the output current. The units operate normally once the fault condition is removed. Internal Over-Voltage Protection: To fully protect from excessive output voltage, the output over-voltage shutdown circuitry is contained. This OVP is independent of the trimmed set point. The shutdown point is fixed on the standard option. Over-Temperature Shutdown: A temperature sensor on the converter senses the average temperature of the module. The thermal shutdown circuit is designed to turn the converter off when the temperature at the sensed location reaches the Over-Temperature Shutdown value. It will allow the converter to turn on again when the temperature of the sensed location falls by the amount of the Over-Temperature Shutdown Restart Hysteresis value.
W mode: Q3, Q4 are populated, Jumper is open. T mode: Q3, Q4 are open, Jumper is populated. The converter runs at a fixed frequency with a predictable EMI performance. This series of quarter-brick and eighth-brick converters use the industry standard footprint and pin-out configuration.
CONTROL FEATURES
REMOTE ON/OFF: The ON/OFF input permits the user to control when the converter is on or off. Only Negative ON/OFF logic is available in this power module series. Negative logic ON/OFF signal turns the module OFF during logic high (leave the pin floating or set voltage between 1.8~3.3 V) and turns the module ON during logic low [tie to Vin(-)]. OUTPUT VOLTAGE TRIM: The output voltage can be programmed to any voltage between 0 V dc and Vmax by connecting one resistor between the Pin 6 (TRIM) pin and Pin 5 [Sense(-)]. For a desired output voltage, the value of the resistor should be:
Rtrim-up(Vout) =
[(
11830 12465 x Vmax Vout + .0569 x Vmax 0.058
)]
_ 10912
()
Product # NQ20x20ETC20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS2020W Rev. C
03/06/09
Page 7
Technical Specification
APPLICATION CONSIDERATIONS
Limited output voltage resolution: The internal voltage control feedback loop has limited resolution. Therefore, the output voltage will exhibit discrete steps as the loop responds to changes in line, load, trim, or remote sense. For instance, on close examination, the startup ramp has a "stair-step" shape. Likewise, a load transient response will be composed of multiple discrete steps. Input filtering: These modules should be connected to a low-impedance source. A highly inductive source can affect the stability of the module. An input capacitance must be placed directly adjacent to the input pin of the module, to minimize input ripple voltage and ensure module stability. Output capacitance: For stable operation of the module, there is no extra external capacitor required. To reduce the output ripple and improve dynamic response to a step load change, additional capacitance at the output can be used. Low ESR polymer and ceramic capacitors are recommended to improve the dynamic response of the module. In many applications, however, additional external output capacitance is a requirement which will cause the startup time to change. Remote sense (S option): Vout remote sensing is provided to achieve proper regulation at the load points and reduce effects of distribution losses on output line. In the event of an open remote sense line, the module shall maintain local sense regulation through an internal resistor. The module shall correct for a total of 10% Vout. Current limit: Available power is limited by output current in buck mode (Vin>Vout), but by input current in boost mode (VinVout, Ilimit = 1.2 x Imax for Vin < Vout, Ilimit = 1.2 x Imax
Vin+ 1 Vin+
Input: Outputs: Current: Package:
Cin2 Vout+ SENSE+ 2 ENABLE TRIM Dc/dc SENSE3 Vin- converter Vout-
9 - 20 V 0 - 20 V 20 A Eighth-brick
Vin-/ Vout+
Cin1
8 7 6 5 4
Rtrim-up
Cout1
Vout-
Figure B: Negative output setup
Using this negative output setup impacts the available output voltage range and current limit. The output voltage range becomes 0 to Vmax - Vin, and the current limit is scaled by: V
in
(Vin + Vout)
Current monitor/trimmable current limit (C option): In addition to voltage trim, the C option offers an adjustable current limit input and a current monitor output. The C option also includes an ideal diode circuit in series with the Vout+ pin that prevents reverse current flow. This enables applications such as battery charging, current sharing, and current read back.
Vin+ 1 Cin
Dc/dc converter
Vin+ 2 ENABLE 3 VinVout+ 8 IMON 7 VTRIM 6 5
Vout+
IMON RadjIlim Rtrim-up
ITRIM
Cout
Vin-
Vout- 4
Vout-
Figure C: Current monitor/trimmable current limit setup
where Imax = Maximum rated output current
()
Vin
The Rtrim-up resistor increases the output voltage, identical in function to the S option. The RadjItrim resistor reduces the output current limit, according to the following equation:
Vout
RadjItrim =
Negative output: This series of converters can be set to negative output (see Figure B).
Alternatively, the Itrim pin can be driven from an external voltage source: V(pin5) = 2.085(Itrim/Imax) + 0.0953 where Itrim is the desired current limit setpoint If Ilimit is less than Itrim, then Ilimit takes precedence. The Imon pin voltage tracks the output current, as shown in figure 10. This pin has a 10kOhm output impedance.
[(
0.0469 Imax + Itrim 1.153 Imax + Itrim
)]
10200 - 10
03/06/09
()
Product # NQ20x20ETC20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS2020W Rev. C
Page 8
Technical Specification
PART NUMBERING SYSTEM
The part numbering system for SynQor's dc-dc converters follows the format shown in the example below.
NQ 2 0 W 2 0 E T C 20 NNS- G 6/6RoHS Options(see
OrderingInformation)
Input: Outputs: Current: Package:
ORDERING INFORMATION
9 - 20 V 0 - 20 V 20 A Eighth-brick
The tables below show the valid model numbers and ordering options for converters in this product family. When ordering SynQor converters, please ensure that you use the complete 15 character part number consisting of the 12 character base part number and the additional 3 characters for options. Add "-G" to the model number for 6/6 RoHS compliance.
Model Number NQ20w20ETC20xyz-G Input Voltage 9 - 20 V Output Voltage 0 - 20 V Max Output Current 20 A
OutputCurrent ThermalDesign PerformanceLevel PackageSize OutputVoltage Mode(seeOrderingInformation) InputVoltage ProductFamily
Thefollowingoptionsmustbeincludedinplaceofthe x y z spacesinthemodelnumberslistedabove.
Mode: w
T - Buck W - Buck / Boost
The first 12 characters comprise the base part number and the last 3 characters indicate available options. The "-G" suffix indicates 6/6 RoHS compliance.
Options Description: x y z
Enable Logic Pin Style K - 0.110" N - 0.145" R - 0.180" Y - 0.250" Feature Set
S - Standard C - Current monitor output / Trimmable current limit
Application Notes
A variety of application notes and technical white papers can be downloaded in pdf format from our website.
RoHS Compliance: The EU led RoHS (Restriction of Hazardous Substances) Directive bans the use of Lead, Cadmium, Hexavalent Chromium, Mercury, Polybrominated Biphenyls (PBB), and Polybrominated Diphenyl Ether (PBDE) in Electrical and Electronic Equipment. This SynQor product is 6/6 RoHS compliant. For more information please refer to SynQor's RoHS addendum available at our RoHS Compliance / Lead Free Initiative web page or e-mail us at rohs@synqor.com.
N - Negative
Contact SynQor for C - Feature Set availability. Not all combinations make valid part numbers, please contact SynQor for availability. See the Product Summary web page for more options.
PATENTS
SynQorholdsthefollowingpatents,oneormoreofwhich mightapplytothisproduct: 5,999,417 6,594,159 6,927,987 7,119,524 6,222,742 6,731,520 7,050,309 7,269,034 6,545,890 6,894,468 7,072,190 7,272,021 6,577,109 6,896,526 7,085,146 7,272,023
Contact SynQor for further information:
Phone: Toll Free: Fax: E-mail: Web: Address:
978-849-0600 888-567-9596 978-849-0602 power@synqor.com www.synqor.com 155 Swanson Road Boxborough, MA 01719 USA
Warranty SynQor offers a three (3) year limited warranty. Complete warranty information is listed on our website or is available upon request from SynQor. Information furnished by SynQor is believed to be accurate and reliable. However, no responsibility is assumed by SynQor for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SynQor.
Product # NQ20x20ETC20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-NS2020W Rev. C
03/06/09
Page 9


▲Up To Search▲   

 
Price & Availability of NQ20T20ETC20NKS-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X