Part Number Hot Search : 
59101 FR70KR05 2SC328 UPA610TA JW075A1 1S955 18F87 W921E400
Product Description
Full Text Search
 

To Download NLAS3899B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NLAS3899B Dual DPDT Low RON, Low Capacitance Switch
The NLAS3899B is a dual DPDT analog switch designed for low power audio and dual SIM card applications. The low RON of 3.0 W (typical) is ideal for routing audio signals to or from a moderately high impedance load. In addition, the low CON of 20 pF (typical) gives the NLAS3899B a high bandwidth of 280 MHz, perfect for dual SIM card applications.
Features http://onsemi.com MARKING DIAGRAMS
16 1
1
QFN16 CASE 485AE
Typical Applications
* * * *
Cell Phone Speaker/Microphone Switching Ringtone-Chip/Amplifier Switching Dual SIM Card Data Switching Four Unbalanced (Single-Ended) Switches
Important Information
XX A M L Y W G
= Specific Device Code = Assembly Location = Date Code/Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
* ESD Protection: * * *
(Note: Microdot may be in either location) COMA NOA Vcc NCD
16 15 14 13
Human Body Model (HBM) 1000 V - All Pins Human Body Model (HBM) 5000 V - I/O to GND Continuous Current Rating Through each Switch 300 mA Conforms to: JEDEC MO-220, Issue H, Variation VEED-6 Package: 1.8 x 2.6 x 0.75 mm WQFN16 Pb-Free 3.0 x 3.0 x 0.9 mm QFN16 Pb-Free
NCA A-B IN NOB COMB
1
2
3
4
5
6
7
NCB GND NOCCOMC
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2008
July, 2008 - Rev. 0
1
Publication Order Number: NLAS3899B/D
CCC CCC
12 11 10 9 8
* * * * * * *
1.65 to 4.3 V VCC Function Directly from Li-Ion Battery Low ON Resistance (3.0 W Typical Across VCC) Low CON (20 pF Typical) Bandwidth 280 MHz Maximum Breakdown Voltage: 5.5 V Low Static Power Interfaces with 1.8 V Chipset These are Pb-Free Devices
1
WQFN16 CASE 488AP 1
16
CC CC
* Single Supply Operation
AAMG G
NLAS 3899 ALYW
COMD NOD C-D IN NCC
NLAS3899B
COM
NC
NO
IN
Figure 1. Input Equivalent Circuit
PIN DESCRIPTION
QFN PIN # 1, 3, 5, 7, 9, 11, 13, 15 2, 10 4, 8, 12, 16 6 14 Symbol NO A-D, NC A-D A-B IN, C-D IN COM A-D GND VCC Independent Channels Controls Common Channels Ground (V) Positive Supply Voltage Name and Function
TRUTH TABLE
IN H L *High impedance. NO ON OFF* NC OFF* ON
OPERATING CONDITIONS
MAXIMUM RATINGS
Symbol VCC VIS VIN IIS_CON IIS_PK IIN TSTG Pins VCC NOx, NCx, or COMx A-B IN, C-D IN NOx, NCx, or COMx NOx, NCx, or COMx A-B IN, C-D IN Parameter Positive DC Supply Voltage Analog Signal Voltage Control Input Voltage Analog Signal Continuous Current Analog Signal Peak Current Control Input Current Storage Temperature Range Value -0.5 to +5.5 -0.5 to VCC + 0.5 -0.5 to 5.5 300 500 20 -65 to 150 Closed Switch 10% Duty Cycle Condition Unit V V V mA mA mA C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
http://onsemi.com
2
NLAS3899B
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIS VIN TA tr, tf Pins VCC NOx, NCx, or COMx A-B IN, C-D IN Parameter Positive DC Supply Voltage Analog Signal Voltage Control Input Voltage Operating Temperature Range Input Rise or Fall Time Value 1.65 to 4.3 GND to VCC GND to 4.3 -40 to +85 20 10 VCC = 1.6 V - 2.7 V VCC = 3.0 V - 4.5 V Condition Unit V V V C ns/V
Minimum and maximum values are guaranteed through test or design across the Recommended Operating Conditions, where applicable. Typical values are listed for guidance only and are based on the particular conditions listed for each section, where applicable. These conditions are valid for all values found in the characteristics tables unless otherwise specified in the test conditions.
ESD PROTECTION
Pins All Pins I/O to GND Description Human Body Model Human Body Model Minimum Voltage 1 kV 5 kV
http://onsemi.com
3
NLAS3899B
DC Electrical Characteristics
Typical: T = 25C; VCC = 3.0 V
CONTROL INPUT (Typical: T = 25C; VCC = 3.0 V)
Symbol VIH VIL IIN Pins A-B IN, C-D IN A-B IN, C-D IN A-B IN, C-D IN Parameter Control Input High Control Input Low Control Input Leakage 0 v VIN v VCC Test Conditions VCC (V) 3.0 4.3 3.0 4.3 4.3 0.1 -405C to +855C Min 1.3 1.6 0.5 0.6 1.0 Typ Max Unit V V mA
SUPPLY CURRENT AND LEAKAGE (Typical: T = 25C; VCC = 3.0 V)
Symbol INO/NC (OFF) ICOM (ON) Pins NCx, NOx Parameter OFF State Leakage Test Conditions VIN = VIL or VIH VNC/NO = 0.3 V VCOM = 4.0 V VIN = VIL or VIH VNO = 0.3 V or 4.0 V with VNC floating or VNC = 0.3 V or 4.0 V with VNO floating VCOM = 0.3 V or 4.0 V VIN and VIS = VCC or GND ID = 0 A VIN = 4.3 V or GND VCC (V) 4.3 -405C to +855C Min Typ 10 Max 300 Unit nA
COMx
ON State Leakage
4.3
10
300
nA
ICC IOFF
VCC A-B IN, C-D IN
Quiescent Supply Power Off Leakage
1.65 - 4.3 0
1.0 0.5
2.0 2.0
mA mA
ON RESISTANCE (Typical: T = 25C; VCC = 3.0 V)
Symbol RON Pins NOx, NCx COMx Parameter ON Resistance Test Conditions ION = -100 mA VIS = 0 to VCC VCC (V) 2.5 3.0 3.6 4.3 3.0 4.3 3.0 4.3 -405C to +855C Min Typ 3.0 2.6 2.5 2.2 0.8 1.1 0.8 0.7 Max 4.0 3.0 3.0 2.5 Unit W
RFLAT DRON
NOx, NCx COMx NOx, NCx COMx
RON Flatness RON Matching
ION = -100 mA VIS = 0 to VCC ION = -100 mA VIS = 0 to VCC
W W
http://onsemi.com
4
NLAS3899B
AC ELECTRICAL CHARACTERISTICS
TIMING/FREQUENCY (Typical: T = 25C; VCC = 3.0 V, RL = 50 W, CL = 35 pF, f = 1 MHz)
Symbol tON tOFF tBBM BW Pins IN to NCx or NOx IN to NCx or NOx IN to NCx or NOx Parameter Turn On Time Turn Off Time Break Before Make -3dB Bandwidth CL = 5 pF Test Conditions VCC (V) 2.3 - 4.3 2.3 - 4.53 3.0 1.65 - 4.3 2 -405C to +855C Min Typ 30 20 15 280 Max 40 30 Unit ns ns ns MHz
ISOLATION AND THD (Typical: T = 25C; VCC = 3.0 V, RL = 50 W, CL = 5 pF, f = 1 MHz)
Symbol Q Pins Parameter Charge Injection Test Conditions VIN = VCC to GND RIS = 0 W, CL = 1.0 nF Q = CL - VOUT FIS = 20 Hz to 20 kHz RL = Rgen = 600 W, CL = 1.0 pF VIS = 1.0 VPP VIN = 0 dBm @ 100 kHz to 50 MHz VIN centered between VCC & GND VIN = 0 VNO or VNC (pk-pk) = 1.0 V VCC (V) 1.65 - 4.3 -405C to +855C Min Typ 111 Max Unit pC
THD
Total Harmonic Distortion
3.0
0.007
%
VONL OIRR Xtalk NOx COMx to COMy
Maximum Feedthrough On Loss Off Isolation
1.65 - 4.3 1.65 - 4.3 1.65 - 4.3
-0.06 -67 -100
dB dB dB
Non-Adjacent Chan- VNO or VNC (pk-pk) = 1.0 V nel
CAPACITANCE (Typical: T = 25C; VCC = 3.0 V, RL = 50 W, CL = 5 pF, f = 1 MHz)
Symbol CIN CON COFF Pins A-B IN, C-D IN NCx to COMx NCx NOx Parameter Control Input Through Switch Unselected Port VIN = 0V VIS = 3.0V, VIN = 3.0V Test Conditions VCC (V) 0V 3.0 V 3.0 V -405C to +855C Min Typ 5.0 20 10 Max Unit pF pF pF
http://onsemi.com
5
NLAS3899B
0.014 0.012 0.010 0.008 ICC (A) 0.006 0.004 0.002 0 -0.002 0 0.5 1.0 1.5 2.0 Vin (V) 2.5 3.0 3.5 4.0 0.00010 0 3.0 V @ 25C 3.6 V @ 25C 0.00025 ICC (A) 0.00020 3.0 V @ 25C 0.00015 3.6 V @ 25C 4.3 V @ 25C 0.00035 4.3 V @ 25C 0.00030
0
0.2
0.4
0.6
0.8
1.0 Vin (V)
1.2
1.4
1.6
1.8 2.0
Figure 2. ICC vs. Vin
Figure 3. (Expanded View) ICC vs. Vin
DUT VCC 0.1 mF 50 W Output VOUT 35 pF Input
VCC GND tBMM 90% Output 90% of VOH
Switch Select Pin
GND
Figure 4. tBBM (Time Break-Before-Make)
DUT VCC 0.1 mF Open Output VOUT 50 W 35 pF
VCC Input 0V VOH Output 50% 50%
90%
90%
Input
VOL
Figure 5. tON/tOFF
VCC Input Output Open 50 W VOUT 35 pF Output VOL Input 0V VOH 50%
tON
tOFF
VCC DUT
50%
10% tOFF tON
10%
Figure 6. tON/tOFF http://onsemi.com
6
NLAS3899B
50 W Reference Input Output 50 W Generator 50 W DUT Transmitted
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction. VISO = Off Channel Isolation = 20 Log VOUT VIN for VIN at 100 kHz for VIN at 100 kHz to 50 MHz
VOUT VONL = On Channel Loss = 20 Log VIN
Bandwidth (BW) = the frequency 3 dB below VONL VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
Figure 7. Off Channel Isolation/On Channel Loss (BW)/Crosstalk (On Channel to Off Channel)/VONL
DUT Open Output CL Output VIN
VCC GND
Off VIN
On
Off
DVOUT
Figure 8. Charge Injection: (Q)
http://onsemi.com
7
NLAS3899B
DEVICE ORDERING INFORMATION
Device Order Number NLAS3899BMNTBG NLAS3899BMNTXG Package Type WQFN16 (Pb-Free) QFN16 (Pb-Free) Tape & Reel Size 3000 / Tape & Reel 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
8
NLAS3899B
PACKAGE DIMENSIONS
WQFN16 (1.8x2.6x0.4P) CASE 488AP-01 ISSUE A
D A
PIN 1 REFERENCE
E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. 5. EXPOSED PADS CONNECTED TO DIE FLAG. USED AS TEST CONTACTS. DIM A A1 A3 b D E e L L1 SEATING PLANE MILLIMETERS MIN MAX 0.70 0.80 0.00 0.050 0.20 REF 0.15 0.25 1.80 BSC 2.60 BSC 0.40 BSC 0.30 0.50 0.40 0.60
2X
0.15 C 0.15 C
2X
0.10 C 0.08 C A1 A3
5 15 X L 4 9 8
L1
EEE EEE EEE EEE
1 12 16 16 X
B A
C
MOUNTING FOOTPRINT
0.562 0.0221 0.400 0.0157
1
e 2.900 0.1142 b 0.10 C A B 0.05 C
NOTE 3
0.225 0.0089
0.463 0.0182 1.200 0.0472 2.100 0.0827
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
9
NLAS3899B
PACKAGE DIMENSIONS
QFN16 3*3*0.85 MM, 0.5 P CASE 485AE-01 ISSUE O
D A B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. 5. OUTLINE MEETS JEDEC DIMENSIONS PER MO-220, VARIATION VEED-6. DIM A A1 A3 b D D2 E E2 e K L SEATING PLANE MILLIMETERS MIN NOM MAX 0.800 0.900 1.000 0.000 0.025 0.050 0.200 REF 0.180 0.250 0.300 3.00 BSC 1.250 1.40 1.550 3.00 BSC 1.250 1.40 1.550 0.500 BSC 0.200 --- --- 0.300 0.400 0.500
PIN 1 LOCATION
0.15 C 0.15 C
0.10 C
16 X
0.08 C SIDE VIEW A1 C
16X
L
NOTE 5 4 16X
K
1 16 16X 13 12
0.10 C A B 0.05 C
NOTE 3
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
CCC CCC CCC
TOP VIEW (A3) D2
5 8
E
A
e
EXPOSED PAD
9
E2
b BOTTOM VIEW
http://onsemi.com
10
NLAS3899B/D


▲Up To Search▲   

 
Price & Availability of NLAS3899B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X