Part Number Hot Search : 
V3PAN50 6K6FK 05NH45 74HC08 DSP56854 DSP56854 15045 IWS524Z
Product Description
Full Text Search
 

To Download MZ10PB68V-55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
FEATURES
* * * * * * * *
Zener Voltage Steady state Power
11 to 200 Volts 1.5 Watts
For surface mounted applications in order to Optimize board space Low profile package Built-in strain relief Glass passivated junction Low inductance Typical IR less than 1A above 11V High temperature soldering: 260/10 seconds at terminals Plastic package has Underwriters Laboratory Flammability Classification 94V-O
DO-214AA(SMB)
MECHANICAL DATA
* * * * *
Dimensions in inches and (millimeters)
Cass: JEDEC DO-214AA,molded plastic over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Standard Packaging: 12mm tape (EIA-481) Weight: 0.003 ounces, 0.93 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*
Ratings at 25 ambient temperature unless otherwise specified
Symbols
DC Power Dissipation @ TL=75, Measure at Zero Lead Length (Note 1 Fig.1) Derate above 75 Peak forward Surge Current 8.3ms single half sine/square wave Superimposed on rated load (JEDEC Method) (Notes 1.2) Operating junction and Storage Temperature Range PD IFSM TJ, TSTG
Value
1.5 15 10 -55to~+150
Unit
Watts mw/ Amps
Notes :
1. Mounted on 5.0mm2(.013mm thick) land areas 2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
Nominal Zener Voltage Vz@IZT Volts (Note 1) 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
Zener Voltage Steady state Power
11 to 200 Volts 1.5 Watts
Type
Device Marking Code
Test Current IZT mA 34.1 31.2 28.8 25 23.4 20.8 18.7 17 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8 7.3 6.7 6 5.5 5 4.6 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.1 1.9
Max Zener Impedance (Note 2) ZZT@IZT Ohms 5.5 6.5 7 9 10 12 14 17.5 19 23 26 33 38 45 53 67 70 86 100 120 140 160 200 250 300 380 450 600 700 900 1200 ZZk @ Ohms 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 ZZk
Max Reverse Leakage Current IR @ A 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Volts 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56 62.2 69.2 76 83.6 91.2 98.8 114 121.6 136.8 152 VR
MZ1.0PB11V-34.1 MZ1.0PB12V-31.2 MZ1.0PB13V-28.8 MZ1.0PB15V-25 MZ1.0PB16V-23.4 MZ1.0PB18V-20.8 MZ1.0PB20V-18.7 MZ1.0PB22V-17 MZ1.0PB24V-15.6 MZ1.0PB27V-13.9 MZ1.0PB30V-12.5 MZ1.0PB33V-11.4 MZ1.0PB36V-10.4 MZ1.0PB39V-9.6 MZ1.0PB43V-8.7 MZ1.0PB47V-8.0 MZ1.0PB51V-7.3 MZ1.0PB56V-6.7 MZ1.0PB62V-6.0 MZ1.0PB68V-5.5 MZ1.0PB75V-5.0 MZ1.0PB82V-4.6 MZ1.0PB91V-4.1 MZ1.0PB100V-3.7 MZ1.0PB110V-3.4 MZ1.0PB120V-3.1 MZ1.0PB130V-2.9 MZ1.0PB150V-2.5 MZ1.0PB160V-2.3 MZ1.0PB180V-2.1 MZ1.0PB200V-1.9
11V-34.1 12V-31.2 13V-28.8 15V-25 16V-23.4 18V-20.8 20V-18.7 22V-17 24V-15.6 27V-13.9 30V-12.5 33V-11.4 36V-10.4 39V-9.6 43V-8.7 47V-8.0 51V-7.3 56V-6.7 62V-6.0 68V-5.5 75V-5.0 82V-4.6 91V-4.1 100V-3.7 110V-3.4 120V-3.1 130V-2.9 150V-2.5 160V2.3 180V-2.1 200V-1.9
Maximum DC Zener Current IZM mAdc 136 125 115 100 93 83 75 68 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16 15 13 12 11 10 9 8 7
Notes:TOLERANCE AND VOLTAGE DESIGNATION Tolerance designation-The type numbers listed indicate a tolerance of 5%
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
Zener Voltage Steady state Power
11 to 200 Volts 1.5 Watts
RATING AND CHARACTERISTIC CURVES MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
FIG.1- STEADY STATE POWER DERATING PD, MAXIMUM POWER DISSIPATION (WATTS) FIG.2- ZENER VOLTAGE-TO 12 VOLTS
VZ,TEMPERATURE COEFICIENT (mV/)
2.5
10 8 6 4 2 0 -2 -4 Vz@IZT
2
1.5
1
0.5
0 0 20 40 60 80 100 120 140 150 180
2
4
6
8
10
12
TL, LEAD TEMPERATURE()
VZ, ZENER VOLTAGE (VOLTS)
FIG.3- ZENER VOLTAGE-14 TO 200 VOLTS
FIG.4- EFFECT OF ZENER CURRENT
1K
VZ,TEMPERATURE COEFICIENT (mV/)
200
Zz, DYNMIC IMPEDANCE ( OHMS)
100 70
Vz@IZT
500 200 100 50 20 10 5 2 1 0.5 1 2 5 10 20 Vz=150V 91V 62V
TJ =25 Iz(ms)=0.1 Iz(dc)
50 30 20
22V 12V 50 100 200 6.8V 500
10 10 20 30 50 70 100 200
VZ, ZENER VOLTAGE (VOLTS)
IZ, ZENER TEST CURRENT (mA)
FIG.5- EFFECT OF ZENER VOLTAGE Zz, DYNMIC IMPEDANCE ( OHMS)
200 100 70 50 0.0 20 10mA 10 7 5 3 2 5 7 20mA 10 20 30 IZ(rms)=0.1 IZ(dc) 50 70 100 IZ(dc)=1mA
VZ, ZENER VOLTAGE (VOLTS)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
Zener Voltage Steady state Power
11 to 200 Volts 1.5 Watts
RATING AND CHARACTERISTIC CURVES MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
FIG.6- Maximum Surge Power
Ppk, PEAKSURGE POW ER(WATTS)
1K 500 300 200 100 50 30 20 10 0.1 RECTANGULAR NONREPETITIVE WAVEFORM TJ=25 PRIOR TO INTIAL PULSE 100 50
FIG.7- Vz=12 thru 82 Volts
Iz, ZENER CURRENT(mA)
100
30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 80 90 100
0.2 0.3 0.5
1
2
3
5
10
20 30
50
PW, PULSE WIDTH(ms)
Vz,ZENER VOLTAGE(VOLTS)
NOTE 6. ZENER VOLTAGE (Vz) MEASUREMENT Nominal zener voltage is measured with the device function in thermal equilibrium with ambient temperature at 25
NOTE 7. ZENER IMPEDANCE (Zz)DERIVATION Zzt anc Zzk are measured by dividing the ac voltage drop across the device by the accurrent applied. The specified limits are for Iz(ac)=0.1 lz, (dc)with the ac freqency = 60Hz
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of MZ10PB68V-55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X