Part Number Hot Search : 
ML62382 74LS15 EMK11 U2A2A1 R0801 64472 LBN11518 20VSPBF
Product Description
Full Text Search
 

To Download MTJP616B0A11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULAR TELEPHONE JACKS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech MTJP Series Wire Leaded Telephone Handset and Panel Jacks are conveniently prepared with wire leads ready for final assembly. This series has a multitude of housing shapes to fit many specific applications. They are offered in 4, 6 & 8 positions with choice of Stripped and Tinned leads or leads with Spade Terminals, Adam Tech Jacks are UL and CSA approved and meet all required FCC rules and regulations. FEATURES: UL & CSA approved FCC compliant to No. 47 CFR part 68 Prepared for Final Assembly 4P, 6P and 8P versions Custom Jacks available MATING PLUGS: All telephone line cords manufactured with telephone plugs SPECIFICATIONS: Material: Insulator: ABS, (Nylon 66 optional), rated UL94V-0 Insulator Colors: Medium gray or black Contacts: Phosphor Bronze Wires: 26 Awg, UL-1061, 80C, VW-1, 300V. Contact Plating: Gold Flash over Nickel underplate on contact area. Electrical: Operating voltage: 150V AC max. Current rating: 1.5 Amps max. Contact resistance: 20 m max. initial Insulation resistance: 500 M min. Dielectric withstanding voltage: 500V AC for 1 minute Mechanical: Insertion force: 4 Contacts: 500g, 6 contacts 750g 8 contacts: 900g, 10 contacts: 1000g Durability: 500 Cycles Temperature Rating: Operating temperature: -40C to +125C PACKAGING: Anti-ESD plastic bags APPROVALS AND CERTIFICATIONS: UL Recognized E224049
WIRE LEADED JACKS
MTJP SERIES
ORDERING INFORMATION WIRE LEADED JACKS MTJP 623K6 2 A1 2
SERIES INDICATOR MTJP = Wire Leaded Telephone Jack
HOUSING COLOR 1 = Black 2 = Medium Gray WIRE LEAD TYPE A1 = 7" Wire leads, stripped 1/4" and tinned A2 = 7" Wire leads, with spade terminal
HOUSING TYPE 616B, 616E, 616L, 616M, 616P, 616W, 623K4, 623K6, 623P4, 623P6, 623T4, 623T6, 648K4, 648K6, 641
CONTACT PLATING X = Gold Flash 0 = 15 in. gold 1 = 30 in. gold 2 = 50 in. gold
Wire Lead Options
.135 [3.43]
Stripped & Tinned
Spade Terminal
Pb
UL
(R)
(R)
(R)
DE
V
RoHS
COMPLIANT 2002 / 95 / EC
RoHS
COMPLIANT
44
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
MODULAR TELEPHONE JACKS
Adam Technologies, Inc.
WIRE LEADED JACKS
MTJP SERIES
MTJP-616L
Black Red Yellow Green .400 [10.16] .308 [7.82] 0.16 [4.06]
.720 [18.25]
.559 [14.20]
.398 [10.11]
.310 [7.82]
MTJP - 616L
MTJP-616M
White Red Green Black .400 [10.16] .300 [7.62]
.685 [17.40]
.525 [13.34]
.450 [11.48]
.488 [12.40]
.565 [14.35]
.390 [9.90]
MTJP - 616M
MTJP-616E
Green Black White Red .344 [8.76]
.682 [17.32]
.559 [14.20]
.400 [10.16]
.400 [10.16]
.443 [11.26]
MTJP - 616E
Green Black
Red .400 [10.16] White
MTJP-616W
.605 [15.37]
45 37 .814 [20.68]
.060 [1.52] .265 [6.73] .308 [7.82] MTJP - 616W
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
45
MODULAR TELEPHONE JACKS
Adam Technologies, Inc.
WIRE LEADED JACKS
MTJP SERIES
MTJP-623K4 MTJP-623K6
White Red Black
.401 [10.20] Yellow Green Blue
.585 [14.86] .350 [8.89]
.270 [6.83]
.720 [18.29]
.266 [6.75] .540 [13.72]
.386 [9.80] .485 [12.32]
.484 [12.30] White Red Black Yellow Green Blue .300 [7.60]
MTJP-623P4 MTJP-623P6
.605 [15.37]
.840 [21.34]
.490 [12.45]
.386 [9.80] .544 [13.82]
Yellow Red White
Blue Black
.665 [16.89] .200 [5.08]
.530 [13.46]
MTJP-648K4 MTJP-648K6
Green .351 [8.92] .200 [5.08] .518 [13.16]
.823 [20.90]
.628 [15.98]
.496 [12.60] .570 [14.48] .708 [17.98]
Green Brown Yellow Blue Red Gray Black Orange
.500 [12.70]
MTJP-641 MTJP-641
.080 [2.03] .630 [16.00]
.730 [18.45]
46
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM


▲Up To Search▲   

 
Price & Availability of MTJP616B0A11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X