Part Number Hot Search : 
2SC3737 114EKA ELECTRO D16808 IDT72V 2SC53 M74VHC1G 28500
Product Description
Full Text Search
 

To Download MMBTSC3928 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTSC3928
NPN Silicon Epitaxial Planar Transistor
for low frequency amplification applications
The transistor is subdivided into four groups Q, R, S and T, according to its DC current gain.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Parameter Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range Characteristics at Ta = 25 OC Parameter DC Current Gain at VCE = 6 V, IC = 1 mA Current Gain Group Q R S T Symbol hFE hFE hFE hFE hFE V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) fT Cob NF Min. 120 180 270 390 70 50 50 6 Typ. 200 4 Max. 270 390 560 820 0.1 0.1 0.3 15 Unit V V V A A V MHz pF dB Symbol VCBO VCEO VEBO IC Ptot Tj TS Value 50 50 6 200 200 150 - 55 to + 150 Unit V V V mA mW
O
C C
O
at VCE = 6 V, IC = 0.1 mA Collector Base Breakdown Voltage at IC = 100 A Collector Emitter Breakdown Voltage at IC = 100 A Emitter Base Breakdown Voltage at IC = 100 A Collector Cutoff Current at VCB = 50 V Emitter Cutoff Current at VEB = 4 V Collector Emitter Saturation Voltage at IC = 100 mA, IB = 10 mA Gain Bandwidth Product at VCE = 6 V, -IE = 10 mA Collector Output Capacitance at VCB = 6 V, f = 1 MHz Noise Figure at VCE = 6 V, -IE= 0.1 mA, f = 1 KHz, RG = 2 K
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 05/08/2006
MMBTSC3928
Power Dissipation vs Ambient Temperature
300
Power Dissipation: Ptot (mW)
250
200
150
100
50 0 0 25 50 75 100
O
125
150
Ambient Temperature: Ta ( C)
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 05/08/2006


▲Up To Search▲   

 
Price & Availability of MMBTSC3928

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X