Part Number Hot Search : 
161A1 XXXBA AT17C010 ECDT25H NX33SA 22360 2R300 HM53YD10
Product Description
Full Text Search
 

To Download MJF44H11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
MJF44H11
DESCRIPTION *With TO-220F package *Fast switching speeds *Low collector saturation voltage *Complement to type MJF45H11 APPLICATIONS *For general purpose power amplification and switching regulators,converters and power amplifiers applications PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Total power dissipation Junction temperature Storage temperature TC=25 Ta=25 CONDITIONS Open emitter Open base Open collector VALUE 80 80 5 10 20 36 2.0 150 -55~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C Rth j-A PARAMETER Thermal resistance from junction to case Thermal resistance from junction to ambient VALUE 3.5 62.5 UNIT /W /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector capacitance CONDITIONS IC=30mA IB=0, IC=8A; IB=0.4A IC=8A ;IB=0.8A VCE=RatedBVCEO; VBE=0 VEB=5V; IC=0 IC=2A ; VCE=1V IC=4A ; VCE=1V IC=0.5A ; VCE=10V,f=20MHz f=1MHz ; VCB=10V 60 40 MIN 80 SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICES IEBO hFE-1 hFE-2 fT Ccb
MJF44H11
TYP.
MAX
UNIT V
1.0 1.5 10 10
V V A A
50 130
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A IB1=- IB2=0.5A 0.3 0.5 0.14 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
MJF44H11
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of MJF44H11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X