Part Number Hot Search : 
C2852 FST3125 A1371 MT3S0 D152K EL519207 35LH011 2SC46
Product Description
Full Text Search
 

To Download MIOC155004PO111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mini 4-Port Polarization Insensitive Optical Circulator
MIOC4 Series
Product Description
Oplink's polarization insensitive miniature circulator features excellent optical characteristics over a wide wavelength range while delivering a compact package size. It possesses low insertion loss, high isolation, and low PDL making it an ideal candidate for EDFA, add/drop, dynamic gain equalization, dispersion compensation and other optical network applications. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Performance Specificationns
MIOC4 Series 1310 Operating Wavelength Range ( Op ) C Band L Band C+L Band Insertion Loss (12, 23, 34 @ Op , TOp , SOP) Polarization Mode Dispersion (PMD) Channel Isolation (21, 32, 43 @ Op , TOp , SOP) Peak Isolation Directivity (13, 24) Polarization Dependent Loss (PDL) Return Loss (RL) Optical Power Handling Operating Temperature Rang (Top) Storage Temperature Fiber Type Physical Dimensions 0 to +70 -40 to +85 Corning SMF-28 () 5.5 x (L) 40.0 mm 50 500 1310, C or L C+L Band 1310, C or L C+L Band 1310, C or L C+L Band 38 32 50 50 0.15 Min Typical 1290 ~ 1330 1525 ~ 1565 1570 ~ 1610 1525 ~ 1610 0.6 0.7 0.8 0.9 0.06 0.1 dB ps dB dB dB dB dB mW C C nm Max Unit
Features
Compact Package Low Insertion Loss Low PDL High Channel Isolation Highly Stable & Reliable Epoxy-free Optical Path Low Dispersion
Applications
Optical Amplification Metropolitan Area Network Dynamic Gain Equalization Dispersion Compensation Laboratory R&D
Note: 1) The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified.. 2) All the parameters are excluding connectors.
R02.20090114
Mini 4-Port Polarization Insensitive Optical Circulator
MIOC4 Series
Mechanical Drawing / Package Dimensions (dimension in mm)
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
MIOC
0
4
P
O
Center Channel Wavelength
1310 = 1310 C band = 1550 L band = 1590 C+L band = 1570
Port Configuration
4 port = 4PO
Fiber Length*
0.5 meter = H 1.0 meter = 1 1.5 meters = 5 2.0 meters = 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Fiber Type
250m bare fiber = 1 900m loose tube = 2
RoHS: 1. Add "G" to the end of the above PN for RoHS 6 Requirement. * The tolerance of fiber length is +/-0.1m. 1 meter is standard. * The lead-time for special fiber length will be longer.
R02.20090114
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of MIOC155004PO111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X