Part Number Hot Search : 
RN2107F ST323 LB540Z MTU413 0US60 SR360 TDA8822M IRF712
Product Description
Full Text Search
 

To Download MDX-02ADCB01A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS MODULES & SUBSYSTEMS
WaveReady
TM
Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM) Module
Key Features
* Adds and drops two or four CWDM channels on a single fiber * Reusable dropped wavelengths in adjoining spans add protection or double capacity in a ring * Extended temperature range makes operation suitable for outside plant (OSP) cabinet installations * Ultra-high isolation design eliminates need for channel power balancing * Fits into standard LGXTM mounting solutions * Requires no powering because of thermally stable passive optics
Applications
* Maximize fiber in local loop * Overlays CWDM with existing 1310 nm transmission systems * Provides bidirectional transmission on a single fiber * Supports linear and ring architectures requiring wavelength reuse
The WaveReadyTM Outside Plant Coarse Wavelength Division Multiplexer Optical Add/Drop Module (OSP CWDM OADM) is a flexible, low-cost solution that enables capacity expansion of existing fiber. Coupled with highly reliable passive optics that are certified for environmentally hardened applications, the OSP CWDM OADM lets carriers make full use of the fiber's available bandwidth in the local loop. The OSP CWDM OADM is a universal device configurable for either bidirectional transport over a single fiber or unidirectional transport over a fiber pair. This family of parts supports a broad range of wavelength-protected architectures, including dual-homed bus and protected rings over one or two fibers. The market-standard LGX packaging allows the OSP CWDM OADM to be readily deployed into existing fiber distribution frames (FDF), or alternatively adapted for installation in WaveReady shelves. The OSP CWDM OADM interoperates with both the WaveReady line of transponder and optical regenerator solutions as well as CWDM transponders and small form-factor pluggables (SFPs) used in widely available transmission equipment. With billions of field operating hours, the industry-leading JDSU optical multiplexing technology offers unparalleled reliability and leading performance.
Compliance
* Channel-plan compliant with ITU-T G694.2 * NEBS Level 3
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com/waveready
OSP CWDM OADM MODULE
2
Specifications
1
Parameter
Optical Characteristics
CWDM add or drop insertion loss 1310 nm add or drop insertion loss Through path inserton loss (COM E -- COM W) Monitor tap ratio 1310 nm channel bandwidth CWDM reflect bandwidth CWDM channel bandwidth Channel flatness Isolation Adjacent 20 nm spaced channels Non-adjacent 20 nm spaced channels Dropped channel rejection at CWDM Dropped channel rejection at 1310 nm 1310 nm band from CWDM channels CWDM channels from 1310 nm band Optical return loss Input optical power -- sum of all channel ports Polarization dependent loss (PDL) Polarization mode dispersion (PMD) Maximum Maximum Maximum Nominal Minimum Minimum Minimum Maximum Minimum Minimum Minimum Minimum Minimum Minimum Minimum Maximum Maximum Maximum
2 Channel
4 Channel
2.5 dB 1.5 dB 3.6 dB 2% 1260 nm to 1360 nm 1463.5 nm to 1617.5 nm ITU 6.5 nm 0.5 dB 40 dB 45 dB 30 dB 50 dB 50 dB 50 dB 40 dB 1W 0.2 dB 0.2 ps
3.3 dB 1.5 dB 3.8 dB
Physical Characteristics
Size (H x W x L) Optical connector type (all ports) Weight 129.5 x 57.7 x 160.3 mm 129.5 x 86.9 x 160.0 mm (5.10 x 2.28 x 6.36 in) (5.10 x 3.42.x 6.30 in) SC/PC bulkhead 0.91 kg (2 lb) 1.36 kg (3 lb)
Environmental Characteristics
Minimum
Operating ambient temperature Storage temperature Relative humidity (non-condensing) -40C -40C 5%
Maximum
65C 85C 95%
1
Specifications are worst case end of life over specified temperature and wavelength range.
OSP CWDM OADM MODULE
3
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America, +1 800-5378-JDSU worldwide or via e-mail at sales@jdsu.com.
Sample: MDX-02ADCB1AA
MDXCode 02 04
ADCB
Code 1A 1B 2A 2B Code 01 02
A
Channel Plan (2 Channel) 1471 nm, 1491 nm 1511 nm, 1531 nm 1551 nm, 1571 nm 1591 nm, 1611 nm Channel Plan (4 Channel) 1471 nm, 1491 nm, 1511 nm, 1531 nm 1551 nm, 1571 nm, 1591 nm, 1611 nm
Number of Channels 2 4
OSP CWDM OADM MODULE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com/waveready
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation
June 2008
30149394 000 0608
OSPCWDMOADM.DS.CMS.TM.AE


▲Up To Search▲   

 
Price & Availability of MDX-02ADCB01A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X