Part Number Hot Search : 
1N5261 MAX7384B A1203 MAX7384B 2SA1160A 2SC53 TIP35D 1N472
Product Description
Full Text Search
 

To Download MC5XSMX-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Double Balanced Mixer
Communications Band
Electrical Specifications: (1)
Model MC5xSMx-7 Model MC5XSMX-14
RF 3.5 to 15.0 GHz
Max 7.0 dB 8.5 dB 9.5 dB Model MC5xSMx-7 Model MC5XSMX-14 LO Power 3 = +7 dBm 4 = +10 dBm 6 = +13 dBm 7 = +18 dBm D = No Cover H = With Cover
Conditions
Parameter SSB Conversion loss: (2) (3) Isolation LO to RF: LO to IF: RF to IF: IF to RF: Input 1 dB Compression Point: RF (GHz) 3.7-14.5 3.7-14.5 3.5-15.0 LO (GHz) 3.7-14.5 3.7-14.5 3.5-15.0 3.5-15.0 3.5-15.0 DC-2000 DC-4000 DC-4000 IF (MHz) DC-500 DC-2000 DC-4000 Min
Specifications
Typical 5.0 dB 5.5 dB 7.5 dB 35 dB 30 dB 23 dB +20 dB +14 dB +1 dBm +4 dBm +8 dBm +12 dBm +11 dBm +14 dBm +18 dBm +22 dBm +7 dBm +10 dBm +13 dBm +18 dBm MC53 MC54 MC56 MC57 MC53 MC54 MC56 MC57 MC53 MC54 MC56 MC57
26 dB 21 dB
3.5-15.0
3.5-15.0
3.5-15.0
Input Third Order Intercept Point: LO Power: (4)
3.5-15.0
3.5-15.0
DC-4000
3.5-15.0
3.5-15.0
DC-4000
Notes: 1. Specifications are guaranteed when tested as a downconverter in a 50 Ohm system at +25C with the nominal LO power. Specifications indicated as typical are not guaranteed. 2. Noise figure is typically within 0.5 dB of conversion loss. 3. Conversion loss typically degrades less than 0.5 dB at +100C and improves less than 0.5 dB at -55C. 4. Usable LO drives are up to 2 dB below and 3 dB above nominal. 5. See Application note M112, for aid in selecting the outline and for mounting and installation information.
MC5xSMD-7
Outline: SMMD3A: AS SHOWN SMMD3B: RF & LO REVERSED
Typical Performance at 25C
MC5xSMH-7
MC5xSMx-7: AS SHOWN MC5XSMX-14: RF & LO REVERSED
Outline: SMMH3A: AS SHOWN SMMH3B: RF & LO REVERSED
All dimensions are in inches and [mm].
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, FL 32905 * PH (888) 553-7531 * Fax (888) 553-7532
Rev. 7/10/07
www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, PA 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of MC5XSMX-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X