Part Number Hot Search : 
C1330HA MPIL60 TND308TD OM1055 15KP150 P2N60 2SD428 SFF1606G
Product Description
Full Text Search
 

To Download LVC-LVC0402LF-R020-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Current Sense Surface Mount Chip Resistors
LVC Series
* RoHS compliant * Tolerances to 1% * Resistance range from 0.01 up to 1 * Available in 0402, 0603, 0805, 1206, 2010 and 2512 chip sizes
IRC's new LVC miniature surface mount chip resistors combine small size with precision tolerances for accurate current sense applications. Excellent power handling capability, low TCR, low inductance and resistance tolerances to 1% make the LVC series an ideal choice for disk drive, computer power supply, and battery pack applications.
Electrical Data
Size Power Rating at 70C Tolerance Resistance Range* 50m - 100m 0402 62.5mW 1%, 2%, 5% 101 - 500m 501m - 1000m 20m - 50m 0603 100mW 1%, 2%, 5% 51m - 100m 101m - 500m 501m - 1000m 20m - 50m 0805 125mW 1%, 2%, 5% 51m - 100m 101m - 500m 501m - 1000m 10m - 20m 1206 250mW 1%, 2%, 5% 21m - 50m 51m - 500m 501m - 1000m 10m - 20m 2010 750mW 1%, 2%, 5% 21m - 50m 51m - 500m 501m - 1000m 10m - 20m 2512 1000mW 1%, 2%, 5% 21m - 50m 51m - 500m 501m - 1000m *Standard Values E24 Preferred
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Absolute TCR 400 300 300 600 400 300 200 600 400 300 200 600 400 300 200 600 400 300 200 600 400 300 200
Operating Temperature
-55C to +155C
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc LVC Series Issue July 2008
Miniature Current Sense Surface Mount Chip Resistors
Environmental Performance Data
Environmental Test Thermal Shock Short Time Overload High Temperature Exposure Dielectric Withstanding Voltage Humidity (steady state) Load Life Low Temperature Operation Resistance to Solder Heat Insulation Resistance Solderability Test Method MIL-STD-202 Method 107G Condition B, -55C +150C, 100 cycles 6.25X Rated Power for 5 seconds 100 hours @150C MIL-STD-202, Method 301 2.5X Rated Voltage, 1 minute MIL-STD-202 Method 103B 40C, 90-95% RH, 1000 hours 1000 hours, Rated Power, 70C 1.5 hours on, 30 minutes off 1 hour -65C followed by rated power for 45 min MIL-STD-202 Method 210 260C, 10 seconds MIL-STD-202 Method 302 100VDC, 1 minute MIL-STD-202 Method 208 245C, 5 seconds Typical Performance 0.5% + 1.0m 0.5% + 0.5m 0.5% + 0.5m 0.25% + 0.5m
0.5% + 0.5m 1.0% + 0.5m 0.5% + 0.5m 0.5% + 1.0m >1000 megohms 95% min Coverage
Physical Data (mm)
Chip Dimensions L 0402 1.00 0.05 1.60 0.10 2.00 0.15 3.05 0.15 5.00 0.20 6.35 0.20 W 0.50 0.05 0.80 0.10 1.25 0.15 1.55 0.15 2.45 0.15 3.15 0.15 T 0.32 0.10 0.45 0.10 0.55 0.10 0.55 0.10 0.60 0.15 0.60 0.10 C 0.25 0.10 0.30 0.20 0.30 0.20 0.50 0.30 0.60 0.30 0.60 0.30 A 0.20 0.10 0.30 0.20 0.40 0.25 0.40 0.25 0.50 0.25 0.55 0.25 IPC Recommended Landing Pad Dimensions D 0.65 E 0.65 F
L W
0.90
0603
1.00
0.90
1.60
T
0805
1.40
0.95
2.00
E
1206
1.75
1.00
3.00
D
R
A
0
F
2010
2.70
1.20
4.70
2512
3.40
1.10
6.10
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
2 7
LVC Series Issue July 2008
C
Miniature Current Sense Surface Mount Chip Resistors
Tape & Reel Packaging Data (mm)
Bottom Tape Top Tape O D0 E
A F W
B
O 1.4 min. direction of unreeling
T
Resistor
P1
P2
P0
A
0402 0603 0805 1206 0.700.05 1.10 0.05 1.60 0.05 2.000.05
B
1.160.05 1.90 0.05 2.37 0.05 3.550.05
E
1.75 0.05 1.75 0.05 1.75 0.05 1.750.05
F
3.5 0.05 3.5 0.05 3.5 0.05 3.50.05
W
8.00 1.0 8.00 1.0 8.00 1.0 8.01.0
T
0.40 0.03 0.60 0.03 0.75 0.05 0.750.05
P0
4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10
P1
2.000.5 4.000.5 4.000.5 4.000.5
P2
2.000.05 2.000.05 2.000.05 2.000.05
OD0
1.550.05 1.550.05 1.550.05 1.550.05
Qty/ Reel
10k 5k 5k 5k
Emboss Plastic Tape Packaging Data (mm)
Top Tape O D0 E
A F W
B
O 1.4 min. direction of unreeling
T Emboss Tape
Resistor
P1
P2
P0
A
2010 2512 2.850.10 3.400.10
B
5.450.10 6.650.10
E
1.750.10 1.750.10
F
5.50.05 5.50.05
W
12.00.10 12.00.10
T
1.000.20 1.000.20
P0
4.000.05 4.000.05
P1
4.000.10 4.000.10
P2
2.000.05 2.000.05
OD0
1.500.10 1.500.10
Qty/ Reel
4k 4k
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
LVC Series Issue July 2008
Miniature Current Sense Surface Mount Chip Resistors
Power Derating Data
100
Ordering Data
Prefix LVC - LVC0805LF - R020 - F Model
LVC0402LF; LVC0603LF; LVC0805LF LVC1206LF; LVC2010LF; LVC2512LF
% Of Rated P ower
50
Resistance Code
4-Digit resistance code. Ex: R050 = 0.050; 1R00 = 1
10 25 70 150
Tolerance Code
F = 1%; G = 2%; J = 5% For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
Temperature in C
Marking Information
0402 chips will be marked with 3-digit resistance code. Ex: 1R0 = 1, R10 = 0.1, R01 = 0.01 All other sizes will have 4-digit marking
Advanced Film Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
LVC Series Issue July 2008


▲Up To Search▲   

 
Price & Availability of LVC-LVC0402LF-R020-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X