Part Number Hot Search : 
TLRH180P A1102 CP8056TS 10073978 AOD452AL AT17F080 APC77151 C4245
Product Description
Full Text Search
 

To Download KTUM6400G4CXS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KTE6000 / KTU6000...CS Series
OEM submersible pressure transducers
FEATURES * 0...250 to 0...5000 mbar, 0...5 to 0...70 psi gage * For corrosive media * 4...20 mA output * Field interchangeable
MEDIA COMPATIBILITY
Wetted materials: stainless steel 1.4404 (316L), ceramic Al2O3, PVC, PUR, NBR11 Housing: protection class IP 68 (according to DIN EN 60529) respectively NEMA 6P1
SPECIFICATIONS9,10
Maximum ratings Supply voltage2 (reverse polarity protection) Temperature limits Storage Operating Compensated Vibration (5 to 500 Hz) Mechanical shock Proof pressure3
ELECTRICAL CONNECTION
12...30 V
+Vs +12 V to 30 V red
-40 to 85C -25 to 85C 0 to 70C 10 gRMS 50 g
sensor V -Vs black bare RL GND
2 x rated pressure
August 2008 / 595
1/4
www.sensortechnics.com
KTE6000 / KTU6000...CS Series
OEM submersible pressure transducers
PERFORMANCE CHARACTERISTICS
(unless otherwise noted, VS = 15 V, RL = 100 , tamb = 25C)
Characteristics
Operating pressure KTEM6250... KTEM6400... KTEM6600... KTEM61K0... KTEM61K6... KTEM62K0... KTEM65K0... KTU6005... KTU6010... KTU6015... KTU6020... KTU6030... KTU6070...
Min.
0 0 0 0 0 0 0 0 0 0 0 0 0 3.8 15.8 Offset (250 mbar/5 psi) Offset (< 1 bar/15 psi) Offset (all others) Span Offset (<1 bar/15 psi) Offset (all others) Span
Typ.
Max.
250 400 600 1000 1600 2000 5000 5 10 15 20 30 70
Unit
mbar
p si
Zero pressure offset Full scale span
7
4.0 16.0 0.04 0.03 0.02 0.02 0.06 0.03 0.03 0.1 0.04 0.2 1
4.2 16.2 0.08 0.06 0.04 0.04
mA
Thermal effects (0 to 70C)4
%FSO/C
Thermal effects (-25 to 0C, 70 to 85C)
Non-linearity, hysteresis (BSL) and repeatability5 Output noise (0 < f < 1 kHz) Long term stability6 Response time (10 to 90 %) Power supply rejection Power consumption (IL = 20 mA) Offset Span
0.3 %FSO 5 ms %FSO/V mW
0.05 0.05 260
Specification notes (for all devices):
1. The package is an all-sealed housing. For proper function the gage port is vented to the atmosphere through the connecting cable. Thus the vent tube of the cable end must have access to the ambient pressure. 2. The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the load limitation diagram. 3. Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element. 4. Thermal effects tested and guaranteed from 0C to 70C relative to 25C. All specifications shown are relative to 25C. 5. Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span. 6. Long term stability is the change in output after one year or 1 million pressure cycles. 7. Span is the arithmetic difference in transmitter output signal measured at zero pressure and the maximum operating pressure. 8. Tests are in accordance with EN61000-6-2, April 99. 9. CE-labelling is in accordance with 89/336/EEC. 10. The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC. 11. Other sealing materials are available on request.
August 2008 / 595
2/4
www.sensortechnics.com
KTE6000 / KTU6000...CS Series
OEM submersible pressure transducers
ELECTROMAGNETIC CAPABILITY8
Test conditions
Radiated, radio frequency electromagnetic field immunity (RFI) Electrical fast transient / burst immunity (EFT) Electrostatic discharge immunity test (ESD) Immunity to conducted disturbances induced by radio-frequency fields EN61000-4-3: Grade 3 10 V/m, 80 MHz to 1000 MHz 80 % AMC (1 kHz) Grade 3 2 kV Grade 4 8 kV, contact discharge Grade 3 0,15 to 80 MHz 10 V, 80 % AMC (1 kHz)
Criterion
A
Interference
<1 % FSO
EN61000-4-4: EN61000-4-2: EN61000-4-6:
B B
<1 % FSO <1 % FSO
A
<1 % FSO
LOAD LIMITATION
1400 Ohm 1200 1000 800 600 400 200 0 5 12 15 18 25 30 V supply voltage
op e ra ratin ng g e
August 2008 / 595
3/4
www.sensortechnics.com
KTE6000 / KTU6000...CS Series
OEM submersible pressure transducers
OUTLINE DRAWING
NOM 134 (5.28) NOM 2000 (78.74) other cable lengths on request O 24 (0.95) O 27 (1.06) NOM 70 (2.76)
WIRE CONNECTION
Color Electrical connection +Vs -Vs vent tube1 case/shield red black transparent bare
Hydrophobic filter (incl. in delivery)
mass: typ. 350 g (without cable)
dimensions in mm (inches)
ORDERING INFORMATION KTx
calibration E: calibration in bar U: calibration in psi mbar-ranges pressure range 250: 0...250 mbar 400: 0...400 mbar 600: 0...600 mbar 1K0: 0...1000 mbar 1K6: 0...1600 mbar 2K0: 0...2000 mbar 5K0: 0...5000 mbar
M
6xxx
G
4
C
x
S
submersible cable length in m cable version
005: 010: 015: 020: 030: 070:
0...5 0...10 0...15 0...20 0...30 0...70
psi psi psi psi psi psi
output signal 4: 4...20 mA pressure mode G: gage pressure
Note:
Other pressure ranges and options are widely available. Please contact your nearest Sensortechnics sales representative.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. August 2008 / 595 4/4
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of KTUM6400G4CXS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X