Part Number Hot Search : 
NH02L 6A40L AP0403GH 856139 AR352 K4H56 D20SC9M SHF13041
Product Description
Full Text Search
 

To Download KT2016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Temperature Compensated Crystal Oscillators (TCXO) Surface Mount Type TCXO (LSI Type) KT5032 Series
5.0x3.2mm
Features
* Ultra-miniature SMD type (5.0x3.2x1.5mm) * Reflow compatible * AFC function available * 2.3 to 5.5V drive available * Frequency stability :2.0x10-6/ -30 to +85C
How to Order KT5032N 26000 D C W 28 T xx


Series Supply Voltage Output Frequency 28 2.8V 30 3.0V Frequency Tolerance Voltage Control Range
B C D 1.0x10-6 1.5x10-6 2.0x10-6 -30C -20C -10C +85C +80C +75C TCXO T VCTCXO Customer Spec.
Applications
* PDC, GSM, CDMA
Lower Operating Temp.
Option Code
Pb Free
RoHS Compliant
C E G W V U
Upper Operating Temp.
Specifications
Item Output Frequency Range Frequency Tolerance Frequency Aging Storage Temperature Range Operating Temperature Range Voltage Control Range Supply Voltage Output Level Current Consumption Harmonics Symbol fo f_tol f_age T_stg T_use f_cont VCC Vpp ICC -- Conditions Standard Frequency: 13, 19.2, 26, 38.4 vs Temperature vs Load vs Voltage Per Year Min. 13 -2 -0.2 -0.3 -1 -40 -30 8 2.3 0.8 -- -- Max. 40 +2 +0.2 +0.3 +1 +85 +85 15 5.5 -- 2 -5 Units MHz x10-6 x10-6 C C x10-6 V Vp-p mA dBc
Positive 10k ohm / / 10pF
Dimensions
KT5032N
(Unit: mm)
Recommended Land Pattern
(Unit: mm)
3.2 0.15 0.925 1.6 1.5 max. #1pin #2pin #3pin #4pin Pin Configuration Vcon GND OUTPUT VCC
Marking Area
5.0 0.15
3.81 0.925
0.8
#1 #4
#2 #3
0.8
2.95


▲Up To Search▲   

 
Price & Availability of KT2016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X