Part Number Hot Search : 
L6385D 220CA P150T 1800A 1E102 PA1724 ED302T KF5N50DR
Product Description
Full Text Search
 

To Download KMBT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Switching Transistor KMBT2222A
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
o Features
+0.1 2.4-0.1
nHigh current (max. 600 mA) nLow voltage (max.40 V).
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base
+0.1 0.38-0.1
2.Emitter 3.collector
o Absolute Maximum Ratings Ta = 25ae
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation TaU ae 25 Thermal resistance from junction to ambient Operating and Storage and Temperature Range Symbol VCBO VCEO VEBO IC Ptot ReJA Tj, TSTG Rating 75 40 6 600 300 417 -65 to +150 Unit V V V mA mW K/W ae
0-0.1
www.kexin.com.cn
1
SMD Type
KMBT2222A o Electrical Characteristics Ta = 25ae
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector cutoff current Emitter cutoff current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Testconditons IC = 10|I IE = 0 A, IC = 10 mA, IB = 0 A, IC = 10 |I IC = 0 IE = 0; VCB = 60 V IE = 0; VCB = 60 V; Tj = 125 ae IC = 0; VEB = 3 V IC = 0.1 mA; VCE = 10 V IC = 1 mA; VCE = 10 V IC = 10 mA; VCE = 10 V DC current gain hFE IC = 10 mA; VCE = 10 V; Ta = -55 ae IC= 150 mA; VCE = 10 V IC = 150 mA; VCE = 1 V IC = 500 mA; VCE = 10 V collector-emitter saturation voltage VCEsat IC = 150 mA; IB = 15 mA IC = 500 mA; IB = 50 mA base-emitter saturation voltage Delay time Rise time Storage time Fall time Output Capacitance Input Capacitance Noise Figure Transition frequency VBEsat td tr ts tf Cobo Cibo NF fT IC = 150 mA; IB = 15 mA IC = 500 mA; IB = 50 mA IB1 = 15 mA, IC = 150 mA, VCC = 30V, VBE = -0.5 V IB1 = IB2 = 15 mA, IC = 150 mA, VCC = 30V VCB = 10V, f = 1.0MHz, IE = 0 VEB = 0.5V, f = 1.0MHz, IC = 0 VCE = 10 V, IC = 100 |I A,RS = 1 k| f = 1 kHz , IC = 20 mA; VCE = 20 V; f = 100 MHz 300 0.6 35 50 75 35 100 50 40 Min 75 40 6
Transistors
Typ
Max
Unit V V V
10 10 10
nA |I A nA
300
300 1 1.2 2 15 25 200 60 8 25 4
mV V V V ns ns ns ns pF pF dB MHz
o Marking
Marking 1P
2
www.kexin.com.cn
SMD Type
KMBT2222A
Transistors
1000
350 PD, POWER DISSIPATION (mW)
250 200 150 100 50
hFE, DC CURRENT GAIN
300
TA = 125C
100
TA = -25C
TA = +25C
10
VCE = 1.0V
0
0
25
50
75
100
125
150
175
200
1 0.1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 2, Typical DC Current Gain vs Collector Current
TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs Ambient Temperature
30
VCE COLLECTOR-EMITTER VOLTAGE (V)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 0.01 0.1 1 10 100
IC = 300mA IC = 30mA IC = 1mA IC = 10mA IC = 100mA
20 10
Cibo
CAPACITANCE (pF)
5.0
Cobo
1.0
0.1
1.0
10
50
REVERSE VOLTS (V) Fig. 3 Typical Capacitance
IB, BASE CURRENT (mA) Fig. 4 Typical Collector Saturation Region
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of KMBT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X