Part Number Hot Search : 
00900 00900 4001B 00900 MUR440 BUT12 2KMD20SJ D52W20
Product Description
Full Text Search
 

To Download KDS114WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KDS114WS
SILICON EPITAXIAL PLANAR DIODE
Features * Small package * Small total capacitance * Low series resistance
PINNING PIN 1 2
1
DESCRIPTION Cathode Anode
2
W7
Applications * VHF tuner band switch
Top View Marking Code: "W7" Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Reverse Voltage Forward Current Junction Temperature Range Storage Temperature Range
Symbol VR IF TJ Tstg
Value 30 100 150 - 55 to + 150
Unit V mA
O
C C
O
Electrical Characteristics (Ta = 25 OC)
Parameter Forward Voltage at IF = 2 mA Reverse Current at VR = 15 V Reverse Voltage at IR = 1 A Total Capacitance at VR = 5 V, f = 1 MHz Series Resistance at IF = 2 mA, f = 100 MHz Symbol VF IR VR CT rS Min. 30 Max. 0.85 0.1 1.2 0.9 Unit V A V pF
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006
KDS114WS
rs--IF
3
TOTAL CAPACITANCE CT (pF)
CT--VR
10 Ta=25c 5 3 f=100MHz
SERIES RESISTANCE rs ( )
Ta=25c f=100MHz 1 0.5 0.3
1 0.5 0.3 1 3 5
0.1 1 3
10
30
100
10
30
50
100
FORWARD CURRENT IF-VF
10 -1
IF(mA)
REVERSE VOLTAGE
VR (V)
IF(A)
Ta=25C
Forward current
10 -2
10 -3
10 -4
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Forward voltage
VF(V)
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006
KDS114WS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-323
A c
HE D A
E
bp
UNIT mm
A 1.10 0.80
bp 0.40 0.25
C 0.15 0.00
D 1.80 1.60
E 1.35 1.15
HE 2.80 2.30
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 01/09/2006


▲Up To Search▲   

 
Price & Availability of KDS114WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X