Part Number Hot Search : 
KBP06 00BZXC SMK12 PRODUC SP45001 1673C11B 4S640 370BN
Product Description
Full Text Search
 

To Download KBU600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
6.0 Amp SINGLE PHASE SILICON BRIDGE
Mechanical Dimensions
KBU600 . . . 610 Series
Description
Mechanical Data: Weight - 0.3 Ounces. Mounting Torque 5.1 lbs. Mounting Position - Any.
Features
n COMPACT SIZE n LOW LEAKAGE CURRENT n 250 AMP SURGE OVERLOAD RATING n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) TA = 25C Non-Repetitive Peak Forward Surge Current...IFSM 8.3 mS Single 1/2 Sine Wave Imposed on Rated Load Forward Voltage...VF Bridge Element @ 6.0 Amps DC Reverse Current...IR @ Rated DC Blocking Voltage Typical Thermal Resistance...RJC Operating Temperature Range...TJ Storage Temperature Range...TSTRG TA = 25C TA =100C
KBU600 . . . 610 Series KBU600 50 35 50 KBU601 100 70 100 KBU602 200 140 200 KBU604 400 280 400 KBU606 600 420 600 KBU608 800 560 800 KBU610 1000 700 1000
Units
Volts Volts Volts
............................................. 6.0 ............................................... Amps ............................................. 250 ............................................... Amps ............................................. 1.0 ............................................... Volts
............................................. 10 ............................................... Amps ............................................. 1.0 ............................................... mAmps ............................................. 10 ............................................... ......................................... -55 to 125 .......................................... ......................................... -55 to 150 .......................................... C / W C C
Page 3-19
Data Sheet
6.0 Amp SINGLE PHASE SILICON BRIDGE
Non-Repetitive Peak Forward Surge Current
Forward Current Derating Curve
6 5 4
Amps
300 Amps 200 100 1 10 Number of Cycles @ 60 HZ 100
3 2 1
0
25
5 0 7 5 100 125 Lead Temperature (C)
Typical Instantaneous Forward Characteristics 100 10
Typical Reverse Characteristics
10 Amps TJ = 25C 1 Amps
1
.1
0 Volts
.7
.9
1.1
1.3
1.5
.01
0 4 0 8 0 120 160 Percent of Rated Peak Voltage Electrical Description
Typical Junction Capacitance 1000
pF
100
AC In
Ratings at 25 Deg. C ambient temperature unless otherwise specified.
10 .1 1.0 10 100 Reverse Voltage (Volts)
DC Out
Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Page 3-20
KBU600 . . . 610 Series


▲Up To Search▲   

 
Price & Availability of KBU600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X