|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KBPC5000 - KBPC5010 PRV : 50 - 1000 Volts Io : 50 Amperes FEATURES : * * * * * * * High case dielectric strength High surge current capability High reliability High efficiency Low reverse current Low forward voltage drop Pb / RoHS Free SILICON BRIDGE RECTIFIERS BR50-M 0.728(18.50) 0.688(17.40) 0.570(14.50) 0.530(13.40) 0.685(16.7 1.130(28.70) 1.120(28.40) 0) 0.658(16.70) 0 618(15 70) 0.032(0.81) 0.028(0.71) 0.210(5.30 ) 0.252(6.40 ) 0.100(2.50 ) 0.905(23.0) 0.826(21.0) MECHANICAL DATA : Case : Metal Case Epoxy : UL94V-O rate flame retardant Terminals : plated .25" (6.35 mm). Faston Polarity : Polarity symbols marked on case Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams * * * * * 0.310(7.87) 0.280(7.11) Dimensions in inches and ( millimeters ) Rating at 25 C ambient temperature unless otherwise specifie. Single phase, half wave, 60 Hz, resistive or inductive load For capacitive load, derate current by 20% MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATING Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc 55C = Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF= 25A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C SYMBOL KBPC 5000 50 35 50 KBPC 5001 100 70 100 KBPC 5002 200 140 200 KBPC 5004 400 280 400 50 400 660 1.1 10 500 2.0 - 40 to + 150 - 40 to + 150 KBPC 5006 600 420 600 KBPC 5008 800 560 800 KBPC 5010 1000 700 1000 UNIT V V V A A AS V 2 VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) RJC TJ TSTG 2 A A C/W C C Note : ( 1 ) Thermal resistance from Junction to Case with units mounted on a 9"x5"x4.6" (22.9x12.7x11.7 cm) Al-Finned Heatsink. Page 1 of 2 Rev. 01 : August 25, 2005 RATING AND CHARACTERISTIC CURVES (KBPC50005 - KBPC5010 ) FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT 60 HEAT-SINK MOUNTING, Tc 9" x 5" x 4.6" THK. 5 5 5 (22.9 x 12.7 x 11.7cm) Al.-Finned . FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 600 50 PEAK FORWARD SURGE CURRENT, AMPERES TJ = 50 C 500 AVERAGE FORWARD OUTPUT CURRENT AMPERES 40 400 30 300 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 20 200 10 100 0 0 25 50 75 100 125 150 175 0 1 2 4 6 10 20 40 60 100 CASE TEMPERATURE, ( C) NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE 100 FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE 10 TJ = 100 C FORWARD CURRENT, AMPERES REVERSE CURRENT, MICROAMPERES 10 Pulse Width = 300 s 1 % Duty Cycle 1.0 1.0 0.1 TJ = 25 C TJ = 25 C 0.1 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED REVERSE VOLTAGE, (%) 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 FORWARD VOLTAGE, VOLTS Page 2 of 2 Rev. 01 : August 25, 2005 |
Price & Availability of KBPC5010 |