Part Number Hot Search : 
LM78L12 CH7006C 10290 3637PC 680MZ MV8742 CM1819 KF4N20LD
Product Description
Full Text Search
 

To Download ISL7119RH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL7119RH
Data Sheet October 8, 2008 FN6607.2
Radiation Hardened High Speed Dual Voltage Comparator
The ISL7119RH is a radiation hardened high speed dual voltage comparator fabricated on a single monolithic chip. It is designed to operate over a wide dual supply voltage range as well as a single 5V logic supply and ground. The open collector output stage facilitates interfacing with a variety of logic devices and has the ability to drive relays and lamps at output currents up to 25mA. The ISL7119RH is fabricated on our dielectrically isolated Rad-hard Silicon Gate (RSG) process, which provides immunity to Single Event Latch-up (SEL) and highly reliable performance in the natural space environment. Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed below must be used when ordering. Detailed Electrical Specifications for the ISL7119RH are contained in SMD 5962-07215. A "hot-link" is provided on our website for downloading.
Features
* Electrically Screened to DSCC SMD # 5962-07215 * QML Qualified Per MIL-PRF-38535 Requirements * Radiation Environment - Total Dose. . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si) - SEL/SEB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Immune * Input Offset Voltage (VIO). . . . . . . . . . . . . . . . . 8mV (Max) * Input Bias Current (IBIAS) . . . . . . . . . . . . . .1000nA (Max) * Input Offset Current (IIO) . . . . . . . . . . . . . . . .150nA (Max) * Saturation Voltage @ ISINK = 3.2mA (VSAT) . 0.65V (Max) * Saturation Voltage @ ISINK = 25mA (VSAT) . . 1.8V (Max) * Response Time (tPD) . . . . . . . . . . . . . . . . . . . 160ns (Max)
Applications
* Window Detector * Level Shifter * Relay Driver
Pinouts
s
* Lamp Driver
ISL7119RH (10 LD FLATPACK GDFP1-F10 OR CDFP2-F10) TOP VIEW
OUT 1 GND 1 +IN 1 -IN 1 -VS 1 2 3 4 5 10 9 8 7 6 +VS -IN 2 +IN 2 GND 2 OUT 2
Ordering Information
ORDERING NUMBER INTERNAL MKT. NUMBER PART MARKING Q 5962F07 21501QXC Q 5962F07 21501VXC TEMP. RANGE (C) -55 to +125 -55 to +125 -55 to +125 ISL7 119RHF /Proto -55 to +125 PACKAGE 10 Ld Flatpack 10 Ld Flatpack 10 Ld Flatpack 10 Ld Flatpack PKG. DWG. # K10.A K10.A K10.A K10.A
5962F0721501QXC ISL7119RHQF 5962F0721501VXC 5962F0721501V9A ISL7119RH/Proto ISL7119RHVF ISL7119RHVX ISL7119RHF/Proto
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2007, 2008. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL7119RH Die Characteristics
DIE DIMENSIONS: 2030m x 2030m (~80 mils x 80 mils) Thickness: 483m 25.4m (19 mils 1 mil) INTERFACE MATERIALS: Glassivation: Type: PSG (Phosphorous Silicon Glass) Thickness: 8.0kA 1.0kA Top Metallization: Type: AlSiCu Thickness: 16.0kA 2kA Substrate: Radiation Hardened Silicon Gate, Dielectric Isolation Backside Finish: Silicon ASSEMBLY RELATED INFORMATION: Substrate Potential: Unbiased (DI) ADDITIONAL INFORMATION: Worst Case Current Density: <2.0 x 105 A/cm2 Transistor Count: 66
Metallization Mask Layout
ISL7119RH
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 2
FN6607.2 October 8, 2008


▲Up To Search▲   

 
Price & Availability of ISL7119RH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X