Part Number Hot Search : 
XB0744A 2SC49 120N6 CT173 EPF8026G 75T10GP 2SC49 82845E
Product Description
Full Text Search
 

To Download ISL6265A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6265A
Data Sheet May 11, 2009 FN6884.0
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
The ISL6265A is a multi-output controller with embedded gate drivers. A single-phase controller powers the Northbridge (VDDNB) portion of the CPU. The two remaining controller channels can be configured for two-phase or individual single-phase outputs. For uniplane CPU applications, the ISL6265A is configured as a two-phase buck converter. This allows the controller to interleave channels to effectively double the output voltage ripple frequency, and thereby reduce output voltage ripple amplitude with fewer components, lower component cost, reduced power dissipation, and smaller area. For dual-plane processors, the ISL6265A can be configured as independent single-phase controllers powering VDD0 and VDD1. The heart of the ISL6265A is the patented R3 TechnologyTM, Intersil's Robust Ripple Regulator modulator. Compared with the traditional buck regulator, the R3 TechnologyTM has a faster transient response. This is due to the R3 modulator commanding variable switching frequency during a load transient. The Serial VID Interface (SVI) allows dynamic adjustment of the Core and Northbridge output voltages independently and in combination from 0.500V to 1.55V. Core and Northbridge output voltages achieve a 0.5% system accuracy over-temperature. A unity-gain differential amplifier is provided for remote CPU die sensing. This allows the voltage on the CPU die to be accurately regulated per AMD mobile CPU specifications. Core output current sensing is realized using lossless inductor DCR sensing. All outputs feature overcurrent, overvoltage and undervoltage protection.
Features
* Core Configuration Flexibility - Dual Plane, Single-Phase Controllers - Uniplane, Two-Phase Controller * Precision Voltage Regulators - 0.5% System Accuracy Over-temperature * Voltage Positioning with Adjustable Load Line and Offset * Internal Gate Drivers with 2A Driving Capability * Differential Remote CPU Die Voltage Sensing * Core Differential Current Sensing: DCR or Resistor * Northbridge Lossless rDS(ON) Current Sensing * Serial VID Interface - Two Wire Clock and Data Bus - Supports High-Speed I2C - 0.500V to 1.55V in 12.5mV Steps - Supports PSI_L Power-Saving Mode * Core Outputs Feature Phase Shedding with PSI_L * Adjustable Output-Voltage Offset * Digital Soft-Start of all Outputs * User Programmable Switching Frequency * Static and Dynamic Current Sharing (Uniplane Core) * Overvoltage, Undervoltage, and Overcurrent Protection * Pb-Free (RoHS compliant)
Pinout
ISL6265A (48 LD 6X6 TQFN) TOP VIEW
OCSET_NB PHASE_NB UGATE_NB 36 BOOT_NB 35 BOOT0 34 UGATE0 33 PHASE0 32 PGND0 49 GND [BOTTOM] 31 LGATE0 30 PVCC 29 LGATE1 28 PGND1 27 PHASE1 26 UGATE1 25 BOOT1 13 14 15 16 17 18 19 20 21 22 23 24 VDIFF1 ISP0 VW1 ISN0 VSEN0 RTN0 RTN1 VSEN1 ISP1 COMP1 ISN1 FB1 LGATE_NB COMP_NB PGND_NB VSEN_NB FSET_NB RTN_NB FB_NB
Ordering Information
PART NUMBER (Note) ISL6265AHRTZ PART MARKING TEMP RANGE (C) PACKAGE (Pb-Free) PKG. DWG. #
OFS/VFIXEN 1 PGOOD 2 PWROK 3 SVD 4 SVC 5 ENABLE 6 RBIAS 7 OCSET 8 VDIFF0 9 FB0 10 COMP0 11 VW0 12
48 47 46 45 44 43 42 41 40 39 38 37
6265A HRTZ -10 to +100 48 Ld 6x6 TQFN L48.6x6
ISL6265AHRTZ-T* 6265A HRTZ -10 to +100 48 Ld 6x6 TQFN L48.6x6 Tape and Reel *Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2009. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
VCC
VIN
ISL6265A Function Block Diagram
RTN_NB VSEN_NB FB_NB COMP_NB FSET_NB IFSET_NB VNB 1 1.5kW SVC SVD PWROK OFS/FIXEN NO DROOP PSI_L I_OFS VREF_NB VREF0 VREF1 SVI INTERFACE AND DAC 1.5k 3.0k FLT UGATE_NB MOSFET DRIVER SHOOT-THRU PROTECTION DE MODE VIN PSI_L PVCC VCC POWER-ON RESET AND SOFT-START LOGIC ENABLE PGOOD GND MODE IVW0 COMP0 BOOT0 FB0 E/A I_OFS VDIFF0 VSEN0 1 RTN0 ISP0 ISN0 NO DROOP CURRENT SENSE MODE ISEN1 CURRENT BALANCE V0 MODE ISEN0 MODULATOR CORE PSI_L PVCC FLT BOOT1 UGATE1 MOSFET DRIVER SHOOT-THRU PROTECTION DE MODE E/A I_OFS IVW1 PSI_L PHASE1 LGATE1 PGND1 VREF0 VIN FLT MOSFET DRIVER SHOOT-THRU PROTECTION DE MODE UGATE0 PHASE0 LGATE0 PGND0 PVCC PHASE_NB LGATE_NB PGND_NB BOOT_NB PVCC
E/A
MODULATOR NB
VREF_NB
OCSET_NB OCSET RBIAS VW0 FAULT PROTECTION
FLT VNB V0 V1 ISEN0 ISEN1
RTN1
VIN
ISP1 ISN1 VSEN1
CURRENT SENSE V1 1
NO DROOP MODE VREF1
RTN1 VDIFF1
FB1
COMP1
VW1
FIGURE 1. SIMPLIFIED FUNCTION BLOCK DIAGRAM OF ISL6265A
2
FN6884.0 May 11, 2009
ISL6265A Simplified Application Circuit for Dual Plane and Northbridge Support
+5V VIN
VCC PVCC SVI DATA SVI CLOCK ENABLE PWROK VDDPWRGD REMOTE SENSE SVD SVC EN PWROK PGOOD VSEN0 RTN0 VSEN1 RTN1
VIN
GND +VIN CIN UGATE0 BOOT0 PHASE0 LGATE0 PGND0 ISP0 ISN0 CORE LOAD LOUT VDD0
REMOTE SENSE VDD_PLANE_STRAP
OFS/VFIXEN
RBIAS OCSET
VDIFF0
+VIN CIN
FB0 UGATE1 COMP0 ISL6265A BOOT1 PHASE1 VW0 LGATE1 PGND1 VDIFF1 ISP1 ISN1 FB1 +VIN CIN UGATE_NB BOOT_NB VW1 PHASE_NB FSET_NB LGATE_NB PGND_NB COMP_NB OCSET_NB VSEN_NB FB_NB RTN_NB NB LOAD LOUT CORE LOAD LOUT VDD1
COMP1
VDDNB
FIGURE 2. ISL6265A BASED DUAL-PLANE AND NORTHBRIDGE CONVERTERS WITH INDUCTOR DCR CURRENT SENSING
3
FN6884.0 May 11, 2009
ISL6265A Simplified Application Circuit for Uniplane Core and Northbridge Support
+5V VIN
+VIN VCC PVCC SVI DATA SVI CLOCK ENABLE PWROK VDDPWRGD SVD SVC EN PWROK PGOOD VSEN0 RTN0 UGATE0 BOOT0 PHASE0 LGATE0 PGND0 ISP0 ISN0 REMOTE SENSE VDD_PLANE_STRAP VSEN1 RTN1 RBIAS OCSET OFS/VFIXEN +VIN VDIFF0 UGATE1 FB0 BOOT1 COMP0 ISL6265A PHASE1 LGATE1 VW0 PGND1 ISP1 OPEN VDIFF1 ISN1 +VIN OPEN FB1 CIN OPEN COMP1 UGATE_NB BOOT_NB OPEN VW1 PHASE_NB LGATE_NB FSET_NB PGND_NB COMP_NB OCSET_NB VSEN_NB RTN_NB FB_NB NB LOAD LOUT CORE LOAD LOUT CIN VDD0 CORE LOAD LOUT GND CIN
REMOTE SENSE
VDDNB
FIGURE 3. ISL6265A BASED UNIPLANE AND NORTHBRIDGE CONVERTERS WITH INDUCTOR DCR CURRENT SENSING
4
FN6884.0 May 11, 2009
ISL6265A Simplified Application Circuit for Dual Layout
+5V VIN
+VIN VCC PVCC SVI DATA SVI CLOCK ENABLE PWROK VDDPWRGD SVD SVC EN PWROK PGOOD VSEN0 RTN0 UGATE0 BOOT0 PHASE0 LGATE0 PGND0 ISP0 ISN0 RTN1 VSEN1 CORE LOAD LOUT VDD0 GND CIN
REMOTE SENSE VDD_PLANE_STRAP +1.8V REMOTE SENSE
DNP UNIPLANE
RBIAS OCSET UNIPLANE VDD0 +VIN
OFS/VFIXEN
DNP DUAL PLANE
VDIFF0 UGATE1 FB0 BOOT1 COMP0 ISL6265A PHASE1 LGATE1 VW0 PGND1 ISP1 POPULATION OPTIONAL IN UNIPLANE VDIFF1 ISN1 +VIN FB1
CIN
LOUT
VDD1 CORE LOAD
CIN COMP1 UGATE_NB BOOT_NB VW1 FSET_NB PGND_NB COMP_NB OCSET_NB VSEN_NB RTN_NB FB_NB NB LOAD PHASE_NB LGATE_NB LOUT
VDDNB
FIGURE 4. ISL6265A BASED UNIPLANE OR DUAL PLANE CORE CONVERTER WITH INDUCTOR DCR CURRENT SENSING
5
FN6884.0 May 11, 2009
ISL6265A
Absolute Maximum Ratings
Supply Voltage, VCC, PVCC . . . . . . . . . . . . . . . . . . . . . . . -0.3 - +7V Battery Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28V Boot Voltage (BOOT) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V Boot to Phase Voltage (BOOT-PHASE). . . . . . . . -0.3V to +7V(DC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +9V (<10ns) Phase Voltage (PHASE) . . . . . . . . . -7V (<20ns Pulse Width, 10J) UGATE Voltage (UGATE) . . . . . . . . . PHASE -0.3V (DC) to BOOT LGATE Voltage (LGATE) . . . . . . . . . . . . . -0.3V (DC) to VCC + 0.3V ALL Other Pins. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V) Open Drain Outputs, PGOOD . . . . . . . . . . . . . . . . . . . . . -0.3 - +7V
Thermal Information
Thermal Resistance (Typical, Notes 1, 2) JA (C/W) JC (C/W) 48 Ld TQFN . . . . . . . . . . . . . . . . . . . . 32 3.5 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . . .-65C to +150C Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage, VCC, PVCC . . . . . . . . . . . . . . . . . . . . . . . .+5V 5% Battery Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V to 24V Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . .-10C to +100C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .-10C to +125C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 2. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VCC = PVCC = 5V, VIN = 12V, TA = -10C to +100C, Unless Otherwise Specified. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER INPUT POWER SUPPLY +5V Supply Current
IVCC
EN = 3.3V EN = 0V
3.9 -
7.8 4.35 4.1 -
10 1 4.5 1
mA A V V A
POR (Power-On Reset) Threshold
VCC PORr VCC PORf
VCC Rising VCC Falling EN = 0V, VIN = 24V
Battery Supply Current (VIN) SYSTEM AND REFERENCES System Accuracy (Vcore0, Vcore1, Vcore_NB)
IVIN
%Error (VCORE)
No load, closed loop, active mode VID = 0.75V to 1.55V VID = 0.50V to 0.7375V
-0.5 -5 1.15 -
1.17 1.55 0.500
0.5 +5 1.19 -
% mV V V V
RBIAS Voltage Maximum Output Voltage Minimum Output Voltage CHANNEL FREQUENCY Nominal CORE Switching Frequency Nominal NB Switching Frequency Core Frequency Adjustment Range NB Frequency Adjustment Range AMPLIFIERS Error Amp DC Gain (Note 3) Error Amp Gain-Bandwidth Product (Note 3) Error Amp Slew Rate (Note 3)
RRBIAS VCOREx (max) VCOREx (min)
RRBIAS = 117k SVID = [000_0000b] SVID = [101_0100b]
fSW_core0 fSW_core_NB
VIN = 15.5V, VDAC = 1.55V, VFB0 = 1.60V, force Vcomp_0 = 2V, RVW = 6.81k, 2-Phase Operation RFSET_NB = 22.1k, CFSET_NB = 1nF, VDAC = 0.5V, Vsen_nb = 0.51V
285 285 200 200
300 300 -
315 315 500 500
kHz kHz kHz kHz
AV0 GBW SR CL = 20pF CL = 20pF
-
90 18 5.0
-
dB MHz V/s
6
FN6884.0 May 11, 2009
ISL6265A
Electrical Specifications
VCC = PVCC = 5V, VIN = 12V, TA = -10C to +100C, Unless Otherwise Specified. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER CORE CURRENT SENSE Current Imbalance Threshold Input Bias Current RTN1 Threshold SOFT START/VID-ON-THE-FLY Soft-Start Voltage Transition VID on the Fly Transition
-
4 20 0.8
-
mV nA V
VSS
1.25 5
1.875 7.5
2.50 10
mV/s mV/s
GATE DRIVER DRIVING CAPABILITY [CORE AND NB] UGATE Source Resistance (Note 4) UGATE Source Current (Note 4) UGATE Sink Resistance (Note 4) UGATE Sink Current (Note 4) LGATE Source Resistance (Note 4) LGATE Source Current (Note 4) LGATE Sink Resistance (Note 4) LGATE Sink Current (Note 4) UGATE to PHASE Resistance RSRC(UGATE) 500mA Source Current ISRC(UGATE) VUGATE_PHASE = 2.5V 1 2 1 2 1 2 0.5 4 1 1.5 1.5 1.5 0.9 A A A A k
RSNK(UGATE) 500mA Sink Current ISNK(UGATE) VUGATE_PHASE = 2.5V
RSRC(LGATE) 500mA Source Current ISRC(LGATE) VLGATE = 2.5V
RSNK(LGATE) 500mA Sink Current ISNK(LGATE) Rp(UGATE) VLGATE = 2.5V
GATE DRIVER SWITCHING TIMING (Refer to "ISL6265A Gate Driver Timing Diagram" on page 8) UGATE Rise Time (Note 3) LGATE Rise Time (Note 3) UGATE Fall Time (Note 3) LGATE Fall Time (Note 3) UGATE Turn-on Propagation Delay LGATE Turn-on Propagation Delay BOOTSTRAP DIODE Forward Voltage Leakage POWER GOOD AND PROTECTION MONITOR PGOOD Low Voltage PGOOD Leakage Current PGOOD High After Soft-Start PGOOD Low After Fault Undervoltage Threshold Overvoltage Threshold UVH OVHS VOL IOH IPGOOD = 4mA PGOOD = 5V Enable to PGOOD High, VCOREx = 1.1V Fault to PGOOD Low VCOREx falls below set-point for 208s VO rising above threshold > 0.5s -1 570 160 240 1.770 0.2 700 208 295 1.795 0.5 1 1010 250 350 1.820 V A s s mV V VDDP = 5V, Forward Bias Current = 2mA VR = 16V 0.43 0.58 0.67 5 V A tRU tRL tFU tFL tPDHU tPDHL PVCC = 5V, 3nF Load PVCC = 5V, 3nF Load PVCC = 5V, 3nF Load PVCC = 5V, 3nF Load PVCC = 5V, Outputs Unloaded PVCC = 5V, Outputs Unloaded 8.0 8.0 8.0 4.0 36 20 ns ns ns ns ns ns
OVERCURRENT PROTECTION VDD0 AND VDD1 OCSET Reference Voltage (VISPx - VISNx ) OVERCURRENT PROTECTION VDD_NB OCSET_NB OCP Current RBIAS pin to GND = 117k; Trips after 8 PWM cycles 9.2 10 10.8 A VOCSET = 180mV; VIN = 15.5V 5 6.0 7 mV
7
FN6884.0 May 11, 2009
ISL6265A
Electrical Specifications
VCC = PVCC = 5V, VIN = 12V, TA = -10C to +100C, Unless Otherwise Specified. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
PARAMETER OFFSET FUNCTION OFS Pin Voltage For Droop Enabling FB Pin Source Current OFS Pin Voltage Threshold for VFIX Mode and No Droop Operation OFS Pin Voltage Threshold for SVI Mode and No Droop Operation OFS Bias LOGIC INPUTS ENABLE Low Threshold ENABLE High Threshold ENABLE Leakage Current
VOFS IFB VOFS VOFS IOFS
ROFS = 240k (OFS pin to GND) IOFS = 10A
1.18 9.0 -
1.2 9.9 1.8 4.0 4.0
1.22 10.8 -
V A V V A
1.8V < OFS < VCC
-
VIL(3.3V) VIH(3.3V) Logic input is low Logic input is high at 3.3V
2.0 -1 -
1.35 1.6 0 0
0.9 1
V V A A
SVI INTERFACE PWROK Input Low Threshold PWROK Input High Threshold SVC, SVD Input HIGH (VIH) SVC, SVD Input LOW (VIL) Schmitt Trigger Input Hysteresis SVD Low Level Output Voltage SVC, SVD Leakage 3mA Sink Current EN = 0V, SVC, SVD = 0V EN = 5V, SVC, SVD = 1.8V DIFF AMP Accuracy NOTES: 3. Limits should be considered typical and are not production tested. 4. Limits established by characterization and are not production tested. VSEN = 0.5V to 1.55V; RTN = 0 0.1V -2 2 mV 1.05 0.65 0.9 0.87 0.68 0.19 0.1 < -100 < -100 0.8 0.45 0.285 V V V V V V nA nA
ISL6265A Gate Driver Timing Diagram
PWM tPDHU tRU 1V UGATE tFU
LGATE 1V tFL tPDHL tRL
8
FN6884.0 May 11, 2009
ISL6265A Functional Pin Description
OCSET_NB PHASE_NB UGATE_NB LGATE_NB COMP_NB PGND_NB VSEN_NB FSET_NB RTN_NB FB_NB
PWROK
System power good input. When this pin is high, the SVI interface is active and I2C protocol is running. While this pin is low, the SVC, SVD, and VFIXEN input states determine the pre-PWROK metal VID or VFIX mode voltage. This pin must be low prior to the ISL6265A PGOOD output going high per the AMD SVI Controller Guidelines.
48 47 46 45 44 43 42 41 40 39 38 37 OFS/VFIXEN 1 PGOOD 2 PWROK 3 SVD 4 SVC 5 ENABLE 6 RBIAS 7 OCSET 8 VDIFF0 9 FB0 10 COMP0 11 VW0 12 13 14 15 16 17 18 19 20 21 22 23 24 COMP1 VW1 ISP0 FB1 ISN0 ISP1 RTN0 VSEN0 RTN1 VSEN1 VDIFF1 ISN1 49 GND [BOTTOM] 36 BOOT_NB 35 BOOT0 34 UGATE0 33 PHASE0 32 PGND0 31 LGATE0 30 PVCC 29 LGATE1 28 PGND1 27 PHASE1 26 UGATE1 25 BOOT1
VCC
VIN
PGOOD
Controller power-good open-drain output. This pin is typically pulled up externally by a 2.0k resistor to +3.3V. During normal operation, this pin indicates whether all output voltages are within specified overvoltage and undervoltage limits and no overcurrent condition is present. If any output voltage exceeds these limits or a reset event occurs, the pin is pulled low. This pin is always low prior to the end of soft-start.
SVC
This pin is the serial VID clock input from the AMD processor.
SVD
This pin is the serial VID data bidirectional signal to and from the master device on the AMD processor.
VCC
The bias supply for the IC's control circuitry. Connect this pin to a +5V supply and decouple using a quality 0.1F ceramic capacitor.
ENABLE
Digital input enable. A high level logic signal on this pin enables the ISL6265A.
VIN
Battery supply voltage. It is used for input voltage feed-forward to improve the input line transient performance.
FSET_NB
A resistor from this pin to GND programs the switching frequency of the Northbridge controller (for example, 22.1k ~ 260kHz).
PVCC
The power supply pin for the internal MOSFET gate drivers of the ISL6265A. Connect this pin to a +5V power supply. Decouple this pin with a quality 1.0F ceramic capacitor.
FB_NB
This pin is the output voltage feedback to the inverting input of the Northbridge controller error amplifier.
GND
The bias and reference ground for the IC. The GND connection for the ISL6265A is through the thermal pad on the bottom of the package.
COMP_NB
This pin is the output of the Northbridge controller error amplifier.
VSEN_NB, RTN_NB
Remote Northbridge voltage sense input and return. Connect isolated traces from these pins to the Northbridge sense points of the processor.
RBIAS
A 117k resistor from RBIAS to GND sets internal reference currents. The addition of capacitance to this pin must be avoided and can create instabilities in operation.
OCSET_NB
Overcurrent protection selection input for the Northbridge controller. A resistor from this pin to PHASE_NB sets the OC trip point.
OFS/VFIXEN
A resistor from this pin to GND programs a DC current source, which generates a positive offset voltage across the resistor between FB and VDIFF pins. In this case, the OFS pin voltage is +1.2V and VFIX mode is not enabled. If OFS is pulled up to +3.3V, VFIX mode is enabled, the DAC decodes the SVC and SVD inputs to determine the programmed voltage, and the OFS function is disabled. If OFS is pulled up to +5V, the OFS function and VFIX mode are disabled.
UGATE_NB
Upper MOSFET gate signal from Northbridge controller.
LGATE_NB
Lower MOSFET gate signal from Northbridge controller.
9
FN6884.0 May 11, 2009
ISL6265A
PHASE_NB
Switch node of the Northbridge controller. This pin should connect to the source of the Northbridge channel upper MOSFET(s). their corresponding channel's sense capacitor. These pins can also be used for discrete resistor sensing.
BOOT0, BOOT1
These pins provide the bias voltage for the corresponding upper MOSFET drives. Connect these pins to appropriately chosen external bootstrap capacitors. Internal bootstrap diodes connected to the PVCC pin provide the necessary bootstrap charge.
BOOT_NB
This pin is the upper gate drive supply voltage for the Northbridge controller. Connect an appropriately sized ceramic bootstrap capacitor between the BOOT_NB and PHASE_NB pins. An internal bootstrap diode connected to the PVCC pin provides the necessary bootstrap charge.
UGATE0, UGATE1
Connect these pins to the corresponding upper MOSFET gate(s). These pins control the upper MOSFET gate(s) and are monitored for shoot-through prevention.
PGND_NB
The return path of the Northbridge controller lower gate driver. Connect this pin to the source of the lower MOSFET(s).
LGATE0, LGATE1
Connect these pins to the corresponding lower MOSFET gate(s).
OCSET
CORE_0 and CORE_1 common overcurrent protection selection input. The voltage on this pin sets the (ISPx - ISNx) voltage limit for OC trip.
PHASE0, PHASE1
Switch node of the CORE_0 and CORE_1 controllers. Connect these pins to the sources of the corresponding upper MOSFET(s). These pins are the return path for the upper MOSFET drives.
VW0, VW1
A resistor from this pin to corresponding COMPx pin programs the switching frequency (for example, 6.81k ~ 300kHz).
PGND0, PGND1
The return path of the lower gate driver for CORE_0 and CORE_1 respectively. Connect these pins to the corresponding sources of the lower MOSFETs.
COMP0, COMP1
The output of the CORE_0 and CORE_1 controller error amplifiers respectively. FBx, VDIFFx, and COMPx pins are tied together through external R-C networks to compensate the regulator.
Theory of Operation
The ISL6265A is a flexible multi-output controller supporting Northbridge and single or dual power planes required by Class M AMD Mobile CPUs. In single plane applications, both core voltage regulators operate single-phase. In uniplane core applications, the core voltage regulators are configured to operate as a two-phase regulator. All three regulator outputs include integrated gate drivers for reduced system cost and small board area. The regulators provide optimum steady-state and transient performance for microprocessor applications. System efficiency is enhanced by idling a phase in uniplane configurations at low-current and implementing automatic DCM-mode operation when PSI_L is asserted to logic low. The heart of the ISL6265A is the R3 TechnologyTM, Intersil's Robust Ripple Regulator modulator. The R3 modulator combines the best features of fixed frequency PWM and hysteretic PWM while eliminating many of their shortcomings. The ISL6265A modulator internally synthesizes an analog of the inductor ripple current and uses hysteretic comparators on those signals to establish PWM pulse widths. Operating on these large-amplitude, noise-free synthesized signals allows the ISL6265A to achieve lower output ripple and lower phase jitter than either conventional hysteretic or fixed frequency PWM controllers. Unlike conventional hysteretic converters, the ISL6265A has
FB0, FB1
These pins are the output voltage feedback to the inverting input of the CORE_0 and CORE_1 error amplifiers.
VDIFF0, VDIFF1
Output of the CORE_0 and CORE_1 differential amplifiers.
VSEN0, RTN0
Inputs to the CORE_0 VR controller precision differential remote sense amplifier. Connect to the sense pins of the VDD0_FB[H, L] portion of the processor.
VSEN1, RTN1
Inputs to the CORE_1 VR controller precision differential remote sense amplifier. Connect to the sense pins of the VDD1_FB[H,L] portion of the processor. The RTN1 pin is also used for detection of the VDD_PLANE_STRAP signal prior to enable.
ISP0, ISN0, ISP1, ISN1
These pins are used for differentially sensing the corresponding channel output current. The sensed current is used for channel balancing, protection, and core load line regulation. Connect ISN0 and ISN1 to the node between the RC sense elements surrounding the inductor of their respective channel. Tie the ISP0 and ISP1 pins to the VCORE side of 10
FN6884.0 May 11, 2009
ISL6265A
an error amplifier that allows the controller to maintain a 0.5% voltage regulation accuracy throughout the VID range from 0.75V to 1.55V. Voltage regulation accuracy is slightly wider, 5mV, over the VID range from 0.7375V to 0.5V. The hysteresis window voltage is relative to the error amplifier output such that load current transients result in increased switching frequency, which gives the R3 regulator a faster response than conventional fixed frequency PWM controllers. In uniplane configurations, transient load current is inherently shared between active phases due to the use of a common hysteretic window voltage. Individual average phase currents are monitored and controlled to equally share current among the active phases. and SVD pins to determine the soft-start target output voltage level..
VIN PWM FREQUENCY CONTROL + VW + R PWM Q S WINDOW VOLTAGE VW ISL6265A PWM
FN6884.0 May 11, 2009
FSET
+ gmVIN VO + gmVO + RIPPLE CAPACITOR VOLTAGE CR
VR
VCOMP + CR TO PWM CONTROL
Modulator
The ISL6265A modulator features Intersil's R3 technology, a hybrid of fixed frequency PWM control and variable frequency hysteretic control (see Figure 5). Intersil's R3 technology can simultaneously affect the PWM switching frequency and PWM duty cycle in response to input voltage and output load transients. The R3 modulator synthesizes an AC signal VR, which is an analog representation of the output inductor ripple current. The duty-cycle of VR is the result of charge and discharge current through a ripple capacitor CR. The current through CR is provided by a transconductance amplifier gm that measures the VIN and VO voltages. The positive slope of VR can be written as determined by Equation 1:
V RPOS = ( g m ) ( V IN - V OUT ) (EQ. 1)
FIGURE 5. MODULATOR CIRCUITRY
ERROR AMPLIFIER VOLTAGE VCOMP
The negative slope of VR can be written as determined by Equation 2:
V RNEG = g m V OUT (EQ. 2)
Where gm is the gain of the transconductance amplifier. A window voltage VW is referenced with respect to the error amplifier output voltage VCOMP, creating an envelope into which the ripple voltage VR is compared. The amplitude of VW is set by a resistor connected across the FSET and GND pins. The VR, VCOMP, and VW signals feed into a window comparator in which VCOMP is the lower threshold voltage and VW is the higher threshold voltage. Figure 6 shows PWM pulses being generated as VR traverses the VW and VCOMP thresholds. The PWM switching frequency is proportional to the slew rates of the positive and negative slopes of VR; it is inversely proportional to the voltage between VW and VCOMP.
FIGURE 6. MODULATOR WAVEFORMS DURING LOAD TRANSIENT
Power-On Reset
The ISL6265A requires a +5V input supply tied to VCC and PVCC to exceed a rising power-on reset (POR) threshold before the controller has sufficient bias to guarantee proper operation. Once this threshold is reached or exceeded, the ISL6265A has enough bias to begin checking RTN1, OFS/VFIXEN, ENABLE, and SVI inputs. Hysteresis between the rising the falling thresholds assure the ISL6265A will not inadvertently turn-off unless the bias voltage drops substantially (see "Electrical Specifications" on page 8).
Core Configuration
The ISL6265A determines the core channel requirements of the CPU based on the state of the RTN1 pin prior to ENABLE. If RTN1 is low prior to ENABLE, both VDD0 and VDD1 core planes are required. The core controllers operate as independent single-phase regulators. RTN1 is connected to the CPU Core1 negative sense point. For single core CPU designs (uniplane), RTN1 is tied to a +1.8V or greater supply. Prior to ENABLE, RTN1 is detected as HIGH and the ISL6265A drives the core controllers as a two-phase multi-phase regulator. Dual purpose motherboard designs should include resistor options to
Initialization
Once sufficient bias is applied to the VCC pin, internal logic checks the status of critical pins to determine the controller operation profile prior to ENABLE. These pins include RTN1 which determines single vs two-phase operation and OFS/VFIXEN for enabling/disabling the SVI interface and core voltage droop. Depending on the configuration set by these pins, the controller then checks the state of the SVC
11
ISL6265A
open the CPU Core1 negative sense and connect the RTN1 pin to a pull-up resistor.
Pre-PWROK Metal VID
Assuming the OFS/VFIXEN pin is not tied to +3.3V during controller configuration, typical motherboard start-up begins with the controller decoding the SVC and SVD inputs to determine the pre-PWROK metal VID setting (see Table 1). Once the enable input (EN) exceeds the rising enable threshold, the ISL6265A decodes and locks the decoded value in an on-board hold register.
TABLE 1. PRE-PWROK METAL VID CODES SVC 0 0 SVD 0 1 0 1 OUTPUT VOLTAGE (V) 1.1 1.0 0.9 0.8
Mode Selection
The OFS/VFIXEN pin selects between the AMD defined VFIX and SVI modes of operation and enables droop if desired in SVI mode only. If OFS/VFIXEN is tied to VCC, then SVI mode with no droop on the core output(s) is selected. Connected to +3.3V, VFIX mode is active with no droop on the core output(s). SVI mode with droop is enabled when OFS/VFIXEN is tied to ground through a resistor sized to set the core voltage positive offset. Further information is provided in "Offset Resistor Selection" on page 17.
Serial VID Interface
The on-board Serial VID Interface (SVI) circuitry allows the processor to directly control the Core and Northbridge voltage reference levels within the ISL6265A. The SVC and SVD states are decoded according to the PWROK and VFIXEN inputs as described in the following sections. The ISL6265A uses a digital-to-analog converter (DAC) to generate a reference voltage based on the decoded SVI value. See Figure 7 for a simple SVI interface timing diagram.
1 VCC 2 3 4 5 6
1 1
The internal DAC circuitry begins to ramp Core and Northbridge planes to the decoded pre-PWROK metal VID output level. The digital soft-start circuitry ramps the internal reference to the target gradually at a fixed rate of approximately 2mV/s. The controlled ramp of all output
7 8 9 10 11 12
SVC
SVD
ENABLE
PWROK METAL_VID VDD AND VDDNB V_SVI METAL_VID V_SVI
VDDPWRGD (PGOOD) FIXEN
Interval 1 to 2: ISL6265A waits to POR. Interval 2 to 3: SVC and SVD are externally set to pre-Metal VID code. Interval 3 to 4: EN locks core output configuration and pre-Metal VID code. All outputs soft-start to this level. Interval 4 to 5: PGOOD signal goes HIGH indicating proper operation. Interval 5 to 6: CPU detects VDDPWRGD high and drives PWROK high to allow ISL6265A to prepare for SVI code. Interval 6 to 7: SVC and SVD data lines communicate change in VID code. Interval 7 to 8: ISL6265A responds to VID-ON-THE-FLY code change. Interval 8 to 9: PWROK is driven low and ISL6265A returns all outputs to pre-PWROK Metal VID level. Interval 9 to 10: PWROK driven high once again by CPU and ISL6265A prepares for SVI code. Interval 10 to 11: SVC and SVD data lines communicate new VID code. Interval 11 to 12: ISL6265A drives outputs to new VID code level. Post 12 : Enable falls and all internal drivers are tri-stated and PGOOD is driven low.
FIGURE 7. SVI INTERFACE TIMING DIAGRAM: TYPICAL PRE-PWROK METAL VID STARTUP
12
FN6884.0 May 11, 2009
ISL6265A
voltage planes reduces in-rush current during the soft-start interval. At the end of the soft-start interval, the PGOOD output transitions high indicating all output planes are within regulation limits. If the EN input falls below the enable falling threshold, the ISL6265A tri-states all outputs. PGOOD is pulled low with the loss of EN. The Core and Northbridge planes will decay based on output capacitance and load leakage resistance. If bias to VCC falls below the POR level, the ISL6265A responds in the same manner previously described. Once VCC and EN rise above their respective rising thresholds, the internal DAC circuitry re-acquires a pre-PWROK metal VID code and the controller soft-starts. the PGOOD signal remains asserted. The Northbridge voltage plane must remain active during this time. If the PWROK input is deasserted, then the controller steps both Core and Northbridge planes back to the stored pre-PWROK metal VID level in the holding register from initial soft-start. No attempt is made to read the SVC and SVD inputs during this time. If PWROK is reasserted, then the on-board SVI interface waits for a set VID command. If EN goes low during normal operation, all internal drivers are tri-stated and PGOOD is pulled low. This event clears the pre-PWROK metal VID code and forces the controller to check SVC and SVD upon restart. A POR event on VCC during normal operation will shutdown all regulators and PGOOD is pulled low. The pre-PWROK metal VID code is not retained.
VFIX MODE
In VFIX Mode, the SVC and SVD levels fixed external to the controller through jumpers to either GND or VDDIO. These inputs are not expected to change. In VFIX mode, the IC decodes the SVC and SVD states per Table 2.
TABLE 2. VFIXEN VID CODES SVC 0 0 1 1 SVD 0 1 0 1 OUTPUT VOLTAGE (V) 1.4 1.2 1.0 0.8
VID-on-the-Fly Transition
Once PWROK is high, the ISL6265A detects this flag and begins monitoring the SVC and SVD pins for SVI instructions. The microprocessor will follow the protocol outlined in the following sections to send instructions for VID-on-the-Fly transitions. The ISL6265A decodes the instruction and acknowledges the new VID code. For VID codes higher than the current VID level, the ISL6265A begins stepping the required regulator output(s) to the new VID target with a typical slew rate of 7.5mV/s, which meets the AMD requirements. When the VID codes are lower than the current VID level, the ISL6265A begins stepping the regulator output to the new VID target with a typical slew rate of -7.5mV/s. Both Core and NB regulators are always in CCM during a down VID transition. The AMD requirements under these conditions do not require the regulator to meet the minimum slew rate specification of -5mV/s. In either case, the slew rate is not allowed to exceed 10mV/s. The ISL6265A does not change the state of PGOOD (VDDPWRGD in AMD specifications) when a VID-on-the-fly transition occurs.
Once enabled, the ISL6265A begins to soft-start both Core and Northbridge planes to the programmed VFIX level. The internal soft-start circuitry slowly ramps the reference up to the target value. The same fixed internal rate of approximately 2mV/s results in a controlled ramp of the power planes. Once soft-start has ended and all output planes are within regulation limits, the PGOOD pin transitions high. In the same manner described in "Pre-PWROK Metal VID" on page 12, the POR circuitry impacts the internal driver operation and PGOOD status.
SVI MODE
Once the controller has successfully soft-started and PGOOD transitions high, the processor can assert PWROK to signal the ISL6265A to prepare for SVI commands. The controller actively monitors the SVI interface for set VID commands to move the plane voltages to start-up VID values. Details of the SVI Bus protocol are provided in the AMD Design Guide for Voltage Regulator Controllers Accepting Serial VID Codes specification. Once a set VID command is received, the ISL6265A decodes the information to determine which output plane is affected and the VID target required (see Table 3).The internal DAC circuitry steps the required output plane voltage to the new VID level. During this time, one or more of the planes could be targeted. In the event either core voltage plane, VDD0 or VDD1, is commanded to power-off by serial VID commands,
SVI WIRE Protocol
The SVI wire protocol is based on the I2C bus concept. Two wires (serial clock (SVC) and serial data (SVD)), carry information between the AMD processor (master) and VR controller (slave) on the bus. The master initiates and terminates SVI transactions and drives the clock, SVC, during a transaction. The AMD processor is always the master and the voltage regulators are the slaves. The slave receives the SVI transactions and acts accordingly. Mobile SVI wire protocol timing is based on high-speed mode I2C. See AMD Griffin (Family 11h) processor publications for additional details.
13
FN6884.0 May 11, 2009
ISL6265A
TABLE 3. SERIAL VID CODES SVID[6:0] 000_0000b 000_0001b 000_0010b 000_0011b 000_0100b 000_0101b 000_0110b 000_0111b 000_1000b 000_1001b 000_1010b 000_1011b 000_1100b 000_1101b 000_1110b 000_1111b 001_0000b 001_0001b 001_0010b 001_0011b 001_0100b 001_0101b 001_0110b 001_0111b 001_1000b 001_1001b 001_1010b 001_1011b 001_1100b 001_1101b 001_1110b 001_1111b NOTE: VOLTAGE (V) 1.5500 1.5375 1.5250 1.5125 1.5000 1.4875 1.4750 1.4625 1.4500 1.4375 1.4250 1.4125 1.4000 1.3875 1.3750 1.3625 1.3500 1.3375 1.3250 1.3125 1.3000 1.2875 1.2750 1.2625 1.2500 1.2375 1.2250 1.2125 1.2000 1.1875 1.1750 1.1625 SVID[6:0] 010_0000b 010_0001b 010_0010b 010_0011b 010_0100b 010_0101b 010_0110b 010_0111b 010_1000b 010_1001b 010_1010b 010_1011b 010_1100b 010_1101b 010_1110b 010_1111b 011_0000b 011_0001b 011_0010b 011_0011b 011_0100b 011_0101b 011_0110b 011_0111b 011_1000b 011_1001b 011_1010b 011_1011b 011_1100b 011_1101b 011_1110b 011_1111b VOLTAGE (V) 1.1500 1.1375 1.1250 1.1125 1.1000 1.0875 1.0750 1.0625 1.0500 1.0375 1.0250 1.0125 1.0000 0.9875 0.9750 0.9625 0.9500 0.9375 0.9250 0.9125 0.9000 0.8875 0.8750 0.8625 0.8500 0.8375 0.8250 0.8125 0.8000 0.7875 0.7750 0.7625 SVID[6:0] 100_0000b 100_0001b 100_0010b 100_0011b 100_0100b 100_0101b 100_0110b 100_0111b 100_1000b 100_1001b 100_1010b 100_1011b 100_1100b 100_1101b 100_1110b 100_1111b 101_0000b 101_0001b 101_0010b 101_0011b 101_0100b 101_0101b 101_0110b 101_0111b 101_1000b 101_1001b 101_1010b 101_1011b 101_1100b 101_1101b 101_1110b 101_1111b VOLTAGE (V) 0.7500 0.7375 0.7250 0.7125 0.7000 0.6875 0.6750 0.6625 0.6500 0.6375 0.6250 0.6125 0.6000 0.5875 0.5750 0.5625 0.5500 0.5375 0.5250 0.5125 0.5000 0.4875* 0.4750* 0.4625* 0.4500* 0.4375* 0.4250* 0.4125* 0.4000* 0.3875* 0.3750* 0.3625* SVID[6:0] 110_0000b 110_0001b 110_0010b 110_0011b 110_0100b 110_0101b 110_0110b 110_0111b 110_1000b 110_1001b 110_1010b 110_1011b 110_1100b 110_1101b 110_1110b 110_1111b 111_0000b 111_0001b 111_0010b 111_0011b 111_0100b 111_0101b 111_0110b 111_0111b 111_1000b 111_1001b 111_1010b 111_1011b 111_1100b 111_1101b 111_1110b 111_1111b VOLTAGE (V) 0.3500* 0.3375* 0.3250* 0.3125* 0.3000* 0.2875* 0.2750* 0.2625* 0.2500* 0.2375* 0.2250* 0.2125* 0.2000* 0.1875* 0.1750* 0.1625* 0.1500* 0.1375* 0.1250* 0.1125* 0.1000* 0.0875* 0.0750* 0.0625* 0.0500* 0.0375* 0.0250* 0.0125* OFF OFF OFF OFF
* Indicates a VID not required for AMD Family 10h processors.
14
FN6884.0 May 11, 2009
ISL6265A
PSI_L (See Table 3) SVID
6 SVC
5
4
3
2
1
0
7
6
5
4
3
2
1
0
SVD START WRITE STOP SLAVE ADDRESS PHASE DATA PHASE ACK ACK
FIGURE 8. SEND BYTE EXAMPLE
SVI Bus Protocol
The AMD processor bus protocol is compliant with SMBus send byte protocol for VID transactions (see Figure 8). During a send byte transaction, the processor sends the start sequence followed by the slave address of the VR for which the VID command applies. The address byte must be configured according to Table 4. The processor then sends the write bit. After the write bit, if the ISL6265A receives a valid address byte, it sends the acknowledge bit. The processor then sends the PSI-L bit and VID bits during the data phase. The Serial VID 8-bit data field encoding is outlined in Table 5. If ISL6265A receives a valid 8-bit code during the data phase, it sends the acknowledge bit. Finally, the processor sends the stop sequence. After the ISL6265A has detected the stop, it can then proceed with the VID-on-the-fly transition.
TABLE 4. SVI SEND BYTE ADDRESS DESCRIPTION BITS 6:4 Always 110b 3 2 1 0 Reserved by AMD for future use VDD1, if set then the following data byte contains the VID for VDD1 VDD0, if set then the following data byte contains the VID for VID0 VDDNB, if set then the following data byte contains the VID for VIDNB DESCRIPTION
implement dynamic VID changes, and shutdown individual outputs. The ISL6265A controls the no-load output voltage of core and Northbridge output to an accuracy of 0.5% over-the-range of 0.75V to 1.5V. A fully differential amplifier implements core voltage sensing for precise voltage control at the microprocessor die.
Switching Frequency
The R3 modulator scheme is a variable frequency PWM architecture. The switching frequency increases during the application of a load to improve transient performance. It also varies slightly due to changes in input and output voltage and output current. This variation is normally less than 10% in continuous conduction mode. CORE FREQUENCY SELECTION A resistor connected between the VW and COMP pins of the Core segment of the ISL6265A adjusts the switching window and therefore adjusts the switching frequency. The RFSET resistor that sets up the switching frequency of the converter operating in CCM can be determined using Equation 3, where RFSET is in k and the switching period is in ms. Designs for 300kHz switching frequency would result in a RFSET value of 6.81k.
R FSET ( k ) = ( Period ( s ) - 0.4 ) x 2.33 (EQ. 3)
In discontinuous conduction mode (DCM), the ISL6265A runs in period stretching mode.
TABLE 5. SERIAL VID 8-BIT DATA FIELD ENCODING BITS 7 DESCRIPTION PSI_L: = 0 means the processor is at an optimal load for the regulator(s) to enter power-savings mode = 1 means the processor is not at an optimal load for the regulator(s) to enter power-saving mode SVID[6:0] as defined in Table 3.
NORTHBRIDGE FREQUENCY SELECTION The Northbridge switching frequency to programmed by a resistor connected from the FSET_NB pin to the GND pin. The approximate PWM switching frequency is written as shown in Equation 4:
1 F SW = ----------------------------------K R FSETNB (EQ. 4)
6:0
Operation
After the start-up sequence, the ISL6265A begins regulating the core and Northbridge output voltages to the pre-PWROK metal VID programmed. The controller monitors SVI commands to determine when to enter power-savings mode,
Estimating the value of RFSET_NB is written as shown in Equation 5:
1 R FSET = -------------------K F SW (EQ. 5)
Where FSW is the PWM switching frequency, RFSET_NB is the programming resistor and K = 1.5 x 10-10.
15
FN6884.0 May 11, 2009
ISL6265A
It is recommended that whenever the control loop compensation network is modified, the switching frequency should be checked and adjusted by changing RFSET_NB if necessary. Where:
R2 K = -------------------R2 + R1 (EQ. 8)
Current Sense
Core and Northbridge regulators feature two different types of current sense circuits. CORE CONTINUOUS CURRENT SENSE The ISL6265A provides for load current to be measured using either resistors in series with the individual output inductors or using the intrinsic series resistance of the inductors as shown in the applications circuits in Figures 2 and 3. The load current in a particular output is sampled continuously every switching cycle. During this time, the current-sense amplifier uses the current sense inputs to reproduce a signal proportional to the inductor current. This sensed current is a scaled version of the inductor current.
VIN UGATE L MOSFET DRIVER LGATE DCR VOUT COUT IL
Sensing the time varying inductor current accurately requires that the parallel R-C network time constant match the inductor L/DCR time constant. If the R-C network components are selected, such that the R-C time constant matches the inductor L/DCR time constant (see Equation 9), then VC is equal to the voltage drop across the DCR multiplied by the ratio of the resistor divider, K.
R1 R2 L ------------- = -------------------- C 1 R1 + R2 DCR (EQ. 9)
The inductor current sense information is used for current balance in dual plane applications, overcurrent detection in core outputs and output voltage droop depending on controller configuration. CORE DCR TEMPERATURE COMPENSATION It may also be necessary to compensate for changes in inductor DCR due to temperature. DCR shifts due to temperature cause time constant mismatch, skewing inductor current accuracy. Potential problems include output voltage droop and OC trip point, both shifting significantly from expected levels. The addition of a negative temperature coefficient (NTC) resistor to the R-C network compensates for the rise in DCR due to temperature. Typical NTC values are in the 10k range. A second resistor, R3, in series with the NTC allows for more accurate time-constant and resistor-ratio matching as the pair of resistors are placed in parallel with R2 (Figure 9). The NTC resistor must be placed next to the inductor for good heat transfer, while R1, R2, R3, and C1 are placed close to the controller for interference immunity. CORE DCR COMPONENT SELECTION FOR DROOP By adjusting the ratio between inductor DCR drop and the voltage measured across the sense capacitor, the load line can be set to any level, giving the converter the correct amount of droop at all load currents. Equation 10 shows the relation between droop voltage,
I MAX V DROOP = ------------- 5 V C, OC I OC (EQ. 10)
INDUCTOR C1 R2 RNTC ISP R3 VL(s) + R1 +
VC(s)
ISL6265A INTERNAL CIRCUIT
OPTIONAL NTC NETWORK
CURRENT SENSE
ISN
FIGURE 9. DCR SENSING COMPONENTS
Inductor windings have a characteristic distributed resistance or DCR (Direct Current Resistance). For simplicity, the inductor DCR is considered as a separate lumped quantity, as shown in Figure 9. The inductor current, IL, flowing through the inductor, passes through the DCR. Equation 6 shows the s-domain equivalent voltage, VL, across the inductor.
V L ( s ) = I L ( s L + DCR ) (EQ. 6)
maximum output current (IMAX), OC trip level and current sense capacitor voltage at the OC current level, VC(OC). AMD specifications do not require droop and provide no load line guidelines. Tight static output voltage tolerance limits push acceptable level of droop below a useful level for Griffin applications. Care must be taken in applications which implement droop to balance time constant mismatch, sense capacitor resistor ratio, OC trip and droop equations. Temperature shifts related to DCR must also be addressed, as outlined in the previous section.
A simple R-C network across the inductor (R1, R2 and C) extracts the DCR voltage, as shown in Equation 7. The voltage across the sense capacitor, VC, can be shown to be proportional to the output current IL, shown in Equation 7.
sL ------------- + 1 DCR ---------------------------------------------------------- K DCR I L VC ( s ) = ( R1 R2 ) s ----------------------- C 1 + 1 R1 + R2 (EQ. 7)
16
FN6884.0 May 11, 2009
ISL6265A
NORTHBRIDGE CURRENT SENSE During the off-time following a PHASE transition low, the Northbridge controller samples the voltage across the lower MOSFET rDS(ON). A ground-referenced amplifier is connected to the PHASE node through a resistor, ROCSET_NB. The voltage across ROCSET_NB is equal to the voltage drop across the rDS(ON) of the lower MOSFET while it is conducting. The resulting current into the OCSET_NB pin is proportional to the inductor current. The sensed inductor current is used for overcurrent protection and described in the "Fault Monitoring and Protection" on page 18. The Northbridge controller does not support output voltage droop. low-side MOSFET conduction losses are dominant, requiring a low r DS(ON) MOSFET. The LGATE pull-down resistance is low in order to strongly clamp the gate of the MOSFET below the VGS(th) at turn-off. The current transient through the gate at turn-off can be considerable because the gate charge of a low r DS(ON) MOSFET can be large. Adaptive shoot-through protection prevents a gate-driver output from turning on until the opposite gate-driver output has fallen below approximately 1V. The high-side gate-driver output voltage is measured across the UGATE and PHASE pins while the low-side gate-driver output voltage is measured across the LGATE and PGND pins. The power for the LGATE gate driver is sourced directly from the PVCC pin. The power for the UGATE gate-driver is sourced from a "boot" capacitor connected across the BOOT and PHASE pins. The boot capacitor is charged from a 5V bias supply through a "boot diode" each time the low-side MOSFET turns on, pulling the PHASE pin low. The ISL6265A has an integrated boot diode connected from the PVCC pin to the BOOT pin.
Selecting RBIAS For Core Outputs
To properly bias the ISL6265A, a reference current is established by placing a 117k, 1% tolerance resistor from the RBIAS pin to ground. This will provide a highly accurate, 10A current source from which OC reference current is derived. Care must be taken in layout to place the resistor very close to the RBIAS pin. A good quality signal ground should be connected to the opposite end of the RBIAS resistor. Do not connect any other components to this pin as this would negatively impact performance. Capacitance on this pin could create instabilities and is to be avoided. A resistor divider off this pin is used to set the Core side OC trip level. Additional direction on how to size is provided in "Fault Monitoring and Protection" on page 18 on how to size the resistor divider.
Diode Emulation
The ISL6265A implements forced continuous-conduction-mode (CCM) at heavy load and diode-emulation-mode (DE) at light load, to optimize efficiency in the entire load range. The transition is automatically achieved by detecting the inductor current when PSI_L is low. If PSI_L is high, the controller disables DE and forces CCM on both Core and NB regulators. Positive-going inductor current flows either from the source of the high-side MOSFET, or into the drain of the low-side MOSFET. Negative-going inductor current flows into the drain of the low-side MOSFET. When the low-side MOSFET conducts positive inductor current, the phase voltage is negative with respect to the GND and PGND pins. Conversely, when the low-side MOSFET conducts negative inductor current, the phase voltage is positive with respect to the GND and PGND pins. The ISL6265A monitors the phase voltage when the low-side MOSFET is conducting inductor current to determine the direction of the inductor current. When the output load current is less than half the inductor ripple current, the inductor current goes negative. Sinking the negative inductor through the low-side MOSFET lowers efficiency by preventing DCM period stretching and allowing unnecessary conduction losses. In DE, the ISL6265A Core regulators automatically enter DCM after the PHASE pin has detected positive voltage and LGATE was allowed to go high. The NB regulator enters DCM after the PHASE pin has detected positive voltage and LGATE was allowed to go high for eight consecutive PWM switching cycles. The ISL6265A turns off the low-side MOSFET once the phase voltage turns positive, indicating negative inductor current. The ISL6265A returns to CCM on the following cycle after the PHASE pin detects negative voltage, indicating that the body diode of the low-side MOSFET is conducting positive inductor current.
FN6884.0 May 11, 2009
Offset Resistor Selection
If the OFS pin is connected to ground through a resistor, the ISL6265A operates in SVI mode with droop active. The resistor between the OFS pin and ground sets the positive Core voltage offset per Equation 11.
1.2V R FB R OFS = ---------------------------V OFS (EQ. 11)
Where VOFS is the user defined output voltage offset. Typically, VOFS is determined by taking half the total output voltage droop. The resulting value centers the overall output voltage waveform around the programmed SVID level. For example, RFB of 1k and a total output droop of 24mV would result in an offset voltage of 12mV and a ROFS of 100k.
Internal Driver Operation
The ISL6265A features three internal gate-drivers to support the Core and Northbridge regulators and to reduce solution size. The drivers include a diode emulation mode, which helps to improve light-load efficiency.
MOSFET Gate-Drive Outputs
The ISL6265A has internal gate-drivers for the high-side and low-side N-Channel MOSFETs. The low-side gate-drivers are optimized for low duty-cycle applications where the
17
ISL6265A
Efficiency can be further improved with a reduction of unnecessary switching losses by reducing the PWM frequency. It is characteristic of the R3 architecture for the PWM frequency to decrease while in diode emulation. The extent of the frequency reduction is proportional to the reduction of load current. Upon entering DCM, the PWM frequency makes an initial step-reduction because of a 33% step-increase of the window voltage V W. These fault monitors trigger protective measures to prevent damage to the processor. One common power good indicator is provided for linking to external system monitors.
Power-Good Signal
The power-good pin (PGOOD) is an open-drain logic output that signals if the ISL6265A is not regulating Core and Northbridge output voltages within the proper levels or output current in one or more outputs has exceeded the maximum current setpoint. This pin must be tied to a +3.3V or +5V source through a resistor. During shutdown and soft-start, PGOOD is pulled low and is released high only after a successful soft-start has raised Core and Northbridge output voltages within operating limits. PGOOD is pulled low when an overvoltage, undervoltage, or overcurrent (OC) condition is detected on any output or when the controller is disabled by a POR or forcing enable (EN) low. Once a fault condition is triggered, the controller acts to protect the processor. The controller latches off and PGOOD is pulled low. Toggling EN or VCC initiates a soft-start of all outputs. In the event of an OV, the controller will not initiate a soft-start by toggling EN, but requires VCC be lowered below the falling POR threshold to reset.
Power-Savings Mode
The ISL6265A has two operating modes to optimize efficiency based on the state of the PSI_L input from the AMD SVI control signal. When this input is low, the controller expects to deliver low power and enters a power-savings mode to improve efficiency in this low power state. The controller's operational modes are designed to work in conjunction with the AMD SVI control signal to maintain the optimal system configuration for all conditions.
Northbridge And Dual Plane Core
While PSI_L is high, the controller operates all three regulators in forced CCM. If PSI_L is asserted low by the SVI interface, the ISL6265A initiates DE in all three regulators. This transition allows the controller to achieve the highest possible efficiency over the entire load range for each output. A smooth transition is facilitated by the R3 technologyTM, which correctly maintains the internally synthesized ripple current throughout mode transitions of each regulator.
Overcurrent Protection
Core and Northbridge outputs feature two different methods of current sensing. Core output current sensing is achieved via inductor DCR or discrete resistor sensing. The Northbridge controller uses lower MOSFET rDS(ON) sensing to detect output current. CORE OC DETECTION Core outputs feature an OC monitor which compares a voltage set at the OCSET pin to the voltage measured across the current sense capacitor, VC. When the voltage across the current sense capacitor exceeds the programmed trip level, the comparator signals an OC fault. Figure 10 shows the basic OC functions within the IC.
CURRENT SENSE SEE FIGURE 9 FOR ADDITIONAL DETAIL ISP 5x ISN
Uniplane Core
In uniplane mode, the ISL6265A Core regulator is in 2-phase multiphase mode. The controller operates with both phases fully active, responding rapidly to transients and delivering the maximum power to the load. When the processor asserts PSI_L low under reduced load levels, the ISL6265A sheds one phase to eliminate switching losses associated with the idle channel. Even with the regulator operating in single-phase mode, transient response capability is maintained. While operating in single-phase DE with PSI_L low, the lower MOSFET driver switches the lower MOSFET off at the point of zero inductor current to prevent discharge current from flowing from the output capacitor bank through the inductor. In DCM, switching frequency is proportionately reduced, thus greatly reducing both conduction and switching loss. In DCM, the switching frequency is defined by Equation 12.
2 L IO F CCM F DCM = ------------------- -----------------------------------2 VO 1.33 V O 1 - --------- V IN
2
+ Vc _
5 x VC(OC) @ OC TRIP CURRENT OC
(EQ. 12)
+ VOCSET 6
BIAS CKT
RBIAS 10A
1.17V RBIAS VOCSET ROCSET
6
OCSET
Where FCCM is equivalent to the Core frequency set by Equation 3.
ISL6265A
Fault Monitoring and Protection
The ISL6265A actively monitors Core and Northbridge output voltages and currents to detect fault conditions.
FIGURE 10. OC TRIP CIRCUITRY
18
FN6884.0 May 11, 2009
ISL6265A
The sense capacitor voltage, VC, will increase as inductor current rises per Equation 7. When the inductor current rises to the OC trip level, the voltage across the sense capacitor will reach a maximum based on the resistor ratio K. This maximum value, VC(OC), is gained up by a factor of 5 and compared to the static OC trip level set by the OCSET pin. The recommended voltage range for VC,OC is 6mV to 25mV, which sets the resistor divider ratio K, where IOC is the user-defined OC trip level (see Equation 13). Typical inductor DCR values are on the order of 1m which result in more than enough voltage drop to support this VC,OC range.
V C ( OC ) K = --------------------------I OC DCR (EQ. 13)
an OC event occurs. The OCSET_NB resistor is selected based on the relationship in Equation 16.
I OC r DS ( ON ) R OCSETNB = -----------------------------------10A (EQ. 16)
Where IOC is the OC trip level selected for the Northbridge application and rDS(ON) is the drain-source ON-resistance of the lower MOSFET. OC FAULT RESPONSE When an OC fault occurs on any combination of outputs, both Core and Northbridge regulators shutdown and the driver outputs are tri-stated. The PGOOD signal transitions low indicating a fault condition. The controller will not attempt to restart the regulators and the user must toggle either EN or VCC to clear the fault condition.
The resistor divider components also impact time-constant matching, these components need to meet the parallel combination requirements of Equation 9. Based on the selected VC(OC) level, the required OC monitor trip level is set. The recommended VC(OC) level range will result in an OC monitor trip level range of 30mV to 125mV based on the internal gain of 5. This OC monitor trip level sets the voltage level required at the OCSET pin to create an OC fault at the user-defined OC trip level. A resistor divider from the RBIAS pin to ground with the mid-point connected to OCSET sets the voltage at the pin (see Figure 10). This voltage is internally divided by 6 and compared with VC(OC). Working backwards, the voltage required at the OCSET pin to achieve this OC trip level ranges from 180mV to 0.750mV as defined in Equation 14.
V OCSET = V C ( OC ) 30 (EQ. 14)
Overvoltage Protection
The ISL6265A monitors the individual Core and Northbridge output voltages using differential remote sense amplifiers. The ISL6265A features a severe overvoltage (OV) threshold of 1.8V. If any of the outputs exceed this voltage, an OV fault is immediately triggered. PGOOD is latched low and the low-side MOSFETs of the offending output(s) are turned on. The low-side MOSFETs will remain on until the output voltage is pulled below 0.85V at which time all MOSFETs are turned off. If the output again rises above 1.8V, the protection process repeats. This offers protection against a shorted high-side MOSFET while preventing output voltage from ringing below ground. The OV is reset by toggling EN low. OV detection is active at all times that the controller is enabled including after one of the other faults occurs so that the processor is protected against high-side MOSFET leakage while the MOSFETs are commanded off.
The resistor divider ratio used to determine the RBIAS and ROCSET values is shown in Equation 15.
V OCSET R OCSET ----------------------------------------------- = ----------------------R OCSET + R BIAS 1.17V (EQ. 15)
Undervoltage Protection
Undervoltage protection is independent of the OC limit. A fault latches if any of the sensed output voltages are less than the VID set value by a nominal 295mV for 205s. The PWM outputs turn off both Core and Northbridge internal drivers and PGOOD goes low.
The resistor values must also meet the RBIAS requirement that the total series resistance to ground equal 117k. An OC condition must be sustained for 100s before action is taken by the controller in response to the OC fault. A short-circuit OC loop is also active based on the same sense elements outlined above with a threshold set to 2.25 times the OCSET threshold set. The controller takes immediate action when this fast OC fault is detected. NORTHBRIDGE OC DETECTION Northbridge OC sensing is achieved via rDS(ON) sensing across the lower MOSFET. An internal 10A current source develops a voltage across ROCSET_NB, which is compared with the voltage developed across the low-side MOSFET as measured at the PHASE pin. When the voltage drop across the MOSFET exceeds the voltage drop across the resistor,
General Application Design Guide
This design guide is intended to provide a high-level explanation of the steps necessary to design a single-phase power converter. It is assumed that the reader is familiar with many of the basic skills and techniques referenced in the following section. In addition to this guide, Intersil provides complete reference designs that include schematics, bills of materials, and example board layouts.
Selecting the LC Output Filter
The output inductor and output capacitor bank form a low-pass filter responsible for smoothing the pulsating voltage at the phase node. The output filter also must support the transient energy required by the load until the controller can respond. Because it has a low bandwidth
19
FN6884.0 May 11, 2009
ISL6265A
compared to the switching frequency, the output filter limits the system transient response. The output capacitors must supply or sink load current while the current in the output inductors increases or decreases to meet the demand. The duty cycle of an ideal buck converter is a function of the input and the output voltage. This relationship is written as Equation 17:
VO D = --------V IN (EQ. 17)
Selection of the Input Capacitor
The input capacitors are responsible for sourcing the AC component of the input current flowing into the upper MOSFETs. Their RMS current capability must be sufficient to handle the AC component of the current drawn by the upper MOSFETs, which is related to duty cycle and the number of active phases. The important parameters for the bulk input capacitance are the voltage rating and the RMS current rating. For reliable operation, select bulk capacitors with voltage and current ratings above the maximum input voltage and capable of supplying the RMS current required by the switching circuit. Their voltage rating should be at least 1.25x greater than the maximum input voltage, while a voltage rating of 1.5x is a preferred rating. Figure 11 is a graph of the input RMS ripple current, normalized relative to output load current, as a function of duty cycle for a single-phase regulator that is adjusted for converter efficiency.
0.60 0.55 NORMALIZED INPUT RMS RIPPLE CURRENT (IRMS/IO) 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 IP-P,N = 0.25 IP-P,N = 0 IP-P,N = 1 IP-P,N = 0.50 IP-P,N = 0.75
The output inductor peak-to-peak ripple current is written as Equation 18:
VO * ( 1 - D ) I P-P = ----------------------------f SW * L (EQ. 18)
For this type of application, a typical step-down DC/DC converter has an IP-P of 20% to 40% of the maximum DC output load current. The value of IP-P is selected based upon several criteria such as MOSFET switching loss, inductor core loss, and the resistive loss of the inductor winding. The DC copper loss of the inductor can be estimated by Equation 19:
P COPPER = I LOAD
2
*
DCR
(EQ. 19)
Where ILOAD is the converter output DC current. The copper loss can be significant so attention must be given to the DCR selection. Another factor to consider when choosing the inductor is its saturation characteristics at elevated temperature. A saturated inductor could cause destruction of circuit components as well as nuisance OCP faults. A DC/DC buck regulator must have output capacitance CO into which ripple current IP-P can flow. Current IP-P develops a corresponding ripple voltage VP-P across CO, which is the sum of the voltage drop across the capacitor ESR and of the voltage change stemming from charge moved in and out of the capacitor. These two voltages are written as shown in Equation 20:
V ESR = I PP * E SR (EQ. 20)
DUTY CYCLE (VIN/VO)
FIGURE 11. NORMALIZED RMS INPUT CURRENT FOR SINGLE PHASE CONVERTER
The normalized RMS current calculation is written as Equation 22:
I IN_RMS, N =
2 D D ( 1 - D ) + ----- I PP ,N 12
and Equation 21:
I PP V C = ----------------------------8 * CO * f
SW
(EQ. 22)
(EQ. 21)
Where: IMAX is the maximum continuous ILOAD of the converter IPP,N is the ratio of inductor peak-to-peak ripple current to IMAX - D is the duty cycle that is adjusted to take into account the efficiency of the converter which is written as:
VO D = ----------------V IN (EQ. 23)
If the output of the converter has to support a load with high pulsating current, several capacitors will need to be paralleled to reduce the total ESR until the required VP-P is achieved. The inductance of the capacitor can cause a brief voltage dip if the load transient has an extremely high slew rate. Capacitor ESL can significantly impact output voltage ripple. Low inductance capacitors should be considered. A capacitor dissipates heat as a function of RMS current and frequency. Be sure that IP-P is shared by a sufficient quantity of paralleled capacitors so that they operate below the maximum rated RMS current at FSW. Take into account that the rated value of a capacitor can degrade as much as 50% as the DC voltage across it increases.
- where is converter efficiency Figure 12 provides the same input RMS current information for two-phase designs. In addition to the bulk capacitance, some low ESL ceramic capacitance is recommended to decouple between the drain of the high-side MOSFET and the source of the low-side MOSFET.
20
FN6884.0 May 11, 2009
ISL6265A
0.3
- tON is the time required to drive the device into saturation - tOFF is the time required to drive the device into cut-off
NORMALIZED INPUT RMS RIPPLE CURRENT (IRMS/IO)
Selecting The Bootstrap Capacitor
0.2 IP-P,N = 0.5
0.1
IP-P,N = 0.75 IP-P,N = 0
All three integrated drivers feature an internal bootstrap schottky diode. Simply adding an external capacitor across the BOOT and PHASE pins completes the bootstrap circuit. The bootstrap function is also designed to prevent the bootstrap capacitor from overcharging due to the large negative swing at the PHASE node. This reduces voltage stress on the BOOT and PHASE pins.
1.0
0
0
0.2
0.4
0.6
0.8
DUTY CYCLE (VIN/VO)
FIGURE 12. NORMALIZED RMS INPUT CURRENT FOR 2-PHASE CONVERTER
The bootstrap capacitor must have a maximum voltage rating above PVCC + 4V and its capacitance value is selected per Equation 27:
Qg C BOOT ----------------------V BOOT (EQ. 27)
MOSFET Selection and Considerations
The choice of MOSFETs depends on the current each MOSFET will be required to conduct, the switching frequency, the capability of the MOSFETs to dissipate heat, and the availability and nature of heat sinking and air flow. Typically, a MOSFET cannot tolerate even brief excursions beyond their maximum drain to source voltage rating. The MOSFETs used in the power stage of the converter should have a maximum VDS rating that exceeds the sum of the upper voltage tolerance of the input power source and the voltage spike that occurs when the MOSFETs switch. There are several power MOSFETs readily available that are optimized for DC/DC converter applications. The preferred high-side MOSFET emphasizes low gate charge so that the device spends the least amount of time dissipating power in the linear region. The preferred low-side MOSFET emphasizes low r DS(ON) when fully saturated to minimize conduction loss. For the low-side (LS) MOSFET, the power loss can be assumed to be conductive only and is written as Equation 24:
P CON_LS I LOAD r DS ( ON )_LS * ( 1 - D )
2
Where: - Qg is the total gate charge required to turn on the high-side MOSFET - VBOOT, is the maximum allowed voltage decay across the boot capacitor each time the high-side MOSFET is switched on As an example, suppose the high-side MOSFET has a total gate charge Qg, of 25nC at VGS = 5V, and a VBOOT of 200mV. The calculated bootstrap capacitance is 0.125F; for a comfortable margin, select a capacitor that is double the calculated capacitance. In this example, 0.22F will suffice. Use a low temperature-coefficient ceramic capacitor.
PCB Layout Considerations
Power and Signal Layers Placement on the PCB
As a general rule, power layers should be close together, either on the top or bottom of the board, with the weak analog or logic signal layers on the opposite side of the board. The ground-plane layer should be adjacent to the signal layer to provide shielding. The ground plane layer should have an island located under the IC, the compensation components, and the FSET components. The island should be connected to the rest of the ground plane layer at one point.
(EQ. 24)
For the high-side (HS) MOSFET, the its conduction loss is written as Equation 25:
P CON_HS = I LOAD
2
*
r DS ( ON )_HS * D
(EQ. 25)
Component Placement
There are two sets of critical components in a DC/DC converter; the power components and the small signal components. The power components are the most critical because they switch large amount of energy. The small signal components connect to sensitive nodes or supply critical bypassing current and signal coupling. The power components should be placed first and these include MOSFETs, input and output capacitors, and the inductor. It is important to have a symmetrical layout for each power train, preferably with the controller located equidistant from each power train. Symmetrical layout allows heat to be dissipated equally across all power trains. Keeping the
For the high-side MOSFET, the switching loss is written as Equation 26:
V IN * I PEAK * t OFF * f V IN * I VALLEY * t ON * f SW SW P SW_HS = ---------------------------------------------------------------- + -----------------------------------------------------------2 2 (EQ. 26)
Where: - IVALLEY is the difference of the DC component of the inductor current minus 1/2 of the inductor ripple current - IPEAK is the sum of the DC component of the inductor current plus 1/2 of the inductor ripple current
21
FN6884.0 May 11, 2009
ISL6265A
distance between the power train and the control IC short helps keep the gate drive traces short. These drive signals include the LGATE, UGATE, PGND, PHASE and BOOT.
VIAS TO GROUND PLANE GND OUTPUT CAPACITORS SCHOTTKY DIODE LOW-SIDE MOSFETS INPUT CAPACITORS
VIN PIN The VIN pin should be connected close to the drain of the high-side MOSFET, using a low- resistance and low-inductance path. VCC PIN For best performance, place the decoupling capacitor very close to the VCC and GND pins. PVCC PIN For best performance, place the decoupling capacitor very close to the PVCC and respective PGND pins, preferably on the same side of the PCB as the ISL6265A IC. ENABLE AND PGOOD PINS These are logic signals that are referenced to the GND pin. Treat as a typical logic signal. FB PINS The input impedance of the FB pin is high, so place the voltage programming and loop compensation components close to the COMP, FB, and GND pins keeping the high impedance trace short. FSET_NB PIN This pin requires a quiet environment. The resistor RFSET should be placed directly adjacent to this pin. Keep fast moving nodes away from this pin. LGATE ROUTING The LGATE trace has a signal going through it that is both high dV/dt and di/dt, with high peak charging and discharging current. Route this trace in parallel with the trace from the PGND pin. These two traces should be short, wide, and away from other traces. There should be no other weak signal traces in proximity with these traces on any layer. BOOT AND PHASE ROUTING The signals going through these traces are both high dv/dt and high di/dt, with high peak charging and discharging current. Route the UGATE and PHASE pins in parallel with short and wide traces. There should be no other weak signal traces in proximity with these traces on any layer.
VOUT INDUCTOR HIGH-SIDE MOSFETS VIN PHASE NODE
FIGURE 13. TYPICAL POWER COMPONENT PLACEMENT
When placing MOSFETs, try to keep the source of the upper MOSFETs and the drain of the lower MOSFETs as close as thermally possible (see Figure 13). Input high-frequency capacitors should be placed close to the drain of the upper MOSFETs and the source of the lower MOSFETs. Place the output inductor and output capacitors between the MOSFETs and the load. High-frequency output decoupling capacitors (ceramic) should be placed as close as possible to the decoupling target (microprocessor), making use of the shortest connection paths to any internal planes. Place the components in such a way that the area under the IC has less noise traces with high dV/dt and di/dt, such as gate signals and phase node signals.
Signal Ground and Power Ground
The bottom of the ISL6265A QFN package is the signal ground (GND) terminal for analog and logic signals of the IC. Connect the GND pad of the ISL6265A to the island of ground plane under the top layer using several vias, for a robust thermal and electrical conduction path. Connect the input capacitors, the output capacitors, and the source of the lower MOSFETs to the power ground plane.
Routing and Connection Details
Specific pins (and the trace routing from them), require extra attention during the layout process. The following sub-sections outline concerns by pin name. PGND PINS This is the return path for the pull-down of the LGATE low-side MOSFET gate driver. Ideally, PGND should be connected to the source of the low-side MOSFET with a low-resistance, low-inductance path.
Copper Size for the Phase Node
The parasitic capacitance and parasitic inductance of the phase node should be kept very low to minimize ringing. It is best to limit the size of the PHASE node copper in strict accordance with the current and thermal management of the application. An MLCC should be connected directly across the drain of the upper MOSFET and the source of the lower MOSFET to suppress the turn-off voltage.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 22
FN6884.0 May 11, 2009
ISL6265A
Package Outline Drawing
L48.6x6
48 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE Rev 1, 4/07
4X 4.4 6.00 A B 6 PIN 1 INDEX AREA 37 36 44X 0.40 48 1 6 PIN #1 INDEX AREA
6.00
4 .40 0.15
25 (4X) 0.15 24
TOP VIEW
12 13
0.10 M C A B 0.05 M C
48X 0.45 0.10
BOTTOM VIEW
4 48X 0.20
SEE DETAIL "X"
0.10 C BASE PLANE
MAX 0.80 ( 5. 75 TYP ) ( 44 X 0 . 40 )
SIDE VIEW
C
SEATING PLANE 0.08 C
(
4. 40 )
C ( 48X 0 . 20 )
0 . 2 REF
5
0 . 00 MIN. 0 . 05 MAX. ( 48X 0 . 65 )
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
NOTES: 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. 2. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. 3. Unless otherwise specified, tolerance : Decimal 0.05 4. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 5. Tiebar shown (if present) is a non-functional feature. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 indentifier may be either a mold or mark feature.
23
FN6884.0 May 11, 2009


▲Up To Search▲   

 
Price & Availability of ISL6265A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X