Part Number Hot Search : 
2SD1890 F2511RW 93C06B1 2950048 M100B MBR102 BR102 8801A
Product Description
Full Text Search
 

To Download ISL12059 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL12059
Low Cost and Low Power I2C BusTM Real Time Clock/Calendar
Data Sheet June 15, 2009 FN6757.0
Low Power and Low Cost RTC
The ISL12059 device is a low power real time clock with clock/calendar, and 512Hz/digital output function. The oscillator uses an external, low-cost 32.768kHz crystal. The real time clock tracks time with separate registers for hours, minutes, and seconds. The device has calendar registers for date, month, year and day of the week. The calendar is accurate through 2099, with automatic leap year correction.
Features
* Real Time Clock/Calendar - Tracks Time in Hours, Minutes, and Seconds - Day of the Week, Date, Month, and Year * 512Hz Frequency Output * I2C Bus - 400kHz Data Transfer Rate * Small Package Option - 8 Ld SOIC Package - Pb-Free (RoHS Compliant) * Low Cost 3V Alternative to M41T00S, DS1340 and ISL12008
Pinout
ISL12059 (8 LD SOIC) TOP VIEW
X1 X2 NC GND 1 2 3 4 8 7 6 5 VDD FT/OUT SCL SDA
Applications
* Utility Meters * HVAC Equipment * Audio/Video Components * Set-Top Box/Television * Modems * Network Routers, Hubs, Switches, Bridges * Cellular Infrastructure Equipment * Fixed Broadband Wireless Equipment * Pagers/PDA * Point Of Sale Equipment * Test Meters/Fixtures * Office Automation (Copiers, Fax) * Home Appliances * Computer Products * Other Industrial/Medical/Automotive
Ordering Information
PART NUMBER (Note) ISL12059IBZ ISL12059IBZ-T* PART MARKING 12059 IBZ 12059 IBZ VDD RANGE (V) 1.4 to 3.6 1.4 to 3.6
.
TEMP. RANGE (C) -40 to +85 -40 to +85
PACKAGE (Pb-Free) 8 Ld SOIC M8.15
PKG. DWG. #
8 Ld SOIC (Tape and Reel) M8.15
*Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2009. All Rights Reserved I2C BusTM All other trademarks mentioned are the property of their respective owners
ISL12059 Block Diagram
SDA SCL SDA BUFFER SCL BUFFER SECONDS I2C INTERFACE RTC CONTROL LOGIC MINUTES HOURS DAY OF WEEK X1 X2 VDD CRYSTAL OSCILLATOR RTC DIVIDER DATE MONTH POR YEAR FREQUENCY OUT CONTROL REGISTERS
INTERNAL SUPPLY
FT/OUT
Pin Descriptions
PIN NUMBER 1 2 3 4 5 6 7 8 SYMBOL X1 X2 NC GND SDA SCL FT/OUT VDD DESCRIPTION The X1 pin is the input of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz crystal. The X2 pin is the output of an inverting amplifier and is intended to be connected to one pin of an external 32.768kHz quartz crystal. No Connection. Can be connected to GND or left floating. Ground Serial Data (SDA) is a bi-directional pin used to transfer serial data into and out of the device. It has an open drain output and may be wire OR'ed with other open drain or open collector outputs. The Serial Clock (SCL) input is used to clock all serial data into and out of the device. 512Hz Frequency Output or digital output pin. The function is set via the configuration register. This pin is open drain and requires an external pull-up resistor. It has a default output of high impedance at power-up. Power supply
2
FN6757.0 June 15, 2009
ISL12059
Absolute Maximum Ratings
Voltage on VDD Pin (respect to GND) . . . . . . . . . . . . . . . -0.2V to 4V Voltage on FT/OUT, SCL and SDA Pins (respect to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to 6V Voltage on X1 and X2 Pins (respect to GND) . . . . . . . . . -0.2V to 4V ESD Rating ((Per MIL-STD-883 Method 3014) Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>350V
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) 8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120 Storage Temperature Range . . . . . . . . . . . . . . . . . .-65C to +150C Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTE: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics - RTC Temperature = -40C to +85C unless otherwise stated.
SYMBOL VDD VDDT IDD1 PARAMETER Main Power Supply Timekeeping Power Supply Standby Supply Current VDD = 3.6V VDD = 3.0V IDD2 Timekeeping Current VDD = 1.8V VDD = 1.4V IDD3 ILI ILO FT/OUT VOL Output Low Voltage VDD = 1.8V, IOL = 3mA 0.4 V Supply Current With I2C Active at Clock Speed of 400kHz Input Leakage Current on SCL I/O Leakage Current on SDA -100 -100 100 100 nA nA VDD = 3.6V CONDITIONS MIN (Note 4) 1.8 1.4 600 500 400 350 15 40 650 TYP (Note 3) MAX (Note 4) 3.6 1.8 950 UNITS V V nA nA nA nA A 2 2, 8 2, 8 NOTES
Serial Interface Specifications
SYMBOL PARAMETER
Over the recommended operating conditions unless otherwise specified. TEST CONDITIONS MIN (Note 4) TYP (Note 3) MAX (Note 4) UNITS NOTES
SERIAL INTERFACE SPECS VIL VIH Hysteresis VPULLUP VOL Cpin fSCL tIN SDA and SCL Input Buffer LOW Voltage SDA and SCL Input Buffer HIGH Voltage SDA and SCL Input Buffer Hysteresis Maximum Pull-up Voltage on SDA during I2C Communication SDA Output Buffer LOW Voltage, Sinking 3mA SDA and SCL Pin Capacitance SCL Frequency Pulse width Suppression Time at SDA and SCL Inputs Any pulse narrower than the max spec is suppressed VDD > 1.8V, VPULLUP = 5.0V TA = +25C, f = 1MHz, VDD = 5V, VIN = 0V, VOUT = 0V 0 -0.3 0.7 x VDD 0.04 x VDD VDD+2 0.4 10 400 50 0.3 x VDD 5.5 V V V V V pF kHz ns 5, 6 7
3
FN6757.0 June 15, 2009
ISL12059
Serial Interface Specifications
SYMBOL tAA PARAMETER SCL Falling Edge to SDA Output Data Valid Over the recommended operating conditions unless otherwise specified. (Continued) TEST CONDITIONS SCL falling edge crossing 30% of VDD, until SDA exits the 30% to 70% of VDD window 1300 MIN (Note 4) TYP (Note 3) MAX (Note 4) 900 UNITS NOTES ns 7
tBUF
Time the Bus Must Be Free Before SDA crossing 70% of VDD during a the Start of a New Transmission STOP condition, to SDA crossing 70% of VDD during the following START condition Clock LOW Time Clock HIGH Time START Condition Setup Time START Condition Hold Time Measured at the 30% of VDD crossing Measured at the 70% of VDD crossing SCL rising edge to SDA falling edge. Both crossing 70% of VDD From SDA falling edge crossing 30% of VDD to SCL falling edge crossing 70% of VDD From SDA exiting the 30% to 70% of VDD window, to SCL rising edge crossing 30% of VDD From SCL falling edge crossing 30% of VDD to SDA entering the 30% to 70% of VDD window From SCL rising edge crossing 70% of VDD, to SDA rising edge crossing 30% of VDD From SDA rising edge to SCL falling edge. Both crossing 70% of VDD From SCL falling edge crossing 30% of VDD, until SDA enters the 30% to 70% of VDD window From 30% to 70% of VDD From 70% to 30% of VDD
ns
tLOW tHIGH tSU:STA tHD:STA
1300 600 600 600
ns ns ns ns
tSU:DAT
Input Data Setup Time
100
ns
tHD:DAT
Input Data Hold Time
0
900
ns
tSU:STO
STOP Condition Setup Time
600
ns
tHD:STO tDH
STOP Condition Hold Time Output Data Hold Time
600 0
ns ns
tR tF Cb Rpu
SDA and SCL Rise Time SDA and SCL Fall Time
20 + 0.1xCb 20 + 0.1xCb 10 1
300 300 400
ns ns pF k
5, 6 5, 6, 7 5, 6 5, 6
Capacitive Loading of SDA or SCL Total on-chip and off-chip SDA and SCL Bus Pull-Up Resistor Off-Chip Maximum is determined by tR and tF For Cb = 400pF, max is about 2k to~2.5k For Cb = 40pF, max is about 15k to ~20k
NOTES: 2. FT/OUT Inactive. 3. Typical values are for T = +25C and 3.3V supply voltage. 4. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 5. Limits should be considered typical and are not production tested. 6. These are I2C specific parameters and are not production tested, however, they are used to set conditions for testing devices to validate specification. 7. Parts will work with SDA pull-up voltage above the VPULLUP limit but the tAA and tFin the I2C parameters are not guaranteed. 8. Specified at +25C.
4
FN6757.0 June 15, 2009
ISL12059 SDA vs SCL Timing
tF tHIGH tLOW tR
SCL tSU:STA tHD:STA SDA (INPUT TIMING)
tSU:DAT tHD:DAT tSU:STO
tAA SDA (OUTPUT TIMING)
tDH
tBUF
Symbol Table
WAVEFORM INPUTS Must be steady OUTPUTS Will be steady
May change from LOW to HIGH May change from HIGH to LOW Don't Care: Changes Allowed N/A
Will change from LOW to HIGH Will change from HIGH to LOW Changing: State Not Known Center Line is High Impedance
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 3.0V 5.0V 1533 SDA, FT/OUT 100pF FOR VOL= 0.4V AND IOL = 3mA
FIGURE 1. STANDARD OUTPUT LOAD FOR TESTING THE DEVICE WITH VDD = 3.0V, VPULLUP = 5.0V
5
FN6757.0 June 15, 2009
ISL12059 Typical Performance Curves
0.7 0.6 0.5 IDD1 (A) 0.4 0.3 0.2 0.1 0 1.4 1.9 2.4 VDD (V) 2.9 3.4 0.2 -40 IDD1 (A) 0.8 3.6 0.6 3.0 0.4 1.8 1.4 -20 0 20 40 60 80
Temperature is +25C unless otherwise specified.
1.0
TEMPERATURE (C)
FIGURE 2. IDD1 vs VDD
FIGURE 3. IDD1 vs TEMPERATURE
General Description
The ISL12059 device is a low power real time clock with clock/calendar, and 512Hz/Digital Output function. The oscillator uses an external, low-cost 32.768kHz crystal. The real time clock tracks time with separate registers for hours, minutes, and seconds. The device has calendar registers for date, month, year and day of the week. The calendar is accurate through 2099, with automatic leap year correction.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of the device. The input buffer on this pin is always active (not gated). The SCL pin can accept a logic high voltage up to 5.5V.
Serial Data (SDA)
SDA is a bi-directional pin used to transfer data into and out of the device. It has an open drain output and may be ORed with other open drain or open collector outputs. The input buffer is always active (not gated) in normal mode. An open drain output requires the use of a pull-up resistor, and it can accept a pull-up voltage up to 5.5V. The output circuitry controls the fall time of the output signal with the use of a slope controlled pull-down. The circuit is designed for 400kHz I2C interface speeds.
NOTE: Parts will work with SDA pull-up voltage above the VPULLUP limit but the tAA and tFin the I2C parameters are not guaranteed.
Pin Description
X1, X2
The X1 and X2 pins are the input and output, respectively, of an inverting amplifier. An external 32.768kHz quartz crystal is used with the ISL12059 to supply a timebase for the real time clock. Refer to Figure 4. The device can also be driven directly from a 32.768kHz square wave source with peak-to-peak voltage from 0V to VDD at X1 pin with X2 pin floating.
VDD, GND
Chip power supply and ground pins. The device will have full operation with a power supply from 1.8V to 3.6V, and timekeeping function with a power supply from 1.4V to 3.6V. A 0.1F decoupling capacitor is recommended on the VDD pin to ground.
X1 X2
NC (No Connection)
FIGURE 4. RECOMMENDED CRYSTAL CONNECTION
The NC pin is not connected to the die. The pin can be connected to GND or left floating.
FT/OUT(512Hz Frequency Output/Logic Output)
This dual function pin can be used as a 512Hz frequency output or a simple digital output control via I2C. The FT/OUT mode is selected via the OUT and FT control bits of the control/status register (address 07h). The FT/OUT pin is an open drain output that requires the use of a pull-up resistor, and it can accept a pull-up voltage up to 5.5V. This pin is at high impedance at power-up.
Functional Description
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz quartz crystal to maintain an accurate internal representation of second, minute, hour, day of week, date, month, and year. The RTC also has leap-year correction. The RTC also corrects for months having fewer than 31 days. The clock will begin incrementing after power-up with valid oscillator condition.
6
FN6757.0 June 15, 2009
ISL12059
TABLE 1. REGISTER MEMORY MAP REG NAME SC MN HR DW DT MO YR Control FT/OUT BIT 7 ST OF CEB 0 0 0 YR23 OUT 6 SC22 MN22 CB 0 0 0 YR22 FT 5 SC21 MN21 HR21 0 DT21 0 YR21 0 4 SC20 MN20 HR20 0 DT20 MO20 YR20 0 3 SC13 MN13 HR13 0 DT13 MO13 YR13 0 2 SC12 MN12 HR12 DW12 DT12 MO12 YR12 0 1 SC11 MN11 HR11 DW11 DT11 MO11 YR11 0 0 SC10 MN10 HR10 DW10 DT10 MO10 YR10 PF REG RANGE DEFAULT 0 to 59 0 to 59 0 to 23 1 to 7 1 to 31 1 to 12 0 to 99 N/A 00h 80h 00h 01h 01h 01h 00h 81h
ADDR. SECTION 00h 01h 02h 03h 04h 05h 06h 07h RTC
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the frequency of the quartz crystal that is used as the time base for the RTC. Since the resonant frequency of a crystal is temperature dependent, the RTC performance will also be dependent upon temperature. The frequency deviation of the crystal is a function of the turnover temperature of the crystal from the crystal's nominal frequency. For example, a ~20ppm frequency deviation translates into an accuracy of ~1 minute per month. These parameters are available from the crystal manufacturer.
array. At the end of a read, the master supplies a stop condition to end the operation and free the bus. After a read or write instruction, the address remains at the previous address +1 so the user can execute a current address read and continue reading the next register.
Real Time Clock Registers
Addresses [00h to 06h]
RTC REGISTERS (SC, MN, HR, DW, DT, MO, YR) These registers depict BCD representations of the time. As such, SC (Seconds, address 00h) and MN (Minutes, address 01h) range from 0 to 59, HR (Hour, address 02h) is in a 24-hour mode with a range from 0 to 23, DW (Day of the Week, address 03h) is 0 to 6, DT (Date, address 04h) is 1 to 31, MO (Month, address 05h) is 1 to 12, and YR (Year, address 06h) is 0 to 99. The DW register provides a Day of the Week status and uses three bits DW2 to DW0 to represent the seven days of the week. The counter advances in the cycle 1-2-3-4-5-6-7-1-2-... The assignment of a numerical value to a specific day of the week is arbitrary and may be decided by the system software designer. Bit D7 of SC register contain the crystal enable/disable bit (ST). Setting ST to "1" will disable the crystal from oscillating and stop the counting in RTC register for the device to enter into power saving mode. The ST bit is set to "0" on power-up for normal operation. Bit D7 of MN register contain the Oscillator Fail Indicator bit (OF). This bit is set to a "1" when there is no oscillation on X1 pin. The OSF bit can only be reset by having an oscillation on X1 and a write operation to reset it. Bits D6 and D7 of HR register (century/hours register) contain the century enable bit (CEB) and the century bit (CB). Setting CEB to a '1' will cause CB to toggle, either from '0' to '1' or from '1' to '0' at the turn of the century (depending upon its initial state). If CEB is set to a '0', CB will not toggle.
I2C Serial Interface
The ISL12059 has an I2C serial bus interface that provides access to the real time clock registers, and control and status registers. The I2C serial interface is compatible with other industry I2C serial bus protocols using a bi-directional data signal (SDA) and a clock signal (SCL).
Register Descriptions
The registers are accessible following a slave byte of "1101000x" and reads or writes to addresses [00h:07h]. The defined addresses and default values are described in Table 1. REGISTER ACCESS The contents of the registers can be modified by performing a byte or a page write operation directly to any register address. The address will wrap around from 07h to 00h. The registers are divided into 2 sections. These are: 1. Real Time Clock (7 bytes): Address 00h to 06h. 2. Control and Status (1 byte): Address 07h. There are no addresses above 07h. A register can be read by performing a random read at any address at any time. This returns the contents of that register location. Additional registers are read by performing a sequential read. For the RTC registers, the read instruction latches all clock registers into a buffer, so an update of the clock does not change the time being read. A sequential read will not result in the output of data from the memory 7
FN6757.0 June 15, 2009
ISL12059
LEAP YEARS Leap years add the day February 29 and are defined as those years that are divisible by 4. Years divisible by 100 are not leap years, unless they are also divisible by 400. This means that the year 2000 is a leap year, the year 2100 is not. The ISL12059 does not correct for the leap year in the year 2100.
I2C Serial Interface
The ISL12059 supports a bi-directional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. The device controlling the transfer is the master and the device being controlled is the slave. The master always initiates data transfers and provides the clock for both transmit and receive operations. Therefore, the ISL12059 operates as a slave device in all applications. All communication over the I2C bus is conducted by sending the MSB of each byte of data first.
Control and Status Register
FT/OUT Control Register (FT/OUT) [Address 07h]
TABLE 2. FT/OUT CONTROL REGISTER ADDR 07h Default 7 OUT 1 6 FT 0 5 0 0 4 0 0 3 0 0 2 0 0 1 0 0 0 PF 1
Protocol Conventions
Data states on the SDA line can change only during SCL LOW periods. SDA state changes during SCL HIGH are reserved for indicating START and STOP conditions (see Figure 5). On power-up of the ISL12059, the SDA pin is in the input mode. All I2C interface operations must begin with a START condition, which is a HIGH to LOW transition of SDA while SCL is HIGH. The ISL12059 continuously monitors the SDA and SCL lines for the START condition and does not respond to any command until this condition is met (see Figure 5). A START condition is ignored during the power-up sequence. All I2C interface operations must be terminated by a STOP condition, which is a LOW to HIGH transition of SDA while SCL is HIGH (see Figure 5). A STOP condition at the end of a read operation or at the end of a write operation to memory only places the device in its standby mode. An acknowledge (ACK) is a software convention used to indicate a successful data transfer. The transmitting device, either master or slave, releases the SDA bus after transmitting 8 bits. During the ninth clock cycle, the receiver pulls the SDA line LOW to acknowledge the reception of the 8 bits of data (see Figure 6). The ISL12059 responds with an ACK after recognition of a START condition followed by a valid Identification Byte, and once again after successful receipt of an Address Byte. The ISL12059 also responds with an ACK after receiving a Data Byte of a write operation. The master must respond with an ACK after receiving a Data Byte of a read operation.
POWER FAILURE BIT (PF) This bit is set to a "1" after a total power failure. This is a read only bit that is set by hardware (ISL12059 internally) when the device powers up after having lost power to the device. On power-up after a total power failure, all registers are set to their default states. The first valid write to the RTC section after a complete power failure resets the PF bit to "0" (writing one byte is sufficient). 512HZ FREQUENCY OUTPUT ENABLE BIT (FT) This bit enables/disables the 512Hz frequency output on the FT/OUT pin. When the FT is set to "1", the FT/OUT pin outputs the 512Hz frequency, regardless of the Digital Output selection bit (OUT). When the FT is set to "0", the 512Hz frequency is disabled and the function of FT/OUT pin is selected by the Digital Output selection bit (OUT). The FT bit is set to "0" on power-up. DIGITAL OUTPUT SELECTION BIT (OUT) This bit selects the output status of the FT/OUT. 512Hz Frequency Output Enable bit (FT) must be set to "0" (disable) for OUT to take effect on FT/OUT pin. When the OUT is set to "1", and FT is set to "0", the FT/OUT is set to logic level high. The FT/OUT voltage level is controlled by the voltage of the pull-up resistor on FT/OUT pin. When the OUT is set to "0", and FT is set to "0", the FT/OUT is set to logic level low. The voltage level of FT/OUT is set to VOL level. The OUT bit is set to "1" on power-up.
SCL
SDA
START
DATA STABLE
DATA CHANGE
DATA STABLE
STOP
FIGURE 5. VALID DATA CHANGES, START, AND STOP CONDITIONS
8
FN6757.0 June 15, 2009
ISL12059
SCL FROM MASTER
1
8
9
SDA OUTPUT FROM TRANSMITTER
HIGH IMPEDANCE
SDA OUTPUT FROM RECEIVER
HIGH IMPEDANCE
START
ACK
FIGURE 6. ACKNOWLEDGE RESPONSE FROM RECEIVER
R/W BIT = "0" SIGNALS FROM THE MASTER S T A R T LAST DATA BYTE S T O P
IDENTIFICATION BYTE
ADDRESS BYTE
FIRST DATA BYTE
SIGNAL AT SDA SIGNALS FROM THE ISL12059
11010000 A C K
0000 A C K A C K A C K A C K
FIGURE 7. SEQUENTIAL BYTE WRITE SEQUENCE
Device Addressing
Following a start condition, the master must output a Slave Address Byte. The 7 MSBs of the Slave Address Byte are the device identifier bits, and the device identifier bits are "1101000". The last bit of the Slave Address Byte defines a read or write operation to be performed. When this R/W bit is a "1", then a read operation is selected. A "0" selects a write operation (refer to Figure 8). After loading the entire Slave Address Byte from the SDA bus, the ISL12059 compares the device identifier bits with "1101000". Upon a correct compare, the device outputs an acknowledge on the SDA line. Following the Slave Address Byte is a one byte register address. The register address is supplied by the master device. On power-up the internal address counter is set to address 0h, so a current address read of the RTC array starts at address 0h. When required, as part of a random read, the master must supply the 1 Word Address Bytes as shown in Figure 9. In a random read operation, the slave byte in the "dummy write" portion must match the slave byte in the "read" section. For a random read of the Clock/Control Registers, the slave byte must be "1101000x" in both places.
ISL12059 responds with an ACK. At this time, the I2C bus enters a standby state.
1 1 0 1 0 0 0 R/W SLAVE ADDRESS BYTE
A7
A6
A5
A4
A3
A2
A1
A0
REGISTER ADDRESS DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
FIGURE 8. SLAVE ADDRESS, WORD ADDRESS, AND DATA BYTES
Read Operation
A Read operation consists of a three byte instruction followed by one or more Data Bytes (see Figure 9). The master initiates the operation issuing the following sequence: a START, the Identification byte with the R/W bit set to "0", an Address Byte, a second START, and a second Identification byte with the R/W bit set to "1". After each of the three bytes, the ISL12059 responds with an ACK. Then the ISL12059 transmits Data Bytes as long as the master responds with an ACK during the SCL cycle following the eighth bit of each byte. The master terminates the read operation (issuing a STOP condition) following the last bit of the last Data Byte (see Figure 9). The Data Bytes are from the memory location indicated by an internal pointer. This pointer's initial value is determined by the Address Byte in the Read operation instruction, and increments by one during transmission of each Data Byte. After reaching the memory location 1Fh the pointer "rolls over" to 00h, and the device continues to output data for each ACK received.
Write Operation
A Write operation requires a START condition, followed by a valid Identification Byte, a valid Address Byte, a Data Byte, and a STOP condition. After each of the three bytes, the 9
FN6757.0 June 15, 2009
ISL12059 Application Section
SIGNALS FROM THE MASTER S T A R T R/W BIT = "0" IDENTIFICATION BYTE WITH R/W = 0 ADDRESS BYTE S T IDENTIFICATION A BYTE WITH R R/W = 1 T R/W BIT = "1" A C K A C K S T O P
SIGNAL AT SDA SIGNALS FROM THE SLAVE
11010000 A C K A C K
11010001 A C K
FIRST READ DATA BYTE
LAST READ DATA BYTE
FIGURE 9. MULTIPLE BYTES READ SEQUENCE
Oscillator Crystal Requirements
The ISL12059 uses a standard 32.768kHz crystal. Either through hole or surface mount crystals can be used. Table 6 lists some recommended surface mount crystals and the parameters of each. This list is not exhaustive and other surface mount devices can be used with the ISL12059 if their specifications are very similar to the devices listed. The crystal should have a required parallel load capacitance of 12.5pF and an equivalent series resistance of less than 50k. The crystal's temperature range specification should match the application. Many crystals are rated for -10C to +60C (especially through-hole and tuning fork types), so an appropriate crystal should be selected if extended temperature range is required.
TABLE 3. SUGGESTED SURFACE MOUNT CRYSTALS MANUFACTURER Citizen MicroCrystal Raltron SaRonix Ecliptek ECS Fox PART NUMBER CM200S MS3V RSM-200S 32S12 ECPSM29T-32.768K ECX-306 FSM-327
Do not run the serial bus lines or any high speed logic lines in the vicinity of the crystal. These logic level lines can induce noise in the oscillator circuit to cause misclocking. Add a ground trace around the crystal with one end terminated at the chip ground. This will provide termination for emitted noise in the vicinity of the RTC device.
FIGURE 10. SUGGESTED LAYOUT FOR ISL12059 AND
In addition, it is a good idea to avoid a ground plane under the X1 and X2 pins and the crystal, as this will affect the load capacitance and therefore the oscillator accuracy of the circuit. If the FT/OUT pin is used as a clock, it should be routed away from the RTC device as well. The traces for the VDD pins can be treated as a ground, and should be routed around the crystal.
Layout Considerations
The crystal input at X1 has a very high impedance, and oscillator circuits operating at low frequencies such as 32.768kHz are known to pick up noise very easily if layout precautions are not followed. Most instances of erratic clocking or large accuracy errors can be traced to the susceptibility of the oscillator circuit to interference from adjacent high speed clock or data lines. Careful layout of the RTC circuit will avoid noise pickup and insure accurate clocking. Figure 10 shows a suggested layout for the ISL12059 device using a surface mount crystal. Two main precautions should be followed:
10
FN6757.0 June 15, 2009
ISL12059 Small Outline Plastic Packages (SOIC)
N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45 H 0.25(0.010) M BM
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.25 0.40 8 8 0 8 MAX 1.75 0.25 0.51 0.25 5.00 4.00 6.20 0.50 1.27 NOTES 9 3 4 5 6 7 Rev. 1 6/05
MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 0.2284 0.0099 0.016 8 0
MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 0.2440 0.0196 0.050
B C D E e H
C
A1 0.10(0.004)
0.050 BSC
1.27 BSC
e
B 0.25(0.010) M C AM BS
h L N
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 11
FN6757.0 June 15, 2009


▲Up To Search▲   

 
Price & Availability of ISL12059

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X