Part Number Hot Search : 
N3811 4HC25 MC14077 4HC25 2SJ50 AS22CH 2N2769 RO2122A
Product Description
Full Text Search
 

To Download IN74HCT138AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HCT138A
1-of-8 Decoder/Demultiplexer
High-Performance Silicon-Gate CMOS
The IN74HCT138A is identical in pinout to the LS/ALS138. The IN74HCT138A may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. The IN74HCT138A decodes a three-bit Address to one-of-eight active-lot outputs. This device features three Chip Select inputs, two active-low and one active-high to facilitate the demultiplexing, cascading, and chip-selecting functions. The demultiplexing function is accomplished by using the Address inputs to select the desired device output; one of the Chip Selects is used as a data input while the other Chip Selects are held in their active states. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A
ORDERING INFORMATION IN74HCT138AN Plastic IN74HCT138AD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
Inputs CS1 CS2 CS3 XXH XHX LXX PIN 16 =VCC PIN 8 = GND H H H H H H H H L L L L L L L L L L L L L L L L A2 A1 A0 XXX XXX XXX L L L L H H H H L L H H L L H H L H L H L H L H Outputs Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 H H H HHHHH H H H HHHHH H H H HHHHH L H H H H H H H H L H H H H H H H H L H H H H H H H H L H H H H H H H H L H H H H H H H H L H H H H H H H H L H H H H H H H H L
H = high level (steady state) L = low level (steady state) X = don't care
Rev. 00
IN74HCT138A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 2) Min 4.5 0 -55 0 Max 5.5 VCC +125 500 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Rev. 00
IN74HCT138A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 2.0 2.0 0.8 0.8 4.4 5.4 3.98 0.1 0.1 0.26 0.1 4.0 85 C 2.0 2.0 0.8 0.8 4.4 5.4 3.84 0.1 0.1 0.33 1.0 40 125 C 2.0 2.0 0.8 0.8 4.4 5.4 3.7 0.1 0.1 0.4 1.0 160 A A V Unit
VIH VIL VOH
Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA
4.5 5.5 4.5 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5
V V V
VOL
Maximum LowLevel Output Voltage
VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA
IIN ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Additional Quiescent Supply Current
VIN=VCC or GND VIN=VCC or GND IOUT=0A VIN = 2.4 V, Any One Input VIN=VCC or GND, Other Inputs IOUT=0A
ICC
-55C
25C to 125C 2.4
mA
5.5
2.9
Rev. 00
IN74HCT138A
AC ELECTRICAL CHARACTERISTICS (VCC =5.0 V, CL=50pF,Input tr=tf=6.0 ns)
Guaranteed Limit Symbol Parameter 25 C to -55C 30 27 30 15 10 85C 125C Unit
tPLH, tPHL tPLH, tPHL tPLH, tPHL tTLH, tTHL CIN
Maximum Propagation Delay, Input A to Output Y (Figures 1 and 4) Maximum Propagation Delay , CS1 to Output Y (Figures 2 and 4) Maximum Output Transition Time , CS2 or CS3 to Output Y (Figures 3 and 4) Maximum Output Transition Time, Any Output (Figures 2 and 4) Maximum Input Capacitance Power Dissipation Capacitance (Per Enabled Output)
38 34 38 19 10
45 41 45 22 10
ns ns ns ns pF
Typical @25C,VCC=5.0 V 51 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Rev. 00
IN74HCT138A
Figure 3. Switching Waveforms
Figure 4. Test Circuit
EXPANDED LOGIC DIAGRAM
Rev. 00
IN74HCT138A
N SUFFIX PLASTIC DIP (MS - 001BB)
A
Dimension, mm
16 9 B
Symbol A
MIN 18.67 6.1
MAX 19.69 7.11 5.33
1
8
B C
F L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC) Dimension, mm
A 16 9
Symbol A
MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 10 4 1.75 0.51 1.27
H
B
P
B C
1
G
8 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HCT138AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X