Part Number Hot Search : 
TND020 3296Y503 TND020 SST25VF0 XZMR65WA OP470 1EJHS1 TDA5737
Product Description
Full Text Search
 

To Download IN5400G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5400G THRU 1N5408G
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 3.0 Ampere
Glass passivated chip junction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed 260/10 seconds,0.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
DO-27
1.0(25.4) MIN. .052(1.3) .048(1.2) DIA.
.375(9.5) .335(8.5) .220(5.6) DIA. .197(5.0) 1.0(25.4) MIN.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.042ounce, 1.19 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% IN IN SYMBOLS 5400G 5401G Maximum Repetitive Peak Reverse Voltage VRRM 50 100 Maximum RMS Voltage VRMS 35 70 Maximum DC Blocking Voltage VDC 50 100
Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A=75 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current at rated DC blocking Voltage at TA = 25 TA = 125 * * *
IN 5402G 200 140 200
IN 5404G 400 280 400 3.0 125 1.1 5.0 50 30
IN 5406G 600 420 600
IN 5407G 800 560 800
IN 5408G 1000 700 1000
UNIT Volts Volts Volts Amp Amps Volts A A pF
/W
I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
Maximum Full Load Reverse Current, full cycle Average 0.375(9.5mm) lead length at TL=75 Typical Junction Capacitance (NOTE 1) Typical Thermal Resistance (NOTE 2) Operating Temperature Range Storage Temperature Range
40 30 (-55 to +150) (-55 to +150)
Notes: 1.Measured at 1.0MHz and applied reverse voltage of 4.0 Volits. 2. Thermal Resistance from Junction to Ambient at. 375"(9.5mm)lead length, P.C. board mounted.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5400G THRU 1N5408G
VOLTAGE RANGE CURRENT
50 to 1000 Volts 3.0 Ampere
RATING AND CHRACTERISTIC CURVES IN5400G THRU 1N54008G
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
3.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
AVERAGE FORWARD CURRENT,
150
2.0
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) T= Tjmax 100
(A)
1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
50
0 0 25 50 75 100 125 150 175 0 1 2 4 6 8 10 20 40 60 100 1 Cycle
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
20
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, (A)
10 TJ =125 C
INSTANTANEOUS FORWARD CURRENT,
10
1.0
1.0
(A)
TJ =25 C Pulse Width=300us 1% Duty Cycle
0.1
0.1 TJ =25 C
0.01 0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) FIG.5-TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE,(pF)
10
T J =25 C f=1MHz Vsig=50mVp-p
1 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of IN5400G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X