Part Number Hot Search : 
10206 89C5130A CBT3126D LM193W 274AI LXT386 5GWTE13 NCP5381
Product Description
Full Text Search
 

To Download HQCCAA271MA11A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hi-Q(R) High RF Power MLC Surface Mount Capacitors
For 600V to 7200V Application
PRODUCT OFFERING
Hi-Q(R), high RF power, surface mount MLC capacitors from AVX Corporation are characterized with ultra-low ESR and dissipation factor at high frequencies. They are designed to handle high power and high voltage levels for applications in RF power amplifiers, inductive heating, high magnetic field environments (MRI coils), medical and industrial electronics.
HOW TO ORDER
HQCC
AVX Style HQCC HQCE
A
Voltage 600V/630V = 1000V = 1500V = 2000V = 2500V = 3000V = 4000V = 5000V = 7200V = C A S G W H J K M
A
271
J
A
T
1
A
Temperature Capacitance Code Coefficient (2 significant digits C0G = A + no. of zeros) Examples: 4.7 pF = 4R7 10 pF = 100 100 pF = 101 1,000 pF = 102
Test Level Termination* Capacitance A = Standard 1 = Pd/Ag Tolerance T = Plated C = 0.25pF (<13pF) Ni and Sn D = 0.50pF (<25pF) (RoHS Compliant) F = 1% ( 25pF) J = 5% Min Pb G = 2% ( 13pF) J = 5% K = 10% M = 20%
Packaging Special 1 = 7" Reel Code 3 = 13" Reel A = Standard 9 = Bulk
Contact factory for availability of Termination and Tolerance options for Specific Part Numbers.
DIMENSIONS
STYLE (L) Length (W) Width (T) Thickness Max. (t) terminal HQCC
millimeters (inches)
HQCE 9.4 0.51 (0.370 0.020) 9.9 0.51 (0.390 0.020) 3.3 max. (0.130 max.) 0.64 0.38 (0.025 0.015)
L W T
5.84 0.51 (0.230 0.020) 6.35 0.51 (0.250 0.020) 3.3 max. (0.130 max.) 0.64 0.38 (0.025 0.015)
t
DIELECTRIC PERFORMANCE CHARACTERISTICS
Capacitance Range Capacitance Tolerances Dissipation Factor 25C Operating Temperature Range Temperature Characteristic Voltage Ratings Insulation Resistance Dielectric Strength 3.3pF to 6,800pF (25C, 1.0 0.2 Vrms at 1kHz, for 1000 pF use 1MHz) 0.25pF, 0.50pF, 1%, 2%, 5%, 10%, 20% 0.1% Max (+25C, 1.0 0.2 Vrms at 1kHz, for 1000 pF use 1MHz) -55C to +125C C0G: 0 30 ppm/C (-55C to +125C) 600, 630, 1000, 1500, 2000, 2500, 3000, 4000, 5000, 7200VDC 100K M min. @ +25C and 500VDC 10K M min. @ +125C and 500VDC Minimum 120% of rated WVDC
HIGH VOLTAGE CAPACITANCE VALUES (pF)
Style HQCC HQCE 600/630 WDC
min./max.
1000 WVDC
min./max.
1500 WVDC
min./max.
2000 WVDC
min./max.
2500 WVDC
min./max.
3000 WVDC
min./max.
4000 WVDC
min./max.
5000 WVDC
min./max.
7200 WVDC
min./max.
2,200 - 2,700 5,600 - 6,800
1,500 - 1,800
820 - 1,200
470 - 680 1,200 - 1,800
330 - 390 820 - 1,000
3.3 - 270 470-680 220-390 120 - 180 3.3 - 100
3,300 - 4,700 2,200 - 2,700
82
Hi-Q(R) High RF Power MLC Capacitors
PERFORMANCE CHARACTERISTICS
10000
Typical Series Resonant Frequency vs. Capacitance HQCC and HQLC
Typical ESR vs. Capacitance HQCC and HQLC
1.000
13.56 MHz 64 MHz 250 MHz 500 MHz
Frequency (MHz)
1000
0.100
100 0010
10 1
10
100
1000
10000
ESR ()
0.001 1 10 100 1000 10000
Capacitance (pF)
Capacitance (pF)
Typical Quality Factor vs. Capacitance HQCC and HQLC
1.00E+05
13.56 MHz 64 MHz 250 MHz 500 MHz
Maximum RMS Current vs. Capacitance HQCC and HQLC
100.0
Maximum RMS Current (A)
1.00E+04
Quality Factor (-)
10.0
1.00E+03
1.00E+02
1.0
13.56 MHz 64 MHz 250 MHz 500 MHz
1.00E+01
1.00E+00 1 10 100 1000 10000
0.1 1 10 100 1000 10000
Capacitance (pF)
Capacitance (pF)
85
Hi-Q(R) High RF Power MLC Capacitors
PERFORMANCE CHARACTERISTICS
Typical Series Resonant Frequency vs. Capacitance HQCE and HQLE
10000 1.000
Typical ESR vs. Capacitance HQCE and HQLE
13.56 MHz 64 MHz 250 MHz 500 MHz
Frequency (MHz)
1000
0.100
100 0.010
10 1 10 100 1000 10000 0.001 1 10 100 1000 10000
Capacitance (pF)
ESR ()
Capacitance (pF)
Typical Quality Factor vs. Capacitance HQCE and HQLE
1.00E+05
13.56 MHz 64 MHz 250 MHz 500 MHz
Maximum RMS Current vs. Capacitance HQCE and HQLE
100.0
Maximum RMS Current (A)
1.00E+04
Quality Factor (-)
10.0
1.00E+03
1.00E+02
1.0
13.56 MHz 64 MHz 250 MHz 500 MHz
1.00E+01
1.00E+00 1 10 100 1000 10000
0.1 1 10 100 1000 10000
Capacitance (pF)
Capacitance (pF)
86


▲Up To Search▲   

 
Price & Availability of HQCCAA271MA11A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X