Part Number Hot Search : 
LND2931 SC312 T54FCT 1SS38 MUN5216 CBTLV SP6660CN DDTC1
Product Description
Full Text Search
 

To Download HPR1011C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
HPR10XXC
FEATURES
ROHS COMPLIANT LOW COST SINGLE-IN-LINE PACKAGE (SIP) INTERNAL INPUT AND OUTPUT FILTERING NON-CONDUCTIVE CASE HIGH OUTPUT POWER DENSITY: 13 WATTS/INCH3 EXTENDED TEMPERATURE RANGE: -25C TO +65C HIGH EFFICIENCY: TO 72% (TYPICAL)
DESCRIPTION
The HPR10XXC Series uses advanced circuit design and packaging technology to deliver superior reliability and performance. A 170kHz push-pull oscillator is used in the input stage. Beat-frequency oscillation problems are reduced when using the HPR10XXC Series with high frequency isolation amplifiers. Reduced parts count and high efficiency add to the reliability of the HPR10XXC Series. The high efficiency of the HPR10XXC Series means less internal power dissipation, as low as 190mW. With reduced heat dissipation the HPR10XXC Series can operate at higher temperatures with no degradation. In addition, the high efficiency of the HPR10XXC Series means the series is able to offer greater than 13 W/inch3 of output power density. Operation down to no load will not impact the reliability of the series, although a 1mA minimum load is needed to realize published specifications. The HPR10XXC Series provides the user low cost without sacrificing reliability. The use of surface mounted devices and advanced manufacturing technologies make it possible to offer premium performance and low cost.
MECHANICAL
FRONT VIEW
Notes: All dimensions are in inches (millimeters).
HPR10XXC
RIGHT SIDE VIEW
GRID: 0.100 inches (2.54 millimeters) PIN PLACEMENT TOLERANCE: 0.015" MATERIAL: Lead material is phosphor bronze; finish is 100-300 micro-inches of matte tin over a barrier layer of 5-40 micro-inches of nickel.
PIN CONNECTIONS
BOTTOM VIEW
1. +VIN
2. -VIN
4. -VOUT 5. COM* 6. +VOUT
* Common pin not present on
single output models.
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
TDC_HPR10XXC.C00 Page 1 of 4
ELECTRICAL SPECIFICATIONS
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified. NOMINAL INPUT VOLTAGE MODEL HPR1000C HPR1001C HPR1002C HPR1003C HPR1004C HPR1005C HPR1006C HPR1007C HPR1008C HPR1009C HPR1010C HPR1011C HPR1012C HPR1013C HPR1014C HPR1015C HPR1016C HPR1017C HPR1018C HPR1019C HPR1020C HPR1021C HPR1022C HPR1023C (VDC) 5 5 5 5 5 5 12 12 12 12 12 12 15 15 15 RATED OUTPUT VOLTAGE (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 RATED OUTPUT CURRENT (mA) 200 83 67 100 42 34 200 83 67 100 42 34 200 83 67 NO LOAD (mA) 33 33 33 33 33 33 18 18 18 18 18 18 15 15 15
1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
INPUT CURRENT RATED LOAD (mA) 290 290 285 285 285 285 110 107 107 107 107 107 96 94 94 REFLECTED RIPPLE CURRENT (mAp-p) 8 8 8 8 8 8 10 10 10 10 10 10 10 10 10 EFFICIENCY (%) 68 69 70 70 70 70 70 71 71 71 71 71 70 70 71
HPR10XXC
15 15 24 24 24 24 24 24
12 15 5 12 15 5 12 15
42 34 200 83 67 100 42 34
15 15 12 12 12 12 12 12
94 94 60 60 58 58 58 58
10 10 15 15 15 15 15 15
71 71 71 71 72 72 72 72
Note: Other input to output voltages may be available. Please contact factory.
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified. PARAMETER INPUT Voltage Range CONDITIONS MIN TYP MAX UNITS
COMMON SPECIFICATIONS
Voltage Rise Time ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current OUTPUT Rated Power Voltage Setpoint Accuracy Ripple & Noise Voltage
4.5 5 5.5 VDC 10.8 12 13.2 VDC 13.5 15 16.5 VDC 21.6 24 26.4 VDC See Typical Performance Curves & Application Notes: "Capacitive Loading Effects on Start-Up of DC/DC Converters" 1000 1000 10 25 2 1.0 Rated Load, Nominal VIN BW = DC to 10MHz BW =10Hz to 2MHz 1mA Load, VOUT = 5V 1mA Load, VOUT = 12V 1mA Load, VOUT = 15V 5 100 30 7 15 18 .01 1 10 3 170 24 2 3.8 1.4 685 211 2 100 8.5 VDC Vpk G pF Arms W % mVp-p mVrms VDC VDC VDC %/Deg C %/%Vin % % kHz % g MHr MHr kHr kHr
60 Hz, 10 Seconds
VISO= 240VAC, 60Hz
Temperature Coefficent REGULATION Line Regulation Load Regulation (5V out only) Load Regulation (All other Models) GENERAL Switching Frequency Frequency Change Package Weight MTTF per MIL-HDBK-217, Rev. E Ground Benign Fixed Ground Naval Sheltered Airborne Uninhabited Fighter Moisture Sensitivity Level (MSL) TEMPERATURE Specification Storage
High Line to Low Line Rated Load to 1mA Load Rated Load to 1mA Load
Over Line and Load Circuit Stress Method TA = +25C TA = +35C TA = +35C TA = +35C IPC/JEDEC J-STD-20
-25 -50
+25
+65 +110
C C
* For demonstrated MTTF results reference Reliability Report HPR105
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
TDC_HPR10XXC.C00 Page 2 of 4
1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
HPR10XXC
TYPICAL PERFORMANCE CURVES
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified.
VOUT VS LOAD (5Vout Models) 5.7 5.5
Vout Vout
VOUT VS LOAD (5Vout Models) 5.4 5.2
Vout
VOUT VS LOAD (12Vout Models) 12.5 12.4 12.3 12.2 12.1
5.3 5.1 4.9 0 40 80 120 160 Output Current (mA) VOUT VS LOAD (12Vout Models) 12.6 12.5 12.4
5.0 4.8
12.0 4.6 0 20 40 60 80 Output Current each load (mA) VOUT VS LOAD (15Vout Models) 15.9 15.7
Vout Vout
11.9 0 20 40 60 80 Output Current each load (mA) VOUT VS LOAD (15Vout Models) 16.5 16.0 15.5
Vout
12.3 12.2 12.1 12.0 0 10 20 30 40 Output Current each load (mA)
15.5 15.3 15.1 14.9 0 20 40 60 80 Output Current each load (mA) OSCILLATION FREQUENCY VS TEMPERATURE 220
15.0 14.5 14.0 13.5 0 0.2 0.4 0.6 0.8 1.0 Output Power each load (Watts)
EFFICIENCY VS LOAD 90 75
Efficiency (%) Efficiency (%)
60 45 30 15 0 0 20 40 60 80 100 % of Rated Load (%)
200 180 160 140 -30 0 30 Temperature (C) 60 90
THROUGH-HOLE SOLDERING INFORMATION
These devices are intended for wave soldering or manual soldering. They are not intended to be subject to surface mount processes under any circumstances. The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260C for a period of no more than 10 seconds. Within this time and temperature range, the integrity of the device's plastic body will not be compromised and internal temperatures within the converter will not exceed 175C. Care should be taken to control manual soldering limits identical to that of wave soldering.
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
TDC_HPR10XXC.C00 Page 3 of 4
1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
HPR10XXC
SAFE OPERATING AREA
600
LOAD CAPACITANCE vs INPUT RISE TIME (5 Vout models)
60
LOAD CAPACITANCE vs INPUT RISE TIME (15 Vout models)
500
50
Total Load Capacitance (uF)
Total Load Capacitance (uF)
400
40
300
30
SAFE OPERATING AREA
200
SAFE OPERATING AREA
20
100
10
0 0 5 10 15 20 25 30 35 Rise Time of Input Voltage (mS) 40 45 50
0 0 5 10 15 20 25 30 35 40 45 50 Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME (12 Vout models)
90
NOTES: 1. When operated within the SAFE OPERATING AREA as defined by the above curves, the output voltage of Hpr10xxC devices is guaranteed to be within 95% of its steady-state value within 100 milliseconds after the input voltage has reached 95% of its steadystate value. 2. For dual output models, total load capacitance is the sum of the capacitances on the plus and minus outputs.
Total Load Capacitance (uF)
80 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 40 45 50 Rise Time of Input Voltage (mS)
SAFE OPERATING AREA
ORDERING INFORMATION
HPR 10XX C Device Family HPR Indicates DC/DC Converter Model Number Selected from Table of Electrical Characteristics RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.....................................................490mW Short Circuit Duration......................................................Momentary
USA: UK: France: Japan:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
China:
05/02/08
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
TDC_HPR10XXC.C00 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of HPR1011C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X