Part Number Hot Search : 
CAT3612 2SC3824A 11N80 EM800 MCP4110 LTC2206 MC130 30CSPT
Product Description
Full Text Search
 

To Download HIU45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES HIU45 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES 19" COMPATIBLE EUROCARD FORMAT MEET UNIVERSAL SAFETY STANDARDS EMI MEET CISPR PUB. 22 & FCC CLASS B CE MARKING COMPLIANCE 3U X 6HP X 160MM FOR VMEbus STANDARD
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Range Typ. 90-264Vac. Rating 100 to 240Vac. Input Connector: DIN 41612 at rear. Input Frequency: 47-63Hz Inrush Current: Typ. 25-30A @ 230Vac. Input Current: 0.34A/115Vac & 0.17A/230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet CISPR PUB. 22 & FCC Class B. Power Fail Signal: Installed. Remote Inhibit: Available at single output only. Hold-up Time: Typ. 10mS @115Vac/40-50mS @230Vac. Earth leakage: Typ. 0.3-0.5A @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 45-50 Watts. Output Connector: DIN 41612 at rear. Line Regulation: Typ. 0.1%. Load Regulation: Main VO1 typ. 1.0%. Aux. VO2 typ. 2-3.0%. (P.R.). Aux. VO3 typ. 2-3.0%. (P.R.). Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in at main VO1 (latch). Adjustability: Available at main output VO1. Remote Sense: Installed at main VO1. Overload Protection (OLP): Fully protected against output overload and short circuit. Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 60-70%. Switching Frequency: 45K Hz. Circuit Topology: Fixed frequency flyback circuit. Transient Response: Output voltage returns in less than 3mS following a 25% load change. Safety Standard: IEC 60950-1/UL 60950-1 Class I. Operating Temperature: 0 to +50C. Storage Temperature: -20 to +85C. Temperature Coefficient: Typ. 0.04% /C. Cooling: Free air convection cooling. Construction: 6HP(TE) x 3U 19" compatible Eurocard VMEbus standard. Power Density: 1.4Watts / Cubic Inch.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
-43-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO HIU45-S025160 HIU45-S030140 HIU45-S050090 HIU45-S120040 HIU45-S150032 HIU45-S240020 HIU45-S480010 MAIN VO1 @# Typ. Volt. 16.0A 2.5V 14.0A 3.0V 9.0A 5.0V 4.0A 12.0V 3.2A 15.0V 2.0A 24.0V 1.0A 48.0V
DUAL OUTPUT
MODEL NO HIU45-D030E HIU45-D030I HIU45-D050D HIU45-D050I HIU45-D050K HIU45-D050M MAIN VO1 @# Typ. Volt. 8.0A 3.0V 7.0A 3.0V 6.0A 5.0V 4.0A 5.0V 4.0A 5.0V 4.0A 5.0V AUX. VO2 Typ. Volt. 2.0A 5.0V 2.0A 12.0V 2.0A 3.0V 2.0A 12.0V 2.0A 15.0V 1.0A 24.0V
TRIPLE OUTPUT
MODEL NO HIU45-T030EE HIU45-T030II HIU45-T030KK HIU45-T050DE HIU45-T050DI HIU45-T050II HIU45-T050KK MAIN VO1 @ Typ. Volt. 5.0A 3.0V 5.0A 3.0V 5.0A 3.0V 5.0A 5.0V 5.0A 5.0V 4.0A 5.0V 4.0A 5.0V AUX. VO2 Typ. Volt. 3.0A 5.0V 2.0A 12.0V 1.5A 15.0V 2.0A 3.0V 2.0A 3.0V 1.5A 12.0V 1.2A 15.0V AUX. VO3 Typ. Volt. 1.0A 5.0V 0.5A 12.0V 0.5A 15.0V 1.0A 5.0V 1.0A 12.0V 1.0A 12.0V 0.8A 15.0V
Symbol: " " OVP built-in. "" Floating(or isolated) output. "" Remote sensing. " @ " Adjustable. " " Installed with Post Regulator (PR).
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 593.0g (20.92 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT ASSIGNMENT AC-L AC-N AC-G 28 30 32 HIU45-1X 28 30 32 HIU45-2X 28 30 32 HIU45-3X Mating connector: DIN41612-H15 Female. +VO1 4,6 4 4,6 SINGLE /DUAL/TRIPLE OUTPUT -VO1 +VO2 -VO2 +VO3 12,14 6 8 10 8,10 12 14 16 -VO3 18 S+ 8 ASSORTED SIGNAL SP. F. LOGIC INHIBIT 10 22 20 22 20 22 20
-44-


▲Up To Search▲   

 
Price & Availability of HIU45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X