Part Number Hot Search : 
Z200A 3P9228 21M50 AD5546 S78L09F G101M 2018TS N5229B
Product Description
Full Text Search
 

To Download HES102-033170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES HES102 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT DESKTOP IEC320-3P AC RECEPTACLE MEET UNIVERSAL SAFETY STANDARDS EMI MEET EN 55022/FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical. Input Connector: IEC320-3P AC receptacle. Input Frequency: 50-60Hz. Inrush Current: 32.5A @230Vac by adding thermistor. Input Current: 1.6A @115Vac & 0.75A @230Vac typical. Dielectric Withstand: Meet IEC60950. EMI: Meet EN55022 / FCC Class B. Hold-up Time: 10mS @115Vac & 56mS @230Vac. Earth Leakage: 0.45mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 100 Watt typical. Output Connector & Cord: Option. Line Regulation: 1% typical. Load Regulation: 1.7% typical. Noise & Ripple: 1.3% typical peak to peak. OVP: Built-in, Latched circuit. Adjustability: Factory set. Overload Protection (OLP): Fully protected against output overload and short circuit. Typical 120-150% max. load. Consult the factory for special OLP setting. Operating Temperature: 0 to +25/35/40C without derating. (various with output voltage) Storage Temperature: -20 to +85C. Temperature Coefficient: 0.04%/C. Cooling: Internal fan installed. Construction: Impact resistant thermo- plastic enclosure. Power Factor: 0.69 @115Vac./ 0.73@230Vac. Desktop Format.
GENERAL SPECIFICATION
Efficiency: 80% typical. Switching Frequency: Approximate 62K Hz. Circuit Topology: Fixed frequency Forward circuit. Transient Response: Output voltage returns in about 1mS following a 25% load change. Safety Standard: Meet UL60950/EN60950 Class I. Power Density: 2.44 Watts / Cubic inch.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (%). (3) The typical cord length is about 1 meter (3.3 ft.), AWG#18 cord for various load conditions. (4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.
-43-
MODEL NO. DESCRIPTION: HES102 - X X X Y Y Y
OUTPUT CURRENT OUTPUT VOLTAGE SERIES NO. (HiTRON External Switcher): About 100W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HES102-033170 HES102-050150 HES102-060140 HES102-090100 HES102-120085 HES102-135075 HES102-150068 HES102-240042 HES102-280036 HES102-360028 HES102-480021 AC PLUG DT7 DT7 DT7 DT7 DT7 DT7 DT7 DT7 DT7 DT7 DT7 O/P VOLTAGE 3.3Vdc 5.0Vdc 6.0Vdc 9.0Vdc 12.0Vdc 13.5Vdc 15.0Vdc 24.0Vdc 28.0Vdc 36.0Vdc 48.0Vdc O/P CURRENT 17.0A 15.0A 14.0A 10.0A 8.5A 7.5A 6.8A 4.2A 3.6A 2.8A 2.1A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 746.6g(26.33 Oz.)
-44-


▲Up To Search▲   

 
Price & Availability of HES102-033170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X