Part Number Hot Search : 
SMBG5933 SSP2N90A SIC403A 000901 BCP52TA P6KE15 SIC403A FTD2017R
Product Description
Full Text Search
 

To Download HEG75-S240250-7L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-75 WATTS GREEN POWER SWITCHING POWER SUPPLIES HEG75 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES DESKTOP IEC320-3PL/2P AC RECEPTACLE MEET UNIVERSAL SAFETY STANDARDS GREEN POWER & MEET CEC Table U-2(2008) EMI MEET CISPR EN 55022/ FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac. Input Connector: IEC320-3PL/2P AC input receptacle. Input Frequency: 47-63Hz. Inrush Current: Typ. 9.9Arms @ 230Vac. Input Current: Typ. 1.23A @ 115Vac, 0.67A @ 230Vac. Dielectric Withstand: Meet IEC60950-1. EMI: Meet CISPR EN55022 / FCC Class B. Hold-up Time: Typ. 16.8mS @ 115Vac, 84.8mS @ 230Vac. Over Temp. Protection: Factory set. Green Power: <0.5W@ 230Vac Earth Leakage: Less than 0.5mA. LED Indicator: Optional.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 60-75 W. Output Connector: Optional. Line Regulation: Typ. 0.1%. Load Regulation: Typ. +/-5.0%. Noise & Ripple: Typ. 2% peak to peak. OVP: Built-in by latch circuit. Adjustability: Factory set. Over Current Protection (OCP): Fully protected against output overload and short circuit. OCP is installed PCT (Peak Current Timer) for large peak current. The PSU will shutdown after OCP is activated in a certain period. The PSU will hiccup if the output is in short circuit. Consult the factory for OCP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 85-89%.(various with output voltage) Switching Frequency: Typ. 60KHz. Circuit Topology: Fixed Frequency flyback circuit. Transient Response: Output voltage returns in less than 2mS following a 25% load change. Safety Standard: Meet EN60950-1/ UL60950-1, Class I for DT7L and Class II for DT8. Power Density: 5.15-6.5Watts. / Cubic Inch. Operating Temperature: 0 to +25/+35/+40 C without derating.(various with output voltage) Storage Temperature: -20 to +85 C. Temperature Coefficient: 0.01%/C Cooling: Free air convection. Construction: Impact resistant thermo-plastic enclosure case. Desktop Format.
Note: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (%). (3) The exact obtainable load regulation depends upon the output cord selected and load current. (4) The typical cord is UL1185 AWG#18 or UL1571 16AWG#. The typical cord length for UL1185/AWG#18 is 2ft and for UL1571 16AWG# is 1M. (5)The DC COM of output is connected with GND (5) Due to requests in market and advances in technology, specifications subject to change without notice.
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HEG75-S120500-7L HEG75-S120500-8 HEG75-S190390-7L HEG75-S190390-8 HEG75-S240250-7L HEG75-S240250-8 HEG75-S240320-7L HEG75-S240320-8 HEG75-S300200-7L HEG75-S300200-8 HEG75-S300250-7L HEG75-S300250-8 HEG75-S360210-7L HEG75-S360210-8 HEG75-S480156-7L HEG75-S480156-8 AC PLUG DT7L DT8 DT7L DT8 DT7L DT8 DT7L DT8 DT7L DT8 DT7L DT8 DT7L DT8 DT7L DT8 O/P VOLTAGE 12.0Vdc 12.0Vdc 19.0Vdc 19.0Vdc 24.0Vdc 24.0Vdc 24.0Vdc 24.0Vdc 30.0Vdc 30.0Vdc 30.0Vdc 30.0Vdc 36.0Vdc 36.0Vdc 48.0Vdc 48.0Vdc O/P CURRENT 5.00A 5.00A 3.90A 3.90A 2.50A 2.50A 3.20A 3.20A 2.00A 2.00A 2.50A 2.50A 2.10A 2.10A 1.56A 1.56A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 324.0g (11.5 Oz.)


▲Up To Search▲   

 
Price & Availability of HEG75-S240250-7L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X