Part Number Hot Search : 
B104B R24D15 M29F010B 1N4051 1N6000B FQD3N30 NJM082BV 2A102
Product Description
Full Text Search
 

To Download HAM50-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT HAM50-S, HAM50-D & HAM50-T SERIES
FEATURES:
ON-BOARD AC/DC MODULAR POWER SUPPLIES UNIVERSAL INPUT RANGE COMPACT IN SIZE MEET UNIVERSAL SAFETY STANDARD EMI MEET CISPR PUB.22/ FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac. Input Frequency: 47-63Hz, 50/60Hz.Nom. Input Current: 0.4-0.6A@115Vac typical. 0.22-0.3A@230Vac typical. Inrush Current: 7.6-8.0A (rms) typical or 40-45A(Peak-Peak) @230Vac typical. Input Fuse: Use internal fuse. Dielectric Withstand: Meet IEC950. 3,000Vac-Output/Input. EMI: Meet CISPR PUB.22/ FCC Class B. Hold-up time: 37-54mS @115Vac typical. 180-260mS @230Vac typical. Earth Leakage: Less than 0.25mA @230Vac. Remote ON/OFF: ON(Enable)=Open. OFF(Disable)=Short.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 50 Watts typical. Output Indicator: LED. Line Regulation: Various with output voltage. HAM50S: 0.1% typical. HAM50D/T: 0.1%-0.5% typical. Load Regulation: Various with output voltage. VO1 1.0-2.0% typical. VO2 3-5% typical. (Stacked On). VO3 2%-3% typical. (P.R). Noise & ripple: 1.0% typical peak to peak. OVP: Built-in on main output. Adjustability: Available at main output VO1. Overload Protection (OLP): Fully protected against output overload and short circuit. OLP set at about 120-150% of rating output wattage. Consult the factory for special OLP setting. Operating Temperature: -10C to +75C range. -10C to +50C @ full load without derating. From+50C, derating linearly to half load @+75C.
(Refer to the Derating Chart).
GENERAL SPECIFICATION
Efficiency: 72-85% typical .( Various with output voltage) Switching Frequency: 65KHz. Circuit Topology: Fixed Frequency Flyback circuit. Transient Response Typical peak deviation 250mV, Recovery time < 3mS for a 25% load change. Case: Impact resistant thermo-plastic enclosure. Power Density: 5.0 Watts. / Cubic inch. Safety Standard: EN60950/ UL1950 Class II. MTBF: 110,000 hours. Mil Std 217, 25C.
Storage Temperature: -20C to +85C. Temperature Coefficient: 0.02% /C. Cooling: Convection cooling for +50C @ full load. At least 100LFM moving air is recommended for full load >+50C in a confined area. Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
In application Due to requests in market and advances in technology, specifications subject to change without notice.
-11-
OUTPUT VOLTAGE/ CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO. HAM50-S033075 HAM50-S050060 HAM50-S120042 HAM50-S150035 HAM50-S240021 VO1 @ TYP. 7.5A 6.0A 4.2A 3.5A 2.1A VOLT. 3.3V 5.0V 12.0V 15.0V 24.0V
DUAL OUTPUT
MODEL NO. HAM50-D050E HAM50-D050I HAM50-D120I HAM50-D150K HAM50-D033E VO1 @ TYP. VOLT. 3.0A +5.0V 3.5A +5.0V 2.0A +12.0V 1.7A +15.0V 3.5A +3.3V TYP 3.0A 2.0A 2.0A 1.7A 3.0A VO2 VOLT. -5.0V +12.0V -12.0V -15.0V -5.0V
TRIPLE OUTPUT
MODEL NO. HAM50-T033EE HAM50-T033II HAM50-T033KK HAM50-T050II HAM50-T050KK HAM50-T050IE HAM50-T050MI
Symbols: "" OVP built-in.
VO1 @ TYP. VOLT. 4.0A +3.3V 4.0A +3.3V 4.0A +3.3V 3.5A +5.0V 3.5A +5.0V 3.5A +5.0V 3.5A +5.0V
"@" Adjustable.
VO2 TYP. VOLT. 2.0A +5V 1.0A +12V 0.8A +15V 1.0A +12V 0.8A +15V 1.0A +12V 0.5A +24V
TYP. 0.5A 0.5A 0.5A 0.5A 0.5A 0.5A 0.5A
VO3 VOLT. -5V -12V -15V -12V -15V -5V -12V
"" Installed with Post Regulator (P.R.)
"" Stacked on main O/P. Note: (1) Max. (maximum load) is the continuous operating load of each rail, but the max. load of each rail can not be drawn from all outputs at the same time. (2) Peak output, less than 60 Sec. with duty cycle <10%.
MECHANICAL DIMENSIONS: MM [INCHES]
PIN SINGLE NO. O/P AC-L 1 AC-N 2 Remote 3 On/Off 4 5 6 7 8 No Pin
WEIGHT: 378.0g(13.3Oz) PIN ASSIGNMENT
DUAL O/P AC-L AC-N -VO2 DUAL O/P (+5V/+12V) AC-L AC-N DC COM Remote On/Off No Pin +5V No Pin +12V TRIPLE O/P AC-L AC-N -VO3 Remote On/Off DC COM DC COM +VO1 +VO2
Remote On/Off No Pin No Pin DC COM DC COM No Pin No Pin +VO1 +VO1
DERATING CHART
-12-


▲Up To Search▲   

 
Price & Availability of HAM50-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X